Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C0603C0G1E010CTQ Datasheet(PDF) 9 Page - TDK Electronics

Part # C0603C0G1E010CTQ
Description  MULTILAYER CERAMIC CHIP CAPACITORS
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

C0603C0G1E010CTQ Datasheet(HTML) 9 Page - TDK Electronics

Back Button C0603C0G1E010CTQ Datasheet HTML 5Page - TDK Electronics C0603C0G1E010CTQ Datasheet HTML 6Page - TDK Electronics C0603C0G1E010CTQ Datasheet HTML 7Page - TDK Electronics C0603C0G1E010CTQ Datasheet HTML 8Page - TDK Electronics C0603C0G1E010CTQ Datasheet HTML 9Page - TDK Electronics C0603C0G1E010CTQ Datasheet HTML 10Page - TDK Electronics C0603C0G1E010CTQ Datasheet HTML 11Page - TDK Electronics C0603C0G1E010CTQ Datasheet HTML 12Page - TDK Electronics C0603C0G1E010CTQ Datasheet HTML 13Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
TDK MLCC US Catalog
Version B11
Page 155
G
General
Specifications
C0603 Series – High Q Capacitors
No.
Item
Performance
Test or Inspection Method
9
Solderability
New solder to cover over 75% of
termination.
25% may have pinholes or rough spots
but not concentrated in one spot.
Ceramic surface of A sections shall not
be exposed due to melting or shifting of
termination material.
Completely soak both terminations in solder at
235 5ºC for 2 0.5s.
Solder: H63A (JIS Z 3282)
Flux: Isopropyl alcohol (JIS K 8839)
Rosin (JIS K 5902) 25% solid solution.
10
Resistance to solder heat
Completely soak both terminations in solder at
260 5ºC for 5 1s.
Preheating condition
Temp.: 150 10ºC
Time : 1 to 2min.
Flux: Isopropyl alcohol (JIS K 8839)
Rosin (JIS K 5902) 25% solid solution.
Solder: H63A (JIS Z 3282)
Leave the capacitor in ambient conditions for 6 to 24h
before measurement.
External
appearance
No cracks are allowed and terminations
shall be covered at least 60% with new
solder.
Capacitance
Q (Class 1)
C : Rated capacitance (pF)
Insulation
Resistance
Meet the initial spec.
Voltage
Proof
No insulation breakdown or other
damage.
11
Vibration
Reflow solder the capacitor on P.C. board (shown in
Appendix 1) before testing.
Vibrate the capacitor with amplitude of 1.5mm P-P
sweeping the fre uencies from 10Hz to 55Hz and back
to 10Hz after 1min.
Repeat this for 2h each in 3 perpendicular directions.
External
appearance
No mechanical damage.
Capacitance
Q (Class 1)
C : Rated capacitance (pF)
A section
Characteristics
Change from the
value before test
Class 1
C0G
Capacitance drift within
2.5% or
0.25pF,
whichever larger.
Rated Capacitance
Q
C
30pF
1,000 min.
C < 30pF
400 + 20 C min.
Characteristics
Change from the
value before test
Class 1
C0G
Capacitance drift within
2.5% or
0.25pF,
whichever larger.
Rated Capacitance
Q
C
30pF
1,000 min.
C < 30pF
400+20 C min.
* This series is available through the distribution channel only. Please see www.tdk.com/distributor.php for a list of authorized distributors.


Similar Part No. - C0603C0G1E010CTQ

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
C0603C0G1E010C TDK-C0603C0G1E010C Datasheet
70Kb / 7P
   Ceramic Capacitors For General Use SMD
C0603C0G1E010C TDK-C0603C0G1E010C Datasheet
197Kb / 31P
   Multilayer Ceramic Chip Capacitors
C0603C0G1E010C TDK-C0603C0G1E010C Datasheet
197Kb / 31P
   Multilayer Ceramic Chip Capacitors
C0603C0G1E010C TDK-C0603C0G1E010C Datasheet
197Kb / 31P
   Multilayer Ceramic Chip Capacitors
C0603C0G1E010C TDK-C0603C0G1E010C Datasheet
197Kb / 31P
   Multilayer Ceramic Chip Capacitors
More results

Similar Description - C0603C0G1E010CTQ

ManufacturerPart #DatasheetDescription
logo
EPCOS
X8R EPCOS-X8R Datasheet
112Kb / 13P
   Multilayer ceramic capacitors Chip capacitors
logo
NIC-Components Corp.
NMC0402X7R104K16TRPF NIC-NMC0402X7R104K16TRPF Datasheet
138Kb / 4P
   Multilayer Ceramic Chip Capacitors
logo
TDK Electronics
C1005C0G1H1R5C050BA TDK-C1005C0G1H1R5C050BA Datasheet
173Kb / 31P
   Multilayer Ceramic Chip Capacitors
C1608X5R0J226M080AC TDK-C1608X5R0J226M080AC Datasheet
2Mb / 55P
   MULTILAYER CERAMIC CHIP CAPACITORS
C3216X7R1C105K TDK-C3216X7R1C105K Datasheet
197Kb / 31P
   Multilayer Ceramic Chip Capacitors
C3216X7R1V106M160AC TDK-C3216X7R1V106M160AC Datasheet
2Mb / 55P
   MULTILAYER CERAMIC CHIP CAPACITORS
CKG57NX5R1E476M500JH TDK-CKG57NX5R1E476M500JH Datasheet
109Kb / 9P
   Multilayer Ceramic Chip Capacitors
C3225X5R1C226K TDK-C3225X5R1C226K Datasheet
173Kb / 31P
   Multilayer Ceramic Chip Capacitors
logo
Kyocera Kinseki Corpota...
CM32Y5V106Z16AT KSS-CM32Y5V106Z16AT Datasheet
163Kb / 16P
   Multilayer Ceramic Chip Capacitors
logo
TDK Electronics
C0603X5R0J224K TDK-C0603X5R0J224K Datasheet
463Kb / 2P
   Multilayer Ceramic Chip Capacitors
logo
NIC-Components Corp.
NMC1 NIC-NMC1 Datasheet
268Kb / 4P
   Multilayer Ceramic Chip Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com