Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C0603C0G1E0R8WTQ Datasheet(PDF) 8 Page - TDK Electronics

Part # C0603C0G1E0R8WTQ
Description  MULTILAYER CERAMIC CHIP CAPACITORS
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

C0603C0G1E0R8WTQ Datasheet(HTML) 8 Page - TDK Electronics

Back Button C0603C0G1E0R8WTQ Datasheet HTML 4Page - TDK Electronics C0603C0G1E0R8WTQ Datasheet HTML 5Page - TDK Electronics C0603C0G1E0R8WTQ Datasheet HTML 6Page - TDK Electronics C0603C0G1E0R8WTQ Datasheet HTML 7Page - TDK Electronics C0603C0G1E0R8WTQ Datasheet HTML 8Page - TDK Electronics C0603C0G1E0R8WTQ Datasheet HTML 9Page - TDK Electronics C0603C0G1E0R8WTQ Datasheet HTML 10Page - TDK Electronics C0603C0G1E0R8WTQ Datasheet HTML 11Page - TDK Electronics C0603C0G1E0R8WTQ Datasheet HTML 12Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
TDK MLCC US Catalog
Version B11
Page 154
G
General
Specifications
C0603 Series – High Q Capacitors
No.
Item
Performance
Test or Inspection Method
1
External
Appearance
No defects which may affect
performance.
Inspect with magnifying glass (10 ).
2
Insulation
Resistance
10,000M min.
Apply rated voltage for 60s.
3
Voltage Proof
Withstand test voltage without
insulation breakdown or other damage.
Above DC voltage shall be applied for 1 to 5s. Charge /
discharge current shall not exceed 50mA.
4
Capacitance
Within the specified tolerance.
5Q
(Class 1)
C : Rated capacitance (pF)
See No.4 in this table for measuring condition.
6
Temperature
Characteristics
of Capacitance
(Class 1)
Capacitance drift
Within
0.2% or
0.05pF, whichever
larger.
Temperature coefficient shall be calculated based on
values at 25ºC and 85ºC temperature.
Measuring temperature below 20ºC shall be -10ºC and
-25ºC.
7
Robustness of
Terminations
No sign of termination coming off,
breakage of ceramic, or other abnormal
signs.
Reflow solder the capacitor on P.C. board (shown in
Appendix 1) and apply a pushing force of 2N for
10 1s.
8
Bending
No mechanical damage.
Reflow solder the capacitor on P.C. board (shown in
Appendix 2) and bend it for 1mm.
Class
Apply voltage
Class 1
3
rated voltage
Class
Measuring
Frequency
Measuring voltage
Class 1
1MHz±10%
0.5 - 5 Vrms
Rated Capacitance
Q
C
30pF
1,000 min.
C < 30pF
400 + 20 C min.
T.C.
Temperature Coefficient
C0G
0
30 ppm/ºC
Pushing force
P.C. board
Capacitor
1
20
50
F
R230
45
45
Unit: mm
* This series is available through the distribution channel only. Please see www.tdk.com/distributor.php for a list of authorized distributors.


Similar Part No. - C0603C0G1E0R8WTQ

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
C0603C0G1E0R8W TDK-C0603C0G1E0R8W Datasheet
1Mb / 72P
   MULTILAYER CERAMIC CHIP CAPACITORS
More results

Similar Description - C0603C0G1E0R8WTQ

ManufacturerPart #DatasheetDescription
logo
EPCOS
X8R EPCOS-X8R Datasheet
112Kb / 13P
   Multilayer ceramic capacitors Chip capacitors
logo
NIC-Components Corp.
NMC0402X7R104K16TRPF NIC-NMC0402X7R104K16TRPF Datasheet
138Kb / 4P
   Multilayer Ceramic Chip Capacitors
logo
TDK Electronics
C1005C0G1H1R5C050BA TDK-C1005C0G1H1R5C050BA Datasheet
173Kb / 31P
   Multilayer Ceramic Chip Capacitors
C1608X5R0J226M080AC TDK-C1608X5R0J226M080AC Datasheet
2Mb / 55P
   MULTILAYER CERAMIC CHIP CAPACITORS
C3216X7R1C105K TDK-C3216X7R1C105K Datasheet
197Kb / 31P
   Multilayer Ceramic Chip Capacitors
C3216X7R1V106M160AC TDK-C3216X7R1V106M160AC Datasheet
2Mb / 55P
   MULTILAYER CERAMIC CHIP CAPACITORS
CKG57NX5R1E476M500JH TDK-CKG57NX5R1E476M500JH Datasheet
109Kb / 9P
   Multilayer Ceramic Chip Capacitors
C3225X5R1C226K TDK-C3225X5R1C226K Datasheet
173Kb / 31P
   Multilayer Ceramic Chip Capacitors
logo
Kyocera Kinseki Corpota...
CM32Y5V106Z16AT KSS-CM32Y5V106Z16AT Datasheet
163Kb / 16P
   Multilayer Ceramic Chip Capacitors
logo
TDK Electronics
C0603X5R0J224K TDK-C0603X5R0J224K Datasheet
463Kb / 2P
   Multilayer Ceramic Chip Capacitors
logo
NIC-Components Corp.
NMC1 NIC-NMC1 Datasheet
268Kb / 4P
   Multilayer Ceramic Chip Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com