Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FR101G Datasheet(PDF) 2 Page - Formosa MS

Part # FR101G
Description  1.0 AMP GLASS PASSIVATED FAST RECOVERY RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORMOSA [Formosa MS]
Direct Link  http://www.formosams.com
Logo FORMOSA - Formosa MS

FR101G Datasheet(HTML) 2 Page - Formosa MS

  FR101G Datasheet HTML 1Page - Formosa MS FR101G Datasheet HTML 2Page - Formosa MS  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
0.1
1.0
.01
10
50
RATING AND CHARACTERISTIC CURVES (FR101G THRU FR107G)
CHARACTERISTICS
FIG.2-TYPICAL FORWARD CURRENT DERATING CURVE
FIG.5-TYPICAL JUNCTION CAPACITANCE
REVERSE VOLTAGE,(V)
FORWARD VOLTAGE,(V)
Pulse Width 300us
1% Duty Cycle
0.2
0.4
0.6
0.8
1.0
1.2
0
20
40
60
80
100
120
140
160
180
200
35
30
25
20
15
10
5
0
(+)
(+)
25Vdc
(approx.)
( )
( )
PULSE
GENERATOR
(NOTE 2)
OSCILLISCOPE
(NOTE 1)
1
NON-
INDUCTIVE
W
NOTES: 1. Rise Time= 7ns max., Input Impedance= 1 megohm.22pF.
2. Rise Time= 10ns max., Source Impedance= 50 ohms.
+0.5A
0
-0.25A
-1.0A
|
|
|
|
|
|
|
|
1cm
SET TIME BASE FOR
50 / 10ns / cm
trr
.01
.05
.1
.5
1
5
10
50
100
D.U.T.
.6
.8
1.0
1.2
1.4
1.6
1.8
2.0
3.0
Single Phase
Half Wave 60Hz
Resistive Or Inductive Load
0.375"(9.5mm) Lead Length
FIG.3- TEST CIRCUIT DIAGRAM AND REVERSE
RECOVERY TIME CHARACTERISTICS
10
NONINDUCTIVE
50
NONINDUCTIVE
W
W
Tj=25 C
AMBIENT TEMPERATURE,( C)
FIG.1-TYPICAL FORWARD
0
FIG.4-MAXIMUM NON-REPETITIVE FORWARD
SURGE CURRENT
6
0
12
18
24
30
NUMBER OF CYCLES AT 60Hz
1
10
5
50
100
Tj=25 C
8.3ms Single Half
Sine Wave
JEDEC method


Similar Part No. - FR101G

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
FR101G RECTRON-FR101G Datasheet
257Kb / 2P
   FAST RECOVERY GLASS PASSIVATED RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 1.0 Ampere)
logo
Shanghai Shunye Electro...
FR101G SHUNYE-FR101G Datasheet
1Mb / 2P
   FAST RECOVERY GLASS PASSIVATED RECTIFIERS
logo
Microdiode Electronics ...
FR101G CHENDA-FR101G Datasheet
665Kb / 2P
   FAST RECOVERY RECTIFIERS
logo
Taiwan Semiconductor Co...
FR101G TSC-FR101G Datasheet
68Kb / 2P
   1.0 AMP. Glass Passivated Fast Recovery Rectifiers
logo
SeCoS Halbleitertechnol...
FR101G SECOS-FR101G Datasheet
174Kb / 2P
   1.0 A, Glass Passivated Fast Rectifiers
More results

Similar Description - FR101G

ManufacturerPart #DatasheetDescription
logo
Bytes
FR101G BYTES-FR101G Datasheet
153Kb / 2P
   1.0 AMP GLASS PASSIVATED FAST RECOVERY RECTIFIERS
logo
Formosa MS
1N4942G FORMOSA-1N4942G Datasheet
33Kb / 2P
   1.0 AMP GLASS PASSIVATED FAST RECOVERY RECTIFIERS
logo
UNIOHM CORPORATION
FR101G UNIOHM-FR101G Datasheet
66Kb / 2P
   1.0 AMP GLASS PASSIVATED FAST RECOVERY RECTIFIERS
1N4933G UNIOHM-1N4933G Datasheet
73Kb / 2P
   1.0 AMP GLASS PASSIVATED FAST RECOVERY RECTIFIERS
logo
Nanjing International G...
RS1A DGNJDZ-RS1A Datasheet
132Kb / 2P
   1.0 AMP GLASS PASSIVATED FAST RECOVERY RECTIFIERS
logo
Formosa MS
1N4933G FORMOSA-1N4933G Datasheet
38Kb / 2P
   1.0 AMP GLASS PASSIVATED FAST RECOVERY RECTIFIERS
logo
Bytes
1N4933G BYTES-1N4933G Datasheet
160Kb / 2P
   1.0 AMP GLASS PASSIVATED FAST RECOVERY RECTIFIERS
logo
Goodwork Semiconductor ...
FR101G GWSEMI-FR101G Datasheet
67Kb / 2P
   1.0 AMP GLASS PASSIVATED FAST RECOVERY RECTIFIERS
logo
Formosa MS
FR101GH FORMOSA-FR101GH Datasheet
61Kb / 2P
   1.0 AMP GLASS PASSIVATED FAST RECOVERY RECTIFIERS
logo
Taiwan Semiconductor Co...
F1T1G TSC-F1T1G_1 Datasheet
263Kb / 2P
   1.0 AMP. Glass Passivated Fast Recovery Rectifiers
1N4933G TSC-1N4933G Datasheet
67Kb / 2P
   1.0 AMP. Glass Passivated Fast Recovery Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com