Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DRP012V030W1AZ Datasheet(PDF) 9 Page - Delta Electronics, Inc.

Part # DRP012V030W1AZ
Description  CliQ DIN Rail Power Supply
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

DRP012V030W1AZ Datasheet(HTML) 9 Page - Delta Electronics, Inc.

Back Button DRP012V030W1AZ Datasheet HTML 4Page - Delta Electronics, Inc. DRP012V030W1AZ Datasheet HTML 5Page - Delta Electronics, Inc. DRP012V030W1AZ Datasheet HTML 6Page - Delta Electronics, Inc. DRP012V030W1AZ Datasheet HTML 7Page - Delta Electronics, Inc. DRP012V030W1AZ Datasheet HTML 8Page - Delta Electronics, Inc. DRP012V030W1AZ Datasheet HTML 9Page - Delta Electronics, Inc. DRP012V030W1AZ Datasheet HTML 10Page - Delta Electronics, Inc. DRP012V030W1AZ Datasheet HTML 11Page - Delta Electronics, Inc. DRP012V030W1AZ Datasheet HTML 12Page - Delta Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
TECHNICAL DATASHEET
CliQ DIN Rail Power Supply
12V 30W 1 Phase / DRP012V030W1A□
All parameters are specified at 25°C ambient unless otherwise noted.
www.DeltaPSU.com (September 2013, Rev. 03)
9
Inrush Current
Inrush current is the peak, instantaneous, input current measured
and, occurs when the input voltage is first applied. For AC input
voltages, the maximum peak value of inrush current will occur
during the first half cycle of the applied AC voltage. This peak
value decreases exponentially during subsequent cycles of AC
voltage.
Step Load Response
The power supply output voltage will remains within ±5% of its
steady state value, when subjected to a dynamic load from 10 to
100% of its rated current.
Overvoltage Protection
The power supply’s overvoltage circuit will be activated when its
internal feedback circuit fails. The output voltage shall not exceed
its specifications defined on Page 3 under “Protections”.
Surge Load
It is the reserve power available constantly that allows reliable
startup of loads with high inrush current. After the output has
reached its steady state set value, the power supply can support
surge loads of up to 150% of maximum rated load (Io Max), for a
maximum duration of 3 seconds. The maximum allowed rate of
load change is 0.1amps per microseconds, and the voltage can
vary ±5% from the set value during the duration of the surge load.
Overload & Overcurrent Protections
The power supply’s Overload (OLP) and Over current (OCP)
Protections will be activated when output current exceeds 150% of
IO (Max load). In such occurrence, the VO will start to droop and
once the power supply has reached its maximum power limit, the
protection is activated and the power supply will go into “Hiccup
mode” (Auto-Recovery). The power supply will recover once the
fault condition of the OLP and OCP is removed and IO is back
within the specifications.
Additionally, if the IO is <150% but >100% for a prolong period of
time (depending on the load), the Over Temperature Protection
(OTP) will be activated due to high temperature on critical
components. The power supply will then go into “Hiccup mode”
until the fault is removed.


Similar Part No. - DRP012V030W1AZ

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
DRP012V030W1AZ DELTA-DRP012V030W1AZ Datasheet
985Kb / 2P
   CliQ Din Rail Power Supply 12V 30W 1 Phase Plastic
logo
Powerbox
DRP012V030W1AZ POWERBOX-DRP012V030W1AZ Datasheet
346Kb / 2P
   Power will not de-rate for the entire input voltage range
More results

Similar Description - DRP012V030W1AZ

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
DRP012V100W1AA DELTA-DRP012V100W1AA_14 Datasheet
834Kb / 12P
   CliQ DIN Rail Power Supply
DRP024V480W1AA DELTA-DRP024V480W1AA_14 Datasheet
1Mb / 13P
   CliQ DIN Rail Power Supply
DRP024V060W1AZ DELTA-DRP024V060W1AZ_12 Datasheet
807Kb / 11P
   CliQ DIN Rail Power Supply
DRP-24V48W1AZ DELTA-DRP-24V48W1AZ Datasheet
1Mb / 12P
   CliQ DIN Rail Power Supply
DRP024V240W1AA DELTA-DRP024V240W1AA_14 Datasheet
1Mb / 13P
   CliQ DIN Rail Power Supply
DRP024V120W1AA DELTA-DRP024V120W1AA_14 Datasheet
1Mb / 13P
   CliQ DIN Rail Power Supply
DRP012V060W1AA DELTA-DRP012V060W1AA_13 Datasheet
631Kb / 12P
   CliQ DIN Rail Power Supply
DRP012V015W1AY DELTA-DRP012V015W1AY Datasheet
694Kb / 12P
   CliQ DIN Rail Power Supply
DRP024V060W1AA DELTA-DRP024V060W1AA_14 Datasheet
1Mb / 13P
   CliQ DIN Rail Power Supply
DRP-24V100W1NN DELTA-DRP-24V100W1NN Datasheet
1Mb / 13P
   CliQ II DIN Rail Power Supply
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com