Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PJE5UFN10A_R2_00001 Datasheet(PDF) 2 Page - Pan Jit International Inc.

Part # PJE5UFN10A_R2_00001
Description  IEC61000-4-2(ESD): 15kV Air, 8kV Contact Compliance
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

PJE5UFN10A_R2_00001 Datasheet(HTML) 2 Page - Pan Jit International Inc.

  PJE5UFN10A_R2_00001 Datasheet HTML 1Page - Pan Jit International Inc. PJE5UFN10A_R2_00001 Datasheet HTML 2Page - Pan Jit International Inc. PJE5UFN10A_R2_00001 Datasheet HTML 3Page - Pan Jit International Inc. PJE5UFN10A_R2_00001 Datasheet HTML 4Page - Pan Jit International Inc. PJE5UFN10A_R2_00001 Datasheet HTML 5Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
PPJE5UFN10A
May 8,2014-REV.00
Page 2
Electrical Characteristics (TA=25
o
C unless otherwise noted)
PARAMETER
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNITS
Reverse Stand-Off Voltage
VRWM
-
-
-
5
V
Reverse Breakdown Voltage
VBR
IBR=1mA,
Between any I/O pins
to GND
6
-
9
V
Reverse leakage current
IR
VR=5V,
any I/O pin to GND
-
-
1
μA
Clamping Voltage
VCL
IPP=1A, tP=8/20μs,
any I/O pin to GND
-
9.5
12
V
IPP=2.5A, tP=8/20μs,
any I/O pin to GND
-
11
13
Clamping Voltage TLP
(Note 1)
VCL
IPP=4A, tP=100ns,
any I/O pin to GND
-
12
-
V
IPP=8A, tP=100ns,
any I/O pin to GND
-
14
-
Dynamic Resistance
(Note 1)
RDYN
tP=100ns
-
0.5
-
Ω
Off State Junction Capacitance
CJ
0Vdc Bias f=1MHz,
Between any I/O pins
to GND
-
0.6
0.8
pF
0Vdc Bias f=1MHz,
Between any I/O pins
-
0.35
0.4
NOTES :
1.
Testing using Transmission Line Pulse (TLP) conditions: Z0 = 50Ω, tP = 100 ns.


Similar Part No. - PJE5UFN10A_R2_00001

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
PJE5UFN10A-AU PANJIT-PJE5UFN10A-AU Datasheet
235Kb / 5P
   Ultra Low Capacitance TVS-ESD Protection
More results

Similar Description - PJE5UFN10A_R2_00001

ManufacturerPart #DatasheetDescription
logo
Guangdong Youtai Semico...
SDD32A05L01 UMW-SDD32A05L01 Datasheet
413Kb / 3P
   IEC61000-4-2 ESD 15KV Air, 8KV contact compliance
UAD8C05L01 UMW-UAD8C05L01 Datasheet
368Kb / 4P
   IEC61000-4-2 ESD 15KV Air, 8KV contact compliance
SDD32C05L01 UMW-SDD32C05L01 Datasheet
416Kb / 3P
   IEC61000-4-2 ESD 15KV Air, 8KV contact compliance
SET23AXXL02 UMW-SET23AXXL02 Datasheet
408Kb / 5P
   IEC61000-4-2 ESD 15KV Air, 8KV contact compliance
logo
First Silicon Co., Ltd
PE12A-0402 FS-PE12A-0402 Datasheet
241Kb / 4P
   IEC61000-4-2 ESD contact discharge typical 8KV, max 15KV
logo
Guangdong Youtai Semico...
SDT23CXXL02 UMW-SDT23CXXL02 Datasheet
373Kb / 5P
   IEC61000-4-2 ESD 30KV Air, 30KV contact compliance
PSD03 UMW-PSD03 Datasheet
478Kb / 5P
   Compatible with IEC 61000-4-2 (ESD): Air -15kV, Contact - 8kV
PSOT03 UMW-PSOT03 Datasheet
594Kb / 5P
   Compatible with IEC 61000-4-2 (ESD): Air 15kV, Contact 8kV
logo
Protek Devices
STF701-LF-T7 PROTEC-STF701-LF-T7 Datasheet
708Kb / 7P
   Compatible with IEC 61000-4-2 (ESD) Air 15kV, Contact 8kV
logo
Guangdong Youtai Semico...
PSM712 UMW-PSM712 Datasheet
497Kb / 4P
   Compatible with IEC 61000-4-2 (ESD): Air 15kV,Contact 8kV
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com