Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DRP012V030W1AY Datasheet(PDF) 6 Page - Delta Electronics, Inc.

Part # DRP012V030W1AY
Description  CliQ DIN Rail Power Supply
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

DRP012V030W1AY Datasheet(HTML) 6 Page - Delta Electronics, Inc.

Back Button DRP012V030W1AY Datasheet HTML 2Page - Delta Electronics, Inc. DRP012V030W1AY Datasheet HTML 3Page - Delta Electronics, Inc. DRP012V030W1AY Datasheet HTML 4Page - Delta Electronics, Inc. DRP012V030W1AY Datasheet HTML 5Page - Delta Electronics, Inc. DRP012V030W1AY Datasheet HTML 6Page - Delta Electronics, Inc. DRP012V030W1AY Datasheet HTML 7Page - Delta Electronics, Inc. DRP012V030W1AY Datasheet HTML 8Page - Delta Electronics, Inc. DRP012V030W1AY Datasheet HTML 9Page - Delta Electronics, Inc. DRP012V030W1AY Datasheet HTML 10Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
TECHNICAL DATASHEET
CliQ DIN Rail Power Supply
12V 30W 1 Phase / DRP012V030W1A□
All parameters are specified at 25°C ambient unless otherwise noted.
www.DeltaPSU.com (September 2013, Rev. 03)
6
Dimensions
L x W x D: 100 x 32 x 100.6 mm
Engineering Data
De-rating
Note
1.
Power supply components may degrade, or be
damaged,
when
the
power
supply
is
continuously used outside the shaded region,
refer to the graph shown in Fig. 1.1.
2.
If the output capacity is not reduced when the
surrounding air temperature >50°C, the device
will run into Over Temperature Protection.
When activated, the output voltage will go into
bouncing mode and will recover when the
surrounding air temperature is lowered or the
load is reduced as far as necessary to keep
the device in working condition.
3.
If the device has to be mounted in any other
orientation, please do not hesitate to contact
info@deltapsu.com for more details.
4.
In order for the device to function in the
manner intended, it is also necessary to keep
a safety distance of 20mm with adjacent units
while the device is in operation.
5.
Depending on the surrounding air temperature
and output load delivered by the power
supply, the device housing can be very hot!
Fig. 1.1 De-rating for Vertical Mounting Orientation
> 50°C de-rate power by 2.5% / °C, > 70°C de-rate power by 4% / °C


Similar Part No. - DRP012V030W1AY

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
DRP012V030W1A DELTA-DRP012V030W1A Datasheet
900Kb / 4P
   DIN RAIL POWER SUPPLY
DRP012V030W1AX DELTA-DRP012V030W1AX Datasheet
1Mb / 12P
   Power will not de-rate for the entire input voltage range
DRP012V030W1AZ DELTA-DRP012V030W1AZ Datasheet
985Kb / 2P
   CliQ Din Rail Power Supply 12V 30W 1 Phase Plastic
logo
Powerbox
DRP012V030W1AZ POWERBOX-DRP012V030W1AZ Datasheet
346Kb / 2P
   Power will not de-rate for the entire input voltage range
More results

Similar Description - DRP012V030W1AY

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
DRP012V100W1AA DELTA-DRP012V100W1AA_14 Datasheet
834Kb / 12P
   CliQ DIN Rail Power Supply
DRP024V480W1AA DELTA-DRP024V480W1AA_14 Datasheet
1Mb / 13P
   CliQ DIN Rail Power Supply
DRP024V060W1AZ DELTA-DRP024V060W1AZ_12 Datasheet
807Kb / 11P
   CliQ DIN Rail Power Supply
DRP-24V48W1AZ DELTA-DRP-24V48W1AZ Datasheet
1Mb / 12P
   CliQ DIN Rail Power Supply
DRP024V240W1AA DELTA-DRP024V240W1AA_14 Datasheet
1Mb / 13P
   CliQ DIN Rail Power Supply
DRP024V120W1AA DELTA-DRP024V120W1AA_14 Datasheet
1Mb / 13P
   CliQ DIN Rail Power Supply
DRP012V060W1AA DELTA-DRP012V060W1AA_13 Datasheet
631Kb / 12P
   CliQ DIN Rail Power Supply
DRP012V015W1AY DELTA-DRP012V015W1AY Datasheet
694Kb / 12P
   CliQ DIN Rail Power Supply
DRP024V060W1AA DELTA-DRP024V060W1AA_14 Datasheet
1Mb / 13P
   CliQ DIN Rail Power Supply
DRP-24V100W1NN DELTA-DRP-24V100W1NN Datasheet
1Mb / 13P
   CliQ II DIN Rail Power Supply
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com