Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DRP012V015W1AY Datasheet(PDF) 7 Page - Delta Electronics, Inc.

Part # DRP012V015W1AY
Description  CliQ DIN Rail Power Supply
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

DRP012V015W1AY Datasheet(HTML) 7 Page - Delta Electronics, Inc.

Back Button DRP012V015W1AY Datasheet HTML 3Page - Delta Electronics, Inc. DRP012V015W1AY Datasheet HTML 4Page - Delta Electronics, Inc. DRP012V015W1AY Datasheet HTML 5Page - Delta Electronics, Inc. DRP012V015W1AY Datasheet HTML 6Page - Delta Electronics, Inc. DRP012V015W1AY Datasheet HTML 7Page - Delta Electronics, Inc. DRP012V015W1AY Datasheet HTML 8Page - Delta Electronics, Inc. DRP012V015W1AY Datasheet HTML 9Page - Delta Electronics, Inc. DRP012V015W1AY Datasheet HTML 10Page - Delta Electronics, Inc. DRP012V015W1AY Datasheet HTML 11Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
TECHNICAL DATASHEET
CliQ DIN Rail Power Supply
12V 15W 1 Phase / DRP012V015W1A
All parameters are specified at 25°C ambient unless otherwise noted.
www.DeltaPSU.com (September 2013, Rev. 03)
7
Output De-rating VS. Input Voltage
■No output power de-rating across the entire input
voltage range
Assembly & Installation
The power supply unit (PSU) can be mounted on 35mm DIN rails in accordance with EN60715. The device should be installed horizontally
with input terminal blocks on the bottom.
Each device is delivered ready to install.
Mounting
Dismounting
Snap on the DIN rail as shown on the left:
1. Pull the DIN rail’s latch OUT.
2. Tilt the unit upwards, hook the top end of
onto the DIN rail and push downwards until
stopped.
3. Position the bottom front end against the DIN
rail.
4. Push the unit’s latch DIN rail IN to lock.
To uninstall:
1. Pull the unit’s DIN rail latch OUT.
2. Tilt the bottom part of the unit out.
3. Push the unit up and pull out from the DIN rail.


Similar Part No. - DRP012V015W1AY

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
DRP012V015W1A DELTA-DRP012V015W1A Datasheet
900Kb / 4P
   DIN RAIL POWER SUPPLY
DRP012V015W1AX DELTA-DRP012V015W1AX Datasheet
1Mb / 12P
   Universal AC input voltage
DRP012V015W1AZ DELTA-DRP012V015W1AZ Datasheet
992Kb / 2P
   CliQ Din Rail Power Supply 12V 15W 1 Phase Plastic
logo
Powerbox
DRP012V015W1AZ POWERBOX-DRP012V015W1AZ Datasheet
346Kb / 2P
   Power will not de-rate for the entire input voltage range
More results

Similar Description - DRP012V015W1AY

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
DRP012V030W1AY DELTA-DRP012V030W1AY Datasheet
689Kb / 12P
   CliQ DIN Rail Power Supply
DRP012V100W1AA DELTA-DRP012V100W1AA_14 Datasheet
834Kb / 12P
   CliQ DIN Rail Power Supply
DRP024V480W1AA DELTA-DRP024V480W1AA_14 Datasheet
1Mb / 13P
   CliQ DIN Rail Power Supply
DRP024V060W1AZ DELTA-DRP024V060W1AZ_12 Datasheet
807Kb / 11P
   CliQ DIN Rail Power Supply
DRP-24V48W1AZ DELTA-DRP-24V48W1AZ Datasheet
1Mb / 12P
   CliQ DIN Rail Power Supply
DRP024V240W1AA DELTA-DRP024V240W1AA_14 Datasheet
1Mb / 13P
   CliQ DIN Rail Power Supply
DRP024V120W1AA DELTA-DRP024V120W1AA_14 Datasheet
1Mb / 13P
   CliQ DIN Rail Power Supply
DRP012V060W1AA DELTA-DRP012V060W1AA_13 Datasheet
631Kb / 12P
   CliQ DIN Rail Power Supply
DRP024V060W1AA DELTA-DRP024V060W1AA_14 Datasheet
1Mb / 13P
   CliQ DIN Rail Power Supply
DRP-24V100W1NN DELTA-DRP-24V100W1NN Datasheet
1Mb / 13P
   CliQ II DIN Rail Power Supply
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com