Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DRC-24V30W1AZ Datasheet(PDF) 3 Page - Delta Electronics, Inc.

Part # DRC-24V30W1AZ
Description  Chrome DIN Rail Power Supply
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

DRC-24V30W1AZ Datasheet(HTML) 3 Page - Delta Electronics, Inc.

  DRC-24V30W1AZ Datasheet HTML 1Page - Delta Electronics, Inc. DRC-24V30W1AZ Datasheet HTML 2Page - Delta Electronics, Inc. DRC-24V30W1AZ Datasheet HTML 3Page - Delta Electronics, Inc. DRC-24V30W1AZ Datasheet HTML 4Page - Delta Electronics, Inc. DRC-24V30W1AZ Datasheet HTML 5Page - Delta Electronics, Inc. DRC-24V30W1AZ Datasheet HTML 6Page - Delta Electronics, Inc. DRC-24V30W1AZ Datasheet HTML 7Page - Delta Electronics, Inc. DRC-24V30W1AZ Datasheet HTML 8Page - Delta Electronics, Inc. DRC-24V30W1AZ Datasheet HTML 9Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
TECHNICAL DATASHEET
Chrome DIN Rail Power Supply
24V 30W 1 Phase (Class II & NEC Class 2) / DRC-24V30W1AZ
All parameters are specified at 25°C ambient unless otherwise indicated.
www.DeltaPSU.com (April 2014, Rev. 00)
3
Environment
Surrounding Air Temperature
Operating
-25°C to +71°C
Storage
-25°C to +85°C
Power De-rating
> 55°C de-rate power by 2.5% / °C
Operating Humidity
5 to 95% RH (Non-Condensing)
Operating Altitude
0 to 2,000 Meters
Shock Test (Operating)
IEC 60068-2-27, Half Sine Wave: 4G for a duration of
22ms, 3 shocks for each 3 directions, 9 times in total
Vibration (Operating)
IEC 60068-2-6, Sine Wave: 10-500Hz @ 19.6m/S² (2G
peak); 10 min per cycle, 60 min for all X, Y, Z directions
Pollution Degree
2
Protections
Overvoltage
< 34.8V, SELV Output, Latch-off Mode
Overload / Overcurrent
> 130% of rated load current, Hiccup Mode,
Non-Latching (Auto-Recovery)
Over Temperature
> 75°C Surrounding Air Temperature @ 100% load,
Latch-off Mode
Short Circuit
Hiccup Mode, Non-Latching
(Auto-Recovery when the fault is removed)
Degree of Protection
IP20
Protection Against Shock
Class II (No PE* connection is required)
*PE: Primary Earth
Reliability Data
MTBF
> 500,000 hrs. as per Telcordia SR-332
I/P: 100Vac, O/P: 100% load, Ta: 35°C
Expected Cap Life Time
10 years (115Vac & 230Vac, 50% load @ 40°C)


Similar Part No. - DRC-24V30W1AZ

ManufacturerPart #DatasheetDescription
logo
Powerbox
DRC-24V30W1AZ POWERBOX-DRC-24V30W1AZ Datasheet
287Kb / 3P
   Double Isolation (No earth connection required)
More results

Similar Description - DRC-24V30W1AZ

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
DRC-24V100W1AZ DELTA-DRC-24V100W1AZ Datasheet
1Mb / 12P
   Chrome DIN Rail Power Supply
DRC-12V30W1AZ DELTA-DRC-12V30W1AZ Datasheet
1Mb / 11P
   Chrome DIN Rail Power Supply
DRC-24V10W1AZ DELTA-DRC-24V10W1AZ Datasheet
1Mb / 12P
   Chrome DIN Rail Power Supply
DRC-12V60W1AZ DELTA-DRC-12V60W1AZ Datasheet
969Kb / 11P
   Chrome DIN Rail Power Supply
DRP012V015W1A DELTA-DRP012V015W1A Datasheet
900Kb / 4P
   DIN RAIL POWER SUPPLY
logo
Applied Motion Products...
PS480D72 AMP-PS480D72 Datasheet
950Kb / 6P
   DIN Rail Power Supply
logo
Arch Electronics Corp.
ANCA-DN_SERIES ARCH-ANCA-DN_SERIES Datasheet
187Kb / 3P
   Din Rail Switching Power Supply
AQF120E-180W ARCH-AQF120E-180W_16 Datasheet
533Kb / 8P
   Din Rail Switching Power Supply
logo
Delta Electronics, Inc.
DRS-24V30W1AZ DELTA-DRS-24V30W1AZ Datasheet
835Kb / 11P
   Sync DIN Rail Power Supply
DRS-5V50W1AX DELTA-DRS-5V50W1AX Datasheet
913Kb / 13P
   Sync DIN Rail Power Supply
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com