Electronic Components Datasheet Search |
|
DRC-24V30W1AZ Datasheet(PDF) 8 Page - Delta Electronics, Inc. |
|
DRC-24V30W1AZ Datasheet(HTML) 8 Page - Delta Electronics, Inc. |
8 / 12 page TECHNICAL DATASHEET Chrome DIN Rail Power Supply 24V 30W 1 Phase (Class II & NEC Class 2) / DRC-24V30W1AZ All parameters are specified at 25°C ambient unless otherwise indicated. www.DeltaPSU.com (April 2014, Rev. 00) 8 Safety Instructions Functions ■ Graph illustrating the Start-up Time, Rise Time, and Hold-up Time Start-up Time The time required for the output voltage to reach 90% of its set value, after the input voltage is applied. Rise Time The time required for the output voltage to change from 10% to 90% of its set value. Hold-up Time Hold up time is the time when the AC input collapses and output voltage retains regulation for a certain period of time. The time required for the output to reach 90% of its set value, after the input voltage is removed. – ALWAYS switch mains of input power OFF before connecting and disconnecting the input voltage to the unit. If mains are not turned OFF, there is risk of explosion / severe damage. – To guarantee sufficient convection cooling, keep a distance of 50mm above and below the device as well as a lateral distance of 25mm to other units. – Note that the enclosure of the device can become very hot depending on the surrounding air temperature and load of the power supply. Risk of burns! – DO NOT insert any objects into the unit. – Hazardous voltages may be present for up to 5 minutes after the input mains voltage is disconnected. Do not touch the unit during this time. – The power supplies unit should be installed in minimum IP54 rated enclosure. – The power supplies are built in units and must be installed in a cabinet or room (condensation free environment and indoor location) that is relatively free of conductive contaminants. |
Similar Part No. - DRC-24V30W1AZ |
|
Similar Description - DRC-24V30W1AZ |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |