Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FM3100-A Datasheet(PDF) 1 Page - Formosa MS

Part # FM3100-A
Description  Silicon epitaxial planer type
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORMOSA [Formosa MS]
Direct Link  http://www.formosams.com
Logo FORMOSA - Formosa MS

FM3100-A Datasheet(HTML) 1 Page - Formosa MS

  FM3100-A Datasheet HTML 1Page - Formosa MS FM3100-A Datasheet HTML 2Page - Formosa MS  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Chip Schottky Barrier Diodes
Silicon epitaxial planer type
0.185(4.8)
0.177(4.4)
0.012(0.3) Typ.
0.110(2.8)
0.094(2.4)
0.165(4.2)
0.150(3.8)
0.067(1.7)
0.060(1.5)
0.040 (1.0) Typ.
0.040(1.0) Typ.
Dimensions in inches and (millimeters)
SMA
Features
Plastic package has Underwriters Laboratory
Flammability Classification 94V-O Utilizing Flame
Retardant Epoxy Molding Compound.
For surface mounted applications.
Exceeds environmental standards of MIL-S-19500 /
228
Low leakage current.
Mechanical data
Case : Molded plastic, JEDECDO-214AC
Terminals : Solder plated, solderable per MIL-STD-750,
Method 2026
Polarity : Indicated by c athode band
Mounting Position : Any
Weight : 0.0015 ounce, 0.05 gram
FM320-A THRU FM3100-A
Formosa MS
(V)
(V)
(V)
(V)
(oC)
FM320-A
SS32
20
14
20
FM330-A
SS33
30
21
30
FM340-A
SS34
40
28
40
FM350-A
SS35
50
35
50
FM360-A
SS36
60
42
60
FM380-A
SS38
80
56
80
FM3100-A
S310
100
70
100
SYMBOLS
MARKING
CODE
Operating
temperature
V
RRM
*1
V
RMS
*2
V
R
*3
V
F
*4
0.50
0.75
0.85
-55 to +125
-55 to +150
MAXIMUM RATINGS
(AT TA=25
oC unless otherwise noted)
PARAMETER
CONDITIONS
Symbol
MIN.
TYP.
MAX.
UNIT
Forward rectified current
See Fig.1
IO
3.0
A
Forward surge current
8.3ms single half sine-wave superimposed on
rate load (JEDEC methode)
IFSM
80
A
VR = VRRM TA =
25
oC
0.5
mA
VR = VRRM TA = 125
oC
20
mA
Thermal resistance
Junction to ambient
R
qJA
80
oC / w
Diode junction capacitance
f=1MHz and applied 4vDC reverse voltage
CJ
250
pF
Storage temperature
TSTG
-55
+150
oC
Reverse current
IR
*1 Repetitive peak reverse voltage
*2 RMS voltage
*3 Continuous reverse voltage
*4 Maximum forward voltage


Similar Part No. - FM3100-A

ManufacturerPart #DatasheetDescription
logo
Formosa MS
FM3100-AL FORMOSA-FM3100-AL Datasheet
71Kb / 2P
   Chip Schottky Barrier Diodes - Silicon epitaxial planer type
FM3100-ALN FORMOSA-FM3100-ALN Datasheet
72Kb / 2P
   Chip Schottky Barrier Diodes - Silicon epitaxial planer type
FM3100-AN FORMOSA-FM3100-AN Datasheet
72Kb / 2P
   Chip Schottky Barrier Diodes - Silicon epitaxial planer type
More results

Similar Description - FM3100-A

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
2SD2184 PANASONIC-2SD2184 Datasheet
38Kb / 2P
   Silicon NPN epitaxial planer type(Silicon NPN epitaxial planer type)
2SB642 PANASONIC-2SB642 Datasheet
50Kb / 3P
   Silicon PNP epitaxial planer type(Silicon PNP epitaxial planer type)
2SC3313 PANASONIC-2SC3313 Datasheet
37Kb / 2P
   Silicon NPN epitaxial planer type(Silicon NPN epitaxial planer type)
2SB790 PANASONIC-2SB790 Datasheet
37Kb / 2P
   Silicon PNP epitaxial planer type(Silicon PNP epitaxial planer type)
MA357J PANASONIC-MA357J Datasheet
22Kb / 2P
   Silicon epitaxial planer type
MA360J PANASONIC-MA360J Datasheet
22Kb / 2P
   Silicon epitaxial planer type
MA367 PANASONIC-MA367 Datasheet
23Kb / 2P
   Silicon epitaxial planer type
logo
Formosa MS
FM320 FORMOSA-FM320 Datasheet
70Kb / 2P
   Silicon epitaxial planer type
logo
SHENZHEN YONGERJIA INDU...
DLS120 WINNERJOIN-DLS120 Datasheet
121Kb / 2P
   Silicon epitaxial planer type
logo
PACELEADER INDUSTRIAL
PSL12 PACELEADER-PSL12 Datasheet
260Kb / 2P
   SILICON EPITAXIAL PLANER TYPE
PSL22 PACELEADER-PSL22 Datasheet
262Kb / 2P
   SILICON EPITAXIAL PLANER TYPE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com