Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CBD20120VDC_T0_10001 Datasheet(PDF) 3 Page - Pan Jit International Inc.

Part # CBD20120VDC_T0_10001
Description  Ultra low forward voltage drop, low power loss
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

CBD20120VDC_T0_10001 Datasheet(HTML) 3 Page - Pan Jit International Inc.

  CBD20120VDC_T0_10001 Datasheet HTML 1Page - Pan Jit International Inc. CBD20120VDC_T0_10001 Datasheet HTML 2Page - Pan Jit International Inc. CBD20120VDC_T0_10001 Datasheet HTML 3Page - Pan Jit International Inc. CBD20120VDC_T0_10001 Datasheet HTML 4Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
PAGE . 3
November 11,2013-REV.00
CBD20120VDC
Part No_packing code_Version
CBD20120VDC_T0_00001
CBD20120VDC_T0_10001
For example :
RB500V-40_R2_00001
Part No.
Serial number
Version code means HF
Packing size code means 13"
Packing type means T/R
Packing Code XX
Version Code XXXXX
Packing type
1st Code
Packing size code
2nd Code HF or RoHS 1st Code 2nd~5th Code
Tape and Ammunition Box
(T/B)
A
N/A
0
HF
0
serial number
Tape and Reel
(T/R)
R
7"
1
RoHS
1
serial number
Bulk Packing
(B/P)
B
13"
2
Tube Packing
(T/P)
T
26mm
X
Tape and Reel (Right Oriented)
(TRR)
S
52mm
Y
Tape and Reel (Left Oriented)
(TRL)
L
PANASERT T/B CATHODE UP
(PBCU)
U
FORMING
F
PANASERT T/B CATHODE DOWN
(PBCD)
D


Similar Part No. - CBD20120VDC_T0_10001

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
CBD20120VCT PANJIT-CBD20120VCT Datasheet
98Kb / 4P
   Ultra low forward voltage drop, low power loss
CBD20120VCT_T0_00001 PANJIT-CBD20120VCT_T0_00001 Datasheet
98Kb / 4P
   Ultra low forward voltage drop, low power loss
CBD20120VCT_T0_10001 PANJIT-CBD20120VCT_T0_10001 Datasheet
98Kb / 4P
   Ultra low forward voltage drop, low power loss
CBD20120VFCT PANJIT-CBD20120VFCT Datasheet
87Kb / 4P
   Ultra low forward voltage drop, low power loss
CBD20120VFCT_T0_00001 PANJIT-CBD20120VFCT_T0_00001 Datasheet
87Kb / 4P
   Ultra low forward voltage drop, low power loss
More results

Similar Description - CBD20120VDC_T0_10001

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
CBD20120VFCT PANJIT-CBD20120VFCT Datasheet
87Kb / 4P
   Ultra low forward voltage drop, low power loss
CBD20200VDC PANJIT-CBD20200VDC Datasheet
98Kb / 5P
   Ultra Low forward voltage drop, low power loss
SBM3060VFCT PANJIT-SBM3060VFCT Datasheet
124Kb / 4P
   Ultra low forward voltage drop, low power loss
SDM1260VCS PANJIT-SDM1260VCS Datasheet
114Kb / 4P
   Ultra low forward voltage drop, low power loss
SVM1550V PANJIT-SVM1550V Datasheet
147Kb / 5P
   Ultra low forward voltage drop, low power loss
SVM1550VB PANJIT-SVM1550VB Datasheet
148Kb / 5P
   Ultra low forward voltage drop, low power loss
SDM1650LCS PANJIT-SDM1650LCS Datasheet
108Kb / 4P
   Ultra low forward voltage drop, low power loss
CBD20200VCT PANJIT-CBD20200VCT Datasheet
110Kb / 4P
   Ultra Low forward voltage drop, low power loss
SDM1060LCS PANJIT-SDM1060LCS Datasheet
135Kb / 4P
   Ultra low forward voltage drop, low power loss
CBD20120VCT PANJIT-CBD20120VCT Datasheet
98Kb / 4P
   Ultra low forward voltage drop, low power loss
SBT40100VFCT PANJIT-SBT40100VFCT Datasheet
164Kb / 4P
   Ultra low forward voltage drop, low power loss
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com