Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DRC-12V30W1AZ Datasheet(PDF) 2 Page - Delta Electronics, Inc.

Part # DRC-12V30W1AZ
Description  Chrome DIN Rail Power Supply
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

DRC-12V30W1AZ Datasheet(HTML) 2 Page - Delta Electronics, Inc.

  DRC-12V30W1AZ Datasheet HTML 1Page - Delta Electronics, Inc. DRC-12V30W1AZ Datasheet HTML 2Page - Delta Electronics, Inc. DRC-12V30W1AZ Datasheet HTML 3Page - Delta Electronics, Inc. DRC-12V30W1AZ Datasheet HTML 4Page - Delta Electronics, Inc. DRC-12V30W1AZ Datasheet HTML 5Page - Delta Electronics, Inc. DRC-12V30W1AZ Datasheet HTML 6Page - Delta Electronics, Inc. DRC-12V30W1AZ Datasheet HTML 7Page - Delta Electronics, Inc. DRC-12V30W1AZ Datasheet HTML 8Page - Delta Electronics, Inc. DRC-12V30W1AZ Datasheet HTML 9Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
TECHNICAL DATASHEET
Chrome DIN Rail Power Supply
12V 30W 1 Phase (Class II & NEC Class 2) / DRC-12V30W1AZ
All parameters are specified at 25°C ambient unless otherwise noted.
www.DeltaPSU.com (August 2013, Rev. 00)
2
Specifications
Input Ratings / Characteristics
Nominal Input Voltage
100-240Vac
Input Voltage Range
90-264Vac
Nominal Input Frequency
50-60Hz
Input Frequency Range
47-63Hz
Nominal DC Input Voltage*
125-375Vdc
Input Current
< 0.80A @ 115Vac, < 0.60A @ 230Vac
Efficiency at 100% Load
> 85.0% @ 115Vac & 230Vac
Max Inrush Current
< 25A @ 115Vac, < 50A @ 230Vac
Power Factor
Conform to EN 61000-3-2
Leakage Current
< 0.25mA @ 240Vac
*DC input voltage is not included in the UL safety approval. Additional testing might be necessary.
Output Ratings / Characteristics
Nominal Output Voltage
12Vdc
Output Voltage Tolerance
± 2% (initial set point tolerance from factory)
Output Voltage Adjustment Range
11.5-14.5Vdc
Output Current
2.10A
Output Power
30W
Line Regulation
< 1% typ. (@ 90-264Vac, 100% load)
Load Regulation
< 2% typ. (@ 90-264Vac, 100% load)
PARD (20MHz)
150mVpp
Rise Time
< 100ms @ nominal input (100% load)
Start-up Time
< 3,000ms @ nominal input (100% load)
Hold-up Time
> 25ms @ 115Vac,
> 30ms @ 230Vac (100% load)
Dynamic Response (Overshoot & Undershoot O/P Voltage)
± 5% @ 10-100% load
Start-up with Capacitive Loads
3,000µF Max
Mechanical
Case Cover
Plastic
Dimensions (L x W x D)
91 x 53 x 55.6 mm
Unit Weight
0.14 kg
Indicator
Green LED (DC OK)
Cooling System
Convection
Terminal
Input
2 Pins (Rated 300V/25A)
Output
4 Pins (Rated 300V/25A)
Wire
AWG 24-12
Mounting Rail
Standard TS35 DIN Rail in accordance with EN 60715
Noise (1 Meter from power supply)
Sound Pressure Level (SPL) < 25dBA


Similar Part No. - DRC-12V30W1AZ

ManufacturerPart #DatasheetDescription
logo
Powerbox
DRC-12V30W1AZ POWERBOX-DRC-12V30W1AZ Datasheet
287Kb / 3P
   Double Isolation (No earth connection required)
More results

Similar Description - DRC-12V30W1AZ

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
DRC-24V100W1AZ DELTA-DRC-24V100W1AZ Datasheet
1Mb / 12P
   Chrome DIN Rail Power Supply
DRC-24V10W1AZ DELTA-DRC-24V10W1AZ Datasheet
1Mb / 12P
   Chrome DIN Rail Power Supply
DRC-24V30W1AZ DELTA-DRC-24V30W1AZ Datasheet
1Mb / 12P
   Chrome DIN Rail Power Supply
DRC-12V60W1AZ DELTA-DRC-12V60W1AZ Datasheet
969Kb / 11P
   Chrome DIN Rail Power Supply
DRP012V015W1A DELTA-DRP012V015W1A Datasheet
900Kb / 4P
   DIN RAIL POWER SUPPLY
logo
Applied Motion Products...
PS480D72 AMP-PS480D72 Datasheet
950Kb / 6P
   DIN Rail Power Supply
logo
Arch Electronics Corp.
ANCA-DN_SERIES ARCH-ANCA-DN_SERIES Datasheet
187Kb / 3P
   Din Rail Switching Power Supply
AQF120E-180W ARCH-AQF120E-180W_16 Datasheet
533Kb / 8P
   Din Rail Switching Power Supply
logo
Delta Electronics, Inc.
DRS-24V30W1AZ DELTA-DRS-24V30W1AZ Datasheet
835Kb / 11P
   Sync DIN Rail Power Supply
DRS-5V50W1AX DELTA-DRS-5V50W1AX Datasheet
913Kb / 13P
   Sync DIN Rail Power Supply
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com