Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5611R5 Datasheet(PDF) 1 Page - Visual Communications Company

Part # 5611R5
Description  Rectangular LED Assembly
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VCC [Visual Communications Company]
Direct Link  http://vcclite.com
Logo VCC - Visual Communications Company

5611R5 Datasheet(HTML) 1 Page - Visual Communications Company

  5611R5 Datasheet HTML 1Page - Visual Communications Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
engineered to light up your design
www.vcclite.com
1.800.522.5546
CML and Chicago Miniature Lamp are registered trademarks of Visual Communications Company, LLC.
Features
• Block mounting design assures height and
side-by-side spacing, alignment saves
assembly costs.
• High light output-5 mcd (red).
• Standoffs prevent flux entrapment.
• Large 2.4mm x 7.3mm flat LED face has
even light distribution.
• Diffusion lens
• Holding/Press-in pins secure block to board
while being soldered
Housing: Black Nylon, UL94V-O
Refer to “Mounting Hole Pattern 5.pdf”
5610R, 5611R Series Rectangular LED Assembly
Description and Features
Electro-Optical Characteristics and Ratings
5
5
5
5
3.0
3.0
3.0
3.0
2.2
2.3
2.2
2.1
.06
.09
.09
.09
30
30
30
30
Y ellow
G reen
Amber
R ed
(V)
Max.
(V)
T yp.
C ontinuous
F orward
C urrent Max.
(mA)
P eak F orward
C urrent @
1ms-300 P P S
(A)
R everse
B reakdown
Voltage Min.
(V)
F orward Voltage
E mitted
C olor
P art Number
5610R 1
5610R 3
5610R 5
5610R 7
T ypical
Intensity
(mcd)
5
3.5
3
5
20
20
20
20
R ated
C urrent
(mA)
5
5
5
5
3.0
3.0
3.0
3.0
2.2
2.3
2.2
2.1
.06
.09
.09
.09
30
30
30
30
Y ellow
G reen
Amber
R ed
5611R 1
5611R 3
5611R 5
5611R 7
5
3.5
7
5
20
20
20
20
585
565
600
635
(nm)
Wavelength
P eak
585
565
600
635
All dimensions in inches.
.380
DIM"B "
DIM"A"
MIN.
.150
.100
.210±.020
7.3mm
2.4mm X
LE D
ANODE (+)


Similar Part No. - 5611R5

ManufacturerPart #DatasheetDescription
logo
Chicago Miniature Lamp,...
5611R5 CML-5611R5 Datasheet
24Kb / 1P
   Rectangular LED Assembly
logo
Bi technologies
5611R50KT2L.50XX BITECH-5611R50KT2L.50XX Datasheet
102Kb / 4P
   2 Diameter Single Turn Wirewound Precision Potentiometer
5611R5KT2L.50XX BITECH-5611R5KT2L.50XX Datasheet
102Kb / 4P
   2 Diameter Single Turn Wirewound Precision Potentiometer
More results

Similar Description - 5611R5

ManufacturerPart #DatasheetDescription
logo
Chicago Miniature Lamp,...
5612R1 CML-5612R1 Datasheet
24Kb / 1P
   Rectangular LED Assembly
logo
Visual Communications C...
5612 VCC-5612 Datasheet
89Kb / 1P
   Rectangular LED Assembly
logo
Chicago Miniature Lamp,...
5610R1 CML-5610R1 Datasheet
24Kb / 1P
   Rectangular LED Assembly
logo
Visual Communications C...
6300 VCC-6300 Datasheet
79Kb / 1P
   Tri-Color Rectangular LED Assembly
5638 VCC-5638 Datasheet
88Kb / 1P
   8 Wide Rectangular LED Assembly
5620R VCC-5620R Datasheet
120Kb / 1P
   Rectangular Right Angle LED Assembly
logo
Chicago Miniature Lamp,...
5638D1 CML-5638D1 Datasheet
26Kb / 1P
   8 Wide Rectangular LED Assembly
5620R1 CML-5620R1 Datasheet
26Kb / 1P
   Rectangular Right Angle LED Assembly
5639D1 CML-5639D1 Datasheet
25Kb / 1P
   Rectangular Bicolor Right Angle LED Assembly
logo
Visual Communications C...
5639 VCC-5639 Datasheet
81Kb / 1P
   Rectangular Bicolor Right Angle LED Assembly
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com