Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FFM205 Datasheet(PDF) 2 Page - Formosa MS

Part # FFM205
Description  Fast recovery type
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORMOSA [Formosa MS]
Direct Link  http://www.formosams.com
Logo FORMOSA - Formosa MS

FFM205 Datasheet(HTML) 2 Page - Formosa MS

  FFM205 Datasheet HTML 1Page - Formosa MS FFM205 Datasheet HTML 2Page - Formosa MS  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
0.2
2.0
.02
20
RATING AND CHARACTERISTIC CURVES (FFM201 THRU FFM207)
FIG.1-TYPICAL FORWARD
CHARACTERISTICS
FIG.2-TYPICAL FORWARD CURRENT DERATING CURVE
FIG.5-TYPICAL JUNCTION CAPACITANCE
REVERSE VOLTAGE,(V)
FORWARD VOLTAGE,(V)
Pulse Width 300us
1% Duty Cycle
0.4
0.8
1.2
1.6
2.0
2.4
70
60
50
40
30
20
10
0
(+)
(+)
25Vdc
(approx.)
( )
( )
PULSE
GENERATOR
(NOTE 2)
OSCILLISCOPE
(NOTE 1)
1
NON-
INDUCTIVE
W
NOTES: 1. Rise Time= 7ns max., Input Impedance= 1 megohm.22pF.
2. Rise Time= 10ns max., Source Impedance= 50 ohms.
+0.5A
0
-0.25A
-1.0A
|
|
|
|
|
|
|
|
1cm
SET TIME BASE FOR
50 / 10ns / cm
trr
.01
.05
.1
.5
1
5
10
50
100
D.U.T.
.6
.8
1.0
1.2
1.4
1.6
1.8
2.0
6.0
AMBIENT TEMPERATURE ( C)
FIG.3- TEST CIRCUIT DIAGRAM AND REVERSE
RECOVERY TIME CHARACTERISTICS
10
NONINDUCTIVE
50
NONINDUCTIVE
W
W
Tj=25 C
FIG.4-MAXIMUM NON-REPETITIVE FORWARD
SURGE CURRENT
10
0
20
30
40
50
NUMBER OF CYCLES AT 60Hz
1
10
5
50
100
Tj=25 C
8.3ms Single Half
Sine Wave
JEDEC method
Single Phase
Half Wave 60Hz
Resistive Or Inductive Load
0
20
40
60
80
100
120
140
160
180
200
0


Similar Part No. - FFM205

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
FFM205 RECTRON-FFM205 Datasheet
24Kb / 2P
   SURFACE MOUNT GLASS PASSIVATED FAST RECOVERY SILICON RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 2.0 Amperes)
logo
Leshan Radio Company
FFM205 LRC-FFM205 Datasheet
172Kb / 9P
   Surface Mount Glass Passivated Super Fast Rectifiers Reverse Voltage 50 to 1000V Forward Current 2.0A
logo
List of Unclassifed Man...
FFM205 ETC2-FFM205 Datasheet
90Kb / 2P
   Plastic package has Underwriters Laboratory
logo
SHENZHEN YONGERJIA INDU...
FFM205 WINNERJOIN-FFM205 Datasheet
90Kb / 2P
   Underwriters Laboratory
logo
SUNMATE electronic Co.,...
FFM205 SUNMATE-FFM205 Datasheet
366Kb / 2P
   SURFACE MOUNT FAST RECOVER Y RECTIFIER DIODES
More results

Similar Description - FFM205

ManufacturerPart #DatasheetDescription
logo
SHENZHEN YONGERJIA INDU...
DLF101 WINNERJOIN-DLF101 Datasheet
122Kb / 2P
   Fast recovery type
logo
Formosa MS
FFM301 FORMOSA-FFM301 Datasheet
69Kb / 2P
   Fast recovery type
logo
SHENZHEN YONGERJIA INDU...
F31 WINNERJOIN-F31 Datasheet
90Kb / 2P
   Fast recovery type
logo
Formosa MS
FFM101-M FORMOSA-FFM101-M Datasheet
69Kb / 2P
   Fast recovery type
logo
SHENZHEN YONGERJIA INDU...
FFM101-M WINNERJOIN-FFM101-M Datasheet
150Kb / 2P
   Fast recovery type
logo
Formosa MS
FFM101 FORMOSA-FFM101 Datasheet
68Kb / 2P
   Fast recovery type
logo
Gaomi Xinghe Electronic...
FFM101-M GXELECTRONICS-FFM101-M Datasheet
353Kb / 2P
   Fast recovery type
logo
Formosa MS
HFM101-M FORMOSA-HFM101-M Datasheet
70Kb / 2P
   Ultra fast recovery type
logo
SHENZHEN YONGERJIA INDU...
H21 WINNERJOIN-H21 Datasheet
129Kb / 2P
   Ultra fast recovery type
logo
Formosa MS
SFM11 FORMOSA-SFM11 Datasheet
69Kb / 2P
   Super fast recovery type
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com