Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SDS1306T-330M-N Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # SDS1306T-330M-N
Description  SMD Shielded Power Inductors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SDS1306T-330M-N Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  SDS1306T-330M-N Datasheet HTML 1Page - List of Unclassifed Manufacturers SDS1306T-330M-N Datasheet HTML 2Page - List of Unclassifed Manufacturers SDS1306T-330M-N Datasheet HTML 3Page - List of Unclassifed Manufacturers SDS1306T-330M-N Datasheet HTML 4Page - List of Unclassifed Manufacturers SDS1306T-330M-N Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
SMD Shielded Power Inductors – SDS Series
Electrical Characteristics
Part Number
Inductance
(
H)
Tolerance
(±%)
Q
Min
Q
Frequency
(KHz)
DC Resistance
(Ω) Max
Isat
(A)
Irms
(A)
SRF
(MHz) Typ.
SDS1306T-100M-N
10
20
40
100
0.040
5.5
3.9
24
SDS1306T-150M-N
15
20
40
100
0.048
4.5
3.4
16
SDS1306T-220M-N
22
20
30
100
0.059
3.5
3.1
14
SDS1306T-330M-N
33
20
40
100
0.075
3.3
2.8
11
SDS1306T-470M-N
47
20
40
100
0.097
2.7
2.4
8.0
SDS1306T-680M-N
68
20
40
100
0.140
2.2
2.0
7.0
SDS1306T-101M-N
100
20
40
100
0.210
1.7
1.7
5.5
SDS1306T-151M-N
150
20
50
100
0.300
1.3
1.3
4.8
SDS1306T-221M-N
220
20
50
100
0.470
1.1
1.1
4.0
SDS1306T-331M-N
330
20
50
100
0.780
0.86
0.86
3.0
SDS1306T-471M-N
470
20
50
100
1.08
0.73
0.73
2.4
SDS1306T-681M-N
680
20
60
100
1.40
0.64
0.64
2.0
SDS1306T-102M-N
1000
20
60
100
2.01
0.53
0.53
1.0
 Inductance tested at 0.1 Vrms, 100KHz.
 Inductance drop 10% typ. at Isat.
 40℃ rise typ. at Irms.
 Tolerance: M = ±20%
 Operating temperature range-40℃~125℃ (Including self - temperature rise )
Test Instruments:HP4294A Impedance / Material Analyzer


Similar Part No. - SDS1306T-330M-N

ManufacturerPart #DatasheetDescription
logo
API Delevan
SDS130R API-SDS130R Datasheet
1Mb / 1P
   Surface Mount Shielded Power Choke
SDS130R-103M API-SDS130R-103M Datasheet
1Mb / 1P
   Surface Mount Shielded Power Choke
SDS130R-104M API-SDS130R-104M Datasheet
1Mb / 1P
   Surface Mount Shielded Power Choke
SDS130R-123M API-SDS130R-123M Datasheet
1Mb / 1P
   Surface Mount Shielded Power Choke
SDS130R-124M API-SDS130R-124M Datasheet
1Mb / 1P
   Surface Mount Shielded Power Choke
More results

Similar Description - SDS1306T-330M-N

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SRU5018 BOURNS-SRU5018 Datasheet
159Kb / 2P
   Shielded SMD Power Inductors
SRR4018 BOURNS-SRR4018_08 Datasheet
391Kb / 2P
   Shielded SMD Power Inductors
SRU3009 BOURNS-SRU3009 Datasheet
241Kb / 2P
   Shielded SMD Power Inductors
SRU5028 BOURNS-SRU5028_13 Datasheet
237Kb / 2P
   Shielded SMD Power Inductors
SRU6013 BOURNS-SRU6013 Datasheet
267Kb / 2P
   Shielded SMD Power Inductors
SRU6025 BOURNS-SRU6025_13 Datasheet
243Kb / 2P
   Shielded SMD Power Inductors
logo
List of Unclassifed Man...
SLF1045 ETC-SLF1045 Datasheet
29Kb / 1P
   SMD Shielded Power Inductors
logo
Bourns Electronic Solut...
SRR1240 BOURNS-SRR1240 Datasheet
272Kb / 2P
   Shielded SMD Power Inductors
SRU8028 BOURNS-SRU8028 Datasheet
157Kb / 2P
   Shielded SMD Power Inductors
SRU5011 BOURNS-SRU5011_13 Datasheet
221Kb / 2P
   Shielded SMD Power Inductors
SRU5018 BOURNS-SRU5018_13 Datasheet
210Kb / 2P
   Shielded SMD Power Inductors
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com