Electronic Components Datasheet Search
  English  â–¼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

3341-31BULK Datasheet(PDF) 3 Page - 3M Electronics

Part No. 3341-31BULK
Description  3M I/O Connector Mounting Options and Hardware
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  3M [3M Electronics]
Homepage  http://www.3m.comesd
Logo 3M - 3M Electronics

3341-31BULK Datasheet(HTML) 3 Page - 3M Electronics

  3341-31BULK Datasheet HTML 1Page - 3M Electronics 3341-31BULK Datasheet HTML 2Page - 3M Electronics 3341-31BULK Datasheet HTML 3Page - 3M Electronics 3341-31BULK Datasheet HTML 4Page - 3M Electronics 3341-31BULK Datasheet HTML 5Page - 3M Electronics 3341-31BULK Datasheet HTML 6Page - 3M Electronics 3341-31BULK Datasheet HTML 7Page - 3M Electronics 3341-31BULK Datasheet HTML 8Page - 3M Electronics 3341-31BULK Datasheet HTML 9Page - 3M Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
3
Electronic Solutions Division
Interconnect Solutions
http://www.3Mconnectors.com
3M is a trademark of 3M Company.
For technical, sales or ordering information call
800-225-5373
3M? I/O Connector Mounting Options and Hardware
TS-0142-J
Sheet 3 of 9
Ø .16
[4.0]
.35
[8.9]
.03
[0.8]
M2.5 Thread
x .23 [5.8] Deep
M2.5 Thread
Thread Locking Material
.35
[8.9]
.03
[0.8]
#4-40 Thread
x .23 [5.8] Deep
M2.5 Thread
Thread Locking Material
Ø .19
[4.8]
Ø .16
[4.0]
.35
[8.9]
.03
[0.8]
#4-40 Thread
x .23 [5.8] Deep
#4-40 Thread
Thread Locking Material
Ø .16
[4.0]
.35
[8.9]
.03
[0.8]
#4-40 Thread
x .23 [5.8] Deep
#4-40 Thread
Thread Locking Material
Ø .19
[4.8]
Ø .16
[4.0]
.03
[0.8]
M2 Thread
x .12 [3.0] Deep
M2.5 Thread
Thread Locking Material
Ø .16
[4.0]
Ø .19
[4.8]
.03
[0.8]
.03
[0.8]
.05
[1.3]
.12
[3.0]
.30
[7.6]
.30
[7.6]
.30
[7.6]
.30
[7.6]
.41
[10.4]
3M Part Number
3341-10
Material: Stainless Steel
Screw / Socket Thread Size: M2.5 / M2.5
Recommended Max. Torque: 2.5 inch·lbf [0.3 N·m]
3M Part Number
3341-13
Material: Stainless Steel
Screw / Socket Thread Size: M2.5 / #4-40
Recommended Max. Torque: 2.5 inch·lbf [0.3 N·m]
3M Part Number
3341-16
Material: Stainless Steel
Screw / Socket Thread Size: #4-40 / #4-40
Recommended Max. Torque: 3.5 inch·lbf [0.4 N·m]
3M Part Number
3341-17
Material: Stainless Steel
Screw / Socket Thread Size: #4-40 / #4-40
Recommended Max. Torque: 3.5 inch·lbf [0.4 N·m]
3M Part Number
3341-25
Material: Stainless Steel
Screw / Socket Thread Size: M2.5 / M2
Recommended Max. Torque: 2.5 inch·lbf [0.3 N·m]


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn