Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

3341-31BULK Datasheet(PDF) 2 Page - 3M Electronics

Part No. 3341-31BULK
Description  3M I/O Connector Mounting Options and Hardware
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.comesd
Logo 3M - 3M Electronics

3341-31BULK Datasheet(HTML) 2 Page - 3M Electronics

  3341-31BULK Datasheet HTML 1Page - 3M Electronics 3341-31BULK Datasheet HTML 2Page - 3M Electronics 3341-31BULK Datasheet HTML 3Page - 3M Electronics 3341-31BULK Datasheet HTML 4Page - 3M Electronics 3341-31BULK Datasheet HTML 5Page - 3M Electronics 3341-31BULK Datasheet HTML 6Page - 3M Electronics 3341-31BULK Datasheet HTML 7Page - 3M Electronics 3341-31BULK Datasheet HTML 8Page - 3M Electronics 3341-31BULK Datasheet HTML 9Page - 3M Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
3
Electronic Solutions Division
Interconnect Solutions
http://www.3Mconnectors.com
3M is a trademark of 3M Company.
For technical, sales or ordering information call
800-225-5373
3MI/O Connector Mounting Options and Hardware
TS-0142-J
Sheet 2 of 9
HEX
.43
[10.9]
HEX
.62
[15.8]
HEX
#4-40 Thread
HEX
.30 MIN
[7.6]
#4-40 Thread
#4-40 Thread
#4-40 Thread
#4-40 Thread
.30
[7.6]
.17
[4.3]
M3.5 Thread
x .24 [6.1] Deep
Ø .28
[7.1]
Ø .19
[4.7]
.19
[4.8]
.13
[3.3]
.30
[7.6]
.19
[4.8]
.31
[7.9]
.19
[4.8]
.19
[4.8]
.19
[4.8]
.19
[4.8]
#4-40 Thread
x .15 [3.8] Deep
#4-40 Thread
x .09 [2.3] Deep
#4-40 Thread
x .26 [6.6] Min Deep
#4-40 Thread
x .15 [3.8] Deep
.31
[7.9]
.43
[10.8]
.39
[10.0]
Jack Socket Screws
3M Part Number
3341-1L
Material: Steel
Finish: Zinc with Clear Chromate
Screw / Socket Thread Size: #4-40 / #4-40
Recommended Max. Torque: 7.0 inch·lbf [0.8 N·m]
Kit Contents:
2 - Jack Sockets
4 - Spacers .031 [0.79] Thick
2 - Lock Washers
2 - 4-40 Nuts
3M Part Number
3341-1S
Material: Steel
Finish: Zinc with Clear Chromate
Screw / Socket Thread Size: #4-40 / #4-40
Recommended Max. Torque: 7.0 inch·lbf [0.8 N·m]
Kit Contents:
2 - Jack Sockets
8 - Spacers .031 [0.79] Thick
2 - Lock Washers
2 - 4-40 Nuts
3M Part Number
3341-2
Material: Steel
Finish: Zinc with Clear Chromate
Screw / Socket Thread Size: #4-40 / #4-40
Recommended Max. Torque: 7.0 inch·lbf [0.8 N·m]
Kit Contents:
2 - Jack Sockets
2 - Lock Washers
2 - 4-40 Nuts
3M Part Number
3341-3
IEEE-488-Type
Material: Steel
Finish: Black Oxide
Screw / Socket Thread Size: #4-40 / M3.5
Recommended Max. Torque: 7.0 inch·lbf [0.8 N·m]
Kit Contents:
2 - Jack Sockets
4 - Spacers .031 [0.79] Thick
2 - Lock Washers
2 - 4-40 Nuts
3M Part Number
3341-4
Material: Steel
Finish: Zinc with Clear Chromate
Screw / Socket Thread Size: #4-40 /#4-40
Recommended Max. Torque: 7.0 inch·lbf [0.8 N·m]
Kit Contents:
2 - Jack Sockets
4 - Spacers .031 [0.79] Thick
2 - Lock Washers
2 - 4-40 Nuts


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn