Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

3341-31BULK Datasheet(PDF) 8 Page - 3M Electronics

Part No. 3341-31BULK
Description  3M I/O Connector Mounting Options and Hardware
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  3M [3M Electronics]
Homepage  http://www.3m.comesd
Logo 3M - 3M Electronics

3341-31BULK Datasheet(HTML) 8 Page - 3M Electronics

Back Button 3341-31BULK Datasheet HTML 2Page - 3M Electronics 3341-31BULK Datasheet HTML 3Page - 3M Electronics 3341-31BULK Datasheet HTML 4Page - 3M Electronics 3341-31BULK Datasheet HTML 5Page - 3M Electronics 3341-31BULK Datasheet HTML 6Page - 3M Electronics 3341-31BULK Datasheet HTML 7Page - 3M Electronics 3341-31BULK Datasheet HTML 8Page - 3M Electronics 3341-31BULK Datasheet HTML 9Page - 3M Electronics 3341-31BULK Datasheet HTML 10Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
3
Electronic Solutions Division
Interconnect Solutions
http://www.3Mconnectors.com
3M is a trademark of 3M Company.
For technical, sales or ordering information call
800-225-5373
3MI/O Connector Mounting Options and Hardware
TS-0142-J
Sheet 8 of 9
Ø .15
[3.8]
Max
.197
[5.00]
.21
[5.3]
Thread Locking Material
.04
[1.0]
Ø .15
[3.8]
Max
M2 Thread
x .13 [3.4] Deep
.19
[4.8]
.22
[5.6]
.04
[1.0]
Panel Thickness
Panel Thickness
M2 Thread
Thread Locking Material
M2 Thread
.04
[1.0]
Ø .15
[3.8]
Max
M2 Thread
x .13 [3.4] Deep
.18
[4.6]
.23
[5.8]
.04
[1.0]
Panel Thickness
Thread Locking Material
M2 Thread
.05
[1.2]
Ø .16
[4.0]
.20
[5.0]
.07
[1.7]
M2 Thread
x .13 [3.4] Deep
.03
[0.8]
3M Part Number
12600-S-08
For .03” [0.8 mm] Panel Thickness
Material: Steel
Finish: Nickel Plated
Screw / Socket Thread Size: M2 / M2
Recommended Max. Torque: 2.5 inch·lbf [0.3 N·m]
3M Part Number
12600-S-10
For .04” [1.0 mm] Panel Thickness
Material: Steel
Finish: Nickel Plated
Screw / Socket Thread Size: M2 / M2
Recommended Max. Torque: 2.5 inch·lbf [0.3 N·m]
3M Part Number
12600-S-12
For .05” [1.2 mm] Panel Thickness
Material: Steel
Finish: Nickel Plated
Screw / Socket Thread Size: M2 / M2
Recommended Max. Torque: 2.5 inch·lbf [0.3 N·m]
3M Part Number
3344-46
Material: Stainless Steel
Thread size: M2
Recommended Max. Torque: 2.5 inch·lbf [0.3 N·m]
Jack Socket Screws
Use to attach connector to panel or chassis. Not for use for PC board mounting.
Board Lock Screw
Use to attach connector to printed circuit board. Not for use for panel mounting.


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn