Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

3341-31BULK Datasheet(PDF) 6 Page - 3M Electronics

Part No. 3341-31BULK
Description  3M I/O Connector Mounting Options and Hardware
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.comesd
Logo 3M - 3M Electronics

3341-31BULK Datasheet(HTML) 6 Page - 3M Electronics

Back Button 3341-31BULK Datasheet HTML 2Page - 3M Electronics 3341-31BULK Datasheet HTML 3Page - 3M Electronics 3341-31BULK Datasheet HTML 4Page - 3M Electronics 3341-31BULK Datasheet HTML 5Page - 3M Electronics 3341-31BULK Datasheet HTML 6Page - 3M Electronics 3341-31BULK Datasheet HTML 7Page - 3M Electronics 3341-31BULK Datasheet HTML 8Page - 3M Electronics 3341-31BULK Datasheet HTML 9Page - 3M Electronics 3341-31BULK Datasheet HTML 10Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
3
Electronic Solutions Division
Interconnect Solutions
http://www.3Mconnectors.com
3M is a trademark of 3M Company.
For technical, sales or ordering information call
800-225-5373
3MI/O Connector Mounting Options and Hardware
TS-0142-J
Sheet 6 of 9
.24 NOM.
[6.0]
.079 MAX
[2.00]
.25 NOM.
[6.4]
.075 MAX
[1.91]
.31 NOM.
[8.0]
.071 MAX
[1.80]
.31 NOM.
[8.0]
.071 MAX
[1.80]
.375 NOM.
[9.52]
.075 MAX
[1.91]
Ø .20 MAX
[5.0]
Ø .18 MAX
[4.5]
Ø .18 MAX
[4.5]
Ø .18 MAX
[4.5]
Ø .18 MAX
[4.5]
.31 NOM.
[8.0]
.071 MAX
[1.80]
Ø .18 MAX
[4.5]
3M Part Number
3344-3
Material: Steel
Finish: Nickel Plated
Thread size: M2.5
Recommended Max. Torque: 2.5 inch·lbf [0.3 N·m]
Board Lock Screws
Use to attach connector to printed circuit board. Not for use for panel mounting.
3M Part Number
3344-4
Material: Steel
Finish: Nickel Plated
Thread size: #4-40
Recommended Max. Torque: 3.5 inch·lbf [0.4 N·m]
3M Part Number
3344-26
Material: Steel
Finish: Zinc
Thread size: M2.6
Recommended Max. Torque: 2.5 inch·lbf [0.3 N·m]
3M Part Number
3344-38
Material: Steel
Finish: Zinc
Thread size: M2.5
Recommended Max. Torque: 2.5 inch·lbf [0.3 N·m]
3M Part Number
3344-44
Material: Steel
Finish: Zinc
Thread size: #4-40
Recommended Max. Torque: 3.5 inch·lbf [0.4 N·m]
Panel Mount Screws
Use to attach connector to panel or chassis. Not for use for PCB mounting.
.24 NOM.
[6.0]
.079 MAX
[2.00]
.25 NOM.
[6.4]
.075 MAX
[1.91]
.31 NOM.
[8.0]
.071 MAX
[1.80]
.31 NOM.
[8.0]
.071 MAX
[1.80]
.375 NOM.
[9.52]
.075 MAX
[1.91]
Ø .20 MAX
[5.0]
Ø .18 MAX
[4.5]
Ø .18 MAX
[4.5]
Ø .18 MAX
[4.5]
Ø .18 MAX
[4.5]
.31 NOM.
[8.0]
.071 MAX
[1.80]
Ø .18 MAX
[4.5]
3M Part Number
3344-45
Material: Stainless Steel
Thread size: M2.5
Recommended Max. Torque: 2.5 inch·lbf [0.3 N·m]


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn