Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SQV Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # SQV
Description  SMD Wire Wound Ferrite Chip Inductors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SQV Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  SQV Datasheet HTML 1Page - List of Unclassifed Manufacturers SQV Datasheet HTML 2Page - List of Unclassifed Manufacturers SQV Datasheet HTML 3Page - List of Unclassifed Manufacturers SQV Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SMD Wire Wound Ferrite Chip Inductors - SQV Series
SQV Series
SQV Series comes in 2 sizes with wide inductance range, high Q value
at high frequencies and low DC resistance.
Features
Applications
 RoHS compliant
 Miniature chip inductors wound on a special ferrite core
 High Q value at high frequencies and low DC resistance
 Wide inductance range
 Excellent solder heat resistance
 Both flow and reflow soldering methods can be employed
 Personal, cordless phone
 High Freq. communication products
 GPS (global position system)
 Personal computers
Product Identification
Shape and Dimensions
Recommended Pattern
SQV322520
SQV453226
Dimensions in mm
TYPE
A
B
C
D
E
F
SQV322520
3.2±0.3
2.5±0.2
2.0±0.2
-
-
-
SQV453226
4.5±0.3
3.6±0.2
2.6±0.2
3.2±0.2
3.2±0.2
3.2±0.2
Dimensions in mm
TYPE
A
B
C
D
E
SQV322520
5.5
1.0
1.3
1.0
2.0
SQV453226
7.5
1.5
1.5
1.5
3.0
 Packaging: T:Tape and Reel


Similar Part No. - SQV

ManufacturerPart #DatasheetDescription
logo
Shanghai Leiditech Elec...
SQV05C LEIDITECH-SQV05C Datasheet
158Kb / 3P
   USB 2.0 power and data line
logo
Vishay Siliconix
SQV120N06-4m7L VISHAY-SQV120N06-4m7L Datasheet
220Kb / 10P
   Automotive N-Channel 40 V (D-S) 175 °C MOSFET
Rev. A, 14-Dec-15
SQV120N06-4m7L VISHAY-SQV120N06-4m7L Datasheet
215Kb / 9P
   Automotive N-Channel 80 V (D-S) 175 °C MOSFET
Rev. A, 14-Dec-15
SQV120N06-4m7L VISHAY-SQV120N06-4m7L Datasheet
223Kb / 10P
   Automotive N-Channel 100 V (D-S) 175 °C MOSFET
Rev. A, 18-Apr-16
SQV120N06-4m7L-GE3 VISHAY-SQV120N06-4m7L-GE3 Datasheet
180Kb / 10P
   Automotive P-Channel 60 V (D-S) 175 MOSFET
Rev. B, 30-Jul-12
More results

Similar Description - SQV

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
0805F-78NK FRONTIER-0805F-78NK Datasheet
86Kb / 2P
   SMD Wire Wound Ferrite Chip Inductors
logo
List of Unclassifed Man...
SQC ETC2-SQC Datasheet
463Kb / 7P
   SMD Wire Wound Ferrite Chip Inductors
logo
Frontier Electronics.
1008F-47NM FRONTIER-1008F-47NM Datasheet
72Kb / 3P
   SMD Wire Wound Ferrite Chip Inductors
0603LS FRONTIER-0603LS Datasheet
242Kb / 3P
   SMD WIRE WOUND FERRITE CHIP INDUCTORS
0805F FRONTIER-0805F_15 Datasheet
179Kb / 2P
   SMD WIRE WOUND FERRITE CHIP INDUCTORS
0805F FRONTIER-0805F Datasheet
79Kb / 2P
   SMD Wire Wound Ferrite Chip Inductors
1008F FRONTIER-1008F Datasheet
214Kb / 2P
   SMD WIRE WOUND FERRITE CHIP INDUCTORS
1008F FRONTIER-1008F Datasheet
66Kb / 2P
   SMD Wire Wound Ferrite Chip Inductors
logo
List of Unclassifed Man...
NLC ETC2-NLC Datasheet
237Kb / 4P
   SMD Wire Wound Ferrite Chip Inductors
logo
Frontier Electronics.
1210F-10N FRONTIER-1210F-10N Datasheet
108Kb / 3P
   SMD Wire Wound Ferrite Chip Inductors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com