Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SDT Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # SDT
Description  SMD Shielded Power Inductors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SDT Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  SDT Datasheet HTML 1Page - List of Unclassifed Manufacturers SDT Datasheet HTML 2Page - List of Unclassifed Manufacturers SDT Datasheet HTML 3Page - List of Unclassifed Manufacturers SDT Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
SMD Shielded Power Inductors – SDT Series
Electrical Characteristics
Specifications
Operating Parameters
Part Number
Inductance
(
H)
Tolerance
(±%)
DC
Resistance
(Ω) Max
Self
Resonant
Frequency
(MHz) Typ.
Inductance
Rating
(
H)
Current
Rating
(A)
Energy
Storage
(
 Joules) Max
Switching
Frequency
Max
SDT0804T-1R0M-N
1.0
20
0.025
60
0.50
5.0
9
1 MHz
SDT0804T-1R5M-N
1.5
20
0.030
55
0.70
5.0
12
1 MHz
SDT0804T-2R2M-N
2.2
20
0.035
55
1.00
5.0
15
1 MHz
SDT0804T-3R3M-N
3.3
20
0.040
50
1.50
5.0
16
1 MHz
SDT0804T-4R7M-N
4.7
20
0.045
45
2.00
3.0
10
1 MHz
SDT0804T-6R8M-N
6.8
20
0.050
40
4.00
2.5
14
1 MHz
SDT0804T-100M-N
10
20
0.055
35
5.00
2.0
11
1 MHz
SDT0804T-150M-N
15
20
0.060
25
6.00
1.8
12
1 MHz
SDT0804T-220M-N
22
20
0.084
22
10
1.5
11
1 MHz
SDT0804T-330M-N
33
20
0.090
18
12
1.3
13
1 MHz
SDT0804T-470M-N
47
20
0.11
16
27
1.0
13
1 MHz
SDT0804T-680M-N
68
20
0.15
12
40
0.90
17
1 MHz
SDT0804T-101M-N
100
20
0.29
9
50
0.80
15
1 MHz
SDT0804T-151M-N
150
20
0.36
8
80
0.60
15
500 KHz
SDT0804T-221M-N
220
20
0.39
6
90
0.50
10
500 KHz
SDT0804T-331M-N
330
20
0.73
5
150
0.40
13
500 KHz
SDT0804T-471M-N
470
20
0.88
4
200
0.35
13
500 KHz
SDT0804T-681M-N
680
20
1.15
3
300
0.30
13
500 KHz
SDT0804T-102M-N
1000
20
1.45
2.5
420
0.25
13
500 KHz
 Inductance tested at 100 KHz,
 Measured at the rated current. Refer to curves below for more detail.
 Average maximum allowable current. SDT Series inductors are designed for current spikes as high as 2X the current rating
 Tolerance: M = ±20%
 Operating temperature range -40℃~125℃ (Including self - temperature rise )
Typical Inductance Energy Storage VS. Current


Similar Part No. - SDT

ManufacturerPart #DatasheetDescription
logo
C&K Components
SDT CK-COMPONENTS-SDT Datasheet
139Kb / 1P
   Micro Mini Pendulum Surface Mount Detect Switches
logo
TE Connectivity Ltd
SDT TEC-SDT Datasheet
129Kb / 3P
   Shielded coaxial cable lead
logo
Tyco Electronics
SDT MACOM-SDT Datasheet
173Kb / 2P
   10 Amp Miniature Power PC Board Relay
logo
Micro Electronics
SDT-1204P MICRO-ELECTRONICS-SDT-1204P Datasheet
201Kb / 1P
   SMD POWER INDUCTORS
SDT-1204P-9RO-121 MICRO-ELECTRONICS-SDT-1204P-9RO-121 Datasheet
201Kb / 1P
   SMD POWER INDUCTORS
More results

Similar Description - SDT

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SRU5018 BOURNS-SRU5018 Datasheet
159Kb / 2P
   Shielded SMD Power Inductors
SRR4018 BOURNS-SRR4018_08 Datasheet
391Kb / 2P
   Shielded SMD Power Inductors
SRU3009 BOURNS-SRU3009 Datasheet
241Kb / 2P
   Shielded SMD Power Inductors
SRU5028 BOURNS-SRU5028_13 Datasheet
237Kb / 2P
   Shielded SMD Power Inductors
SRU6013 BOURNS-SRU6013 Datasheet
267Kb / 2P
   Shielded SMD Power Inductors
SRU6025 BOURNS-SRU6025_13 Datasheet
243Kb / 2P
   Shielded SMD Power Inductors
logo
List of Unclassifed Man...
SLF1045 ETC-SLF1045 Datasheet
29Kb / 1P
   SMD Shielded Power Inductors
logo
Bourns Electronic Solut...
SRR1240 BOURNS-SRR1240 Datasheet
272Kb / 2P
   Shielded SMD Power Inductors
SRU8028 BOURNS-SRU8028 Datasheet
157Kb / 2P
   Shielded SMD Power Inductors
SRU5011 BOURNS-SRU5011_13 Datasheet
221Kb / 2P
   Shielded SMD Power Inductors
SRU5018 BOURNS-SRU5018_13 Datasheet
210Kb / 2P
   Shielded SMD Power Inductors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com