Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SCDS2D18HP Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # SCDS2D18HP
Description  SMD Shielded Power Inductors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SCDS2D18HP Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  SCDS2D18HP Datasheet HTML 1Page - List of Unclassifed Manufacturers SCDS2D18HP Datasheet HTML 2Page - List of Unclassifed Manufacturers SCDS2D18HP Datasheet HTML 3Page - List of Unclassifed Manufacturers SCDS2D18HP Datasheet HTML 4Page - List of Unclassifed Manufacturers SCDS2D18HP Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
SMD Shielded Power Inductors - SCDS Series
Standard Specifications
Rated Current (A)
Stamp
Inductance
(
H)
SCDS
2D11
SCDS
2D14
SCDS
2D18LD
SCDS
2D18HP
SCDS
3D11
SCDS
3D11HP
SCDS
3D16
SCDS
3D28
SCDS
3D28LD
R60
0.6
2.90
1R0
1.0
1.60
1R2
1.2
2.00
1R5
1.5
0.90
1.80
1.85
1.55
1R7
1.7
1.85
1R8
1.8
1.65
2R2
2.2
0.78
1.50
0.85
1.60
1.60
1.20
2R7
2.7
1.35
0.53
3R3
3.3
0.60
1.20
0.75
1.45
1.25
1.10
2.00
3R9
3.9
1.10
4R7
4.7
0.50
1.00
0.63
1.20
0.40
1.00
0.90
1.65
5R6
5.6
0.95
0.80
6R3
6.3
1.05
6R8
6.8
0.44
0.85
0.52
0.34
0.85
0.73
1.24
8R2
8.2
0.80
0.32
100
10
0.35
0.70
0.43
0.85
0.28
0.80
0.55
1.05
0.50
120
12
0.62
0.25
0.64
0.45
150
15
0.35
0.70
0.23
0.58
0.45
0.90
0.40
180
18
0.21
0.52
0.35
220
22
0.30
0.19
0.45
0.40
0.76
0.33
270
27
0.17
0.29
330
33
0.24
0.15
0.32
0.58
0.28
390
39
0.14
0.25
470
47
0.20
0.48
0.23
560
56
0.20
680
68
0.185
820
82
0.172
101
100
0.13
0.160
121
120
0.136
151
150
0.124
181
180
0.119
221
220
0.116
Tolerance Of Inductors
 SCDS 2D11
1.5 ~ 10uH ± 30%
 SCDS3D11
2.7 ~ 39 uH ± 30%
 SCDS 2D14
1.5 ~ 12
H ± 30%
 SCDS3D11HP
0.6 ~ 22 uH ± 30%
 SCDS 2D18LD
2.2 ~ 47
H ± 30%
 SCDS3D16
1.0 ~ 100 uH ± 30%
 SCDS 2D18HP
1.7 ~ 15
H ± 30%
 SCDS3D28
3.3 ~ 47 uH ± 30%
 Tolerance: M = ±20% , T = ±30% , N =
+40
-20%
 SCDS3D28LD
10 ~ 220 uH ± 30%


Similar Part No. - SCDS2D18HP

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SCDS0506 SECOS-SCDS0506 Datasheet
645Kb / 2P
   VOLTAGE 800V 0.5 AMP Glass Passivated Super Fast Recovery Rectifier
SCDS101 SECOS-SCDS101 Datasheet
653Kb / 2P
   1.0 AMP Glass Passivated Super Fast Recovery Rectifier
SCDS101 SECOS-SCDS101 Datasheet
136Kb / 2P
   Voltage 50V ~ 200V 1.0 Amp Surface Mount Schottky Barrier Rectifiers
SCDS101 SECOS-SCDS101_12 Datasheet
136Kb / 2P
   Voltage 50V ~ 200V 1.0 Amp Surface Mount Schottky Barrier Rectifiers
SCDS102 SECOS-SCDS102 Datasheet
136Kb / 2P
   Voltage 50V ~ 200V 1.0 Amp Surface Mount Schottky Barrier Rectifiers
More results

Similar Description - SCDS2D18HP

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SRU5018 BOURNS-SRU5018 Datasheet
159Kb / 2P
   Shielded SMD Power Inductors
SRR4018 BOURNS-SRR4018_08 Datasheet
391Kb / 2P
   Shielded SMD Power Inductors
SRU3009 BOURNS-SRU3009 Datasheet
241Kb / 2P
   Shielded SMD Power Inductors
SRU5028 BOURNS-SRU5028_13 Datasheet
237Kb / 2P
   Shielded SMD Power Inductors
SRU6013 BOURNS-SRU6013 Datasheet
267Kb / 2P
   Shielded SMD Power Inductors
SRU6025 BOURNS-SRU6025_13 Datasheet
243Kb / 2P
   Shielded SMD Power Inductors
logo
List of Unclassifed Man...
SLF1045 ETC-SLF1045 Datasheet
29Kb / 1P
   SMD Shielded Power Inductors
logo
Bourns Electronic Solut...
SRR1240 BOURNS-SRR1240 Datasheet
272Kb / 2P
   Shielded SMD Power Inductors
SRU8028 BOURNS-SRU8028 Datasheet
157Kb / 2P
   Shielded SMD Power Inductors
SRU5011 BOURNS-SRU5011_13 Datasheet
221Kb / 2P
   Shielded SMD Power Inductors
SRU5018 BOURNS-SRU5018_13 Datasheet
210Kb / 2P
   Shielded SMD Power Inductors
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com