Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LVS606020 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # LVS606020
Description  Sealed Power Inductors
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

LVS606020 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  LVS606020 Datasheet HTML 1Page - List of Unclassifed Manufacturers LVS606020 Datasheet HTML 2Page - List of Unclassifed Manufacturers LVS606020 Datasheet HTML 3Page - List of Unclassifed Manufacturers LVS606020 Datasheet HTML 4Page - List of Unclassifed Manufacturers LVS606020 Datasheet HTML 5Page - List of Unclassifed Manufacturers LVS606020 Datasheet HTML 6Page - List of Unclassifed Manufacturers LVS606020 Datasheet HTML 7Page - List of Unclassifed Manufacturers LVS606020 Datasheet HTML 8Page - List of Unclassifed Manufacturers LVS606020 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
Sealed Power Inductors – LVS Series
Electrical Characteristics
Part Number
Inductance
(uH)
Test
Frequency
(KHz)
Tolerance
(±%)
RDC
(mΩ) ±30%
Isat (A)
Typ. (Max)
Irms (A)
Typ. (Max)
Marking
LVS404012-1R0□-N
1.0
100
30
48
2.50(2.25)
1.70(1.53)
1R0
LVS404012-1R5□-N
1.5
100
30
58
2.10(1.89)
1.60(1.44)
1R5
LVS404012-2R2□-N
2.2
100
20, 30
65
1.70(1.53)
1.50(1.35)
2R2
LVS404012-3R3□-N
3.3
100
20, 30
90
1.30(1.17)
1.40(1.26)
3R3
LVS404012-4R7□-N
4.7
100
20, 30
110
1.10(0.99)
1.20(1.08)
4R7
LVS404012-6R8□-N
6.8
100
20, 30
135
0.90(0.81)
1.05(0.94)
6R8
LVS404012-100□-N
10
100
20, 30
190
0.78(0.70)
0.90(0.81)
100
LVS404012-150□-N
15
100
20, 30
250
0.65(0.58)
0.85(0.76)
150
LVS404012-220□-N
22
100
20, 30
400
0.52(0.46)
0.75(0.67)
220
LVS404012-330□-N
33
100
20, 30
600
0.44(0.39)
0.70(0.63)
330
LVS404012-470□-N
47
100
20, 30
930
0.35(0.31)
0.50(0.45)
470
 When ordering, please specify tolerance and packaging codes
 Tolerance : M = ±20% , T = ±30%
 L : Agilent/HP 4284A + Agilent/HP 16334A, 100KHz with 1V
 Isat & Irms : Agilent/HP 4284A, 100KHz with 1V
 Rdc : Digital Milliohm Meter Chroma 16502, or equivalent
 Isat for Inductance drop 30% from its value without current
 Irms for a 40°C rise above 25°C ambient
 Operating temperature range from -55°C to 125°C. (Including self - temperature rise)
Test Instruments:HP4284A Material/Impedance Analyzer
Inductance vs. DC Current
0
5
10
15
20
25
30
35
40
45
50
0
1234
DC Current(A)
1R0
470
330
220
150
100
6R8 4R7
3R3 2R2 1R5
Tem perature Change vs. DC Current
0
10
20
30
40
50
60
70
01
2
DC Current(A)
1R0
1R5
2R2
3R3
4R7
6R8
100
150
220
470


Similar Part No. - LVS606020

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LVS10056A100030 ETC1-LVS10056A100030 Datasheet
476Kb / 6P
   Chip varistor provides high reliability on surface mounting
LVS10056A100300 ETC1-LVS10056A100300 Datasheet
476Kb / 6P
   Chip varistor provides high reliability on surface mounting
LVS10056A100301 ETC1-LVS10056A100301 Datasheet
476Kb / 6P
   Chip varistor provides high reliability on surface mounting
LVS10056A300030 ETC1-LVS10056A300030 Datasheet
476Kb / 6P
   Chip varistor provides high reliability on surface mounting
LVS10056A300300 ETC1-LVS10056A300300 Datasheet
476Kb / 6P
   Chip varistor provides high reliability on surface mounting
More results

Similar Description - LVS606020

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LVF ETC2-LVF Datasheet
623Kb / 17P
   Sealed Power Inductors
logo
Shanghai Leiditech Elec...
LMF LEIDITECH-LMF Datasheet
1Mb / 9P
   Sealed Power Inductors
LDW11T LEIDITECH-LDW11T Datasheet
2Mb / 8P
   Sealed Power Inductors
logo
List of Unclassifed Man...
LVH ETC2-LVH Datasheet
305Kb / 6P
   Sealed Power Inductors
LVC ETC2-LVC Datasheet
509Kb / 10P
   Sealed Power Inductors
LVT ETC2-LVT Datasheet
626Kb / 14P
   Sealed Power Inductors
logo
Shanghai Leiditech Elec...
LMS LEIDITECH-LMS Datasheet
1Mb / 14P
   Sealed Power Inductors
LDW21T LEIDITECH-LDW21T Datasheet
1Mb / 6P
   Sealed Power Inductors
LDW31T LEIDITECH-LDW31T Datasheet
1Mb / 6P
   Sealed Power Inductors
logo
C&K Components
PT CK-COMPONENTS-PT Datasheet
541Kb / 4P
   Sealed Power Toggle Switch
22 Mar 22
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com