Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FQI9N50 Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # FQI9N50
Description  500V N-Channel MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FQI9N50 Datasheet(HTML) 2 Page - Fairchild Semiconductor

  FQI9N50 Datasheet HTML 1Page - Fairchild Semiconductor FQI9N50 Datasheet HTML 2Page - Fairchild Semiconductor FQI9N50 Datasheet HTML 3Page - Fairchild Semiconductor FQI9N50 Datasheet HTML 4Page - Fairchild Semiconductor FQI9N50 Datasheet HTML 5Page - Fairchild Semiconductor FQI9N50 Datasheet HTML 6Page - Fairchild Semiconductor FQI9N50 Datasheet HTML 7Page - Fairchild Semiconductor FQI9N50 Datasheet HTML 8Page - Fairchild Semiconductor FQI9N50 Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
  
 
 
 
 
 
   
    

    !" # $%#&##'( # 
)*#+,-./0.0Ω, 1 
,-./2../2µ 0301 
"  !"  ..µ 4%(%(  5
6 %   7   # 


  !





D)
 D?) 
)+&)6+2(&µ'
(&&


)
∆D)
7∆
D?) 
 
6+2(&µ'* 2(8

& ((

)78
6
E;) 
)+(&&))+&)


/
µ'
)+>&&)+/2(8


/&
µ'
6
;D0?
)+-&))+&)


/&&
'
6
;D0?*!
)+-&))+&)


/&&
'
 
)
; ) 
)+)6+2(&µ'
- &

( &
)
*
  
* 
)+/&)6+> ('

& (3
& ,-

   
)+(&)6+> ('

3 2


 

6  
)+2())+&)
+/ &F#


//&&
/>(&


  

/:&
2/&


*!  

2&
-&

   

 
)+2(&)6+% &'
*+2(Ω


2(
:&


*

%(
2&&


 

((
/2&


 

:&
/-&

G
 ;
)+>&&)6+% &'
)+/&)


23
-:

G
; 

, &


G
;

/2 (


     
6
C 


% &
'
6
C9  


-:
'
)
 ) 
)+&)6+% &'


/ >
)

*!* !
)+&)6+% &'
67+/&&'7µ

-&&


G
*!* !

2 2

µ


Similar Part No. - FQI9N50

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQI9N50C FAIRCHILD-FQI9N50C Datasheet
609Kb / 9P
   500V N-Channel MOSFET
FQI9N50C FAIRCHILD-FQI9N50C Datasheet
802Kb / 9P
   500V N-Channel MOSFET
More results

Similar Description - FQI9N50

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQA13N50CF FAIRCHILD-FQA13N50CF_07 Datasheet
767Kb / 9P
   500V N-Channel MOSFET
FQD3N50C FAIRCHILD-FQD3N50C_08 Datasheet
900Kb / 9P
   500V N-Channel MOSFET
FQPF5N50CF FAIRCHILD-FQPF5N50CF Datasheet
657Kb / 8P
   500V N-Channel MOSFET
logo
SemiHow Co.,Ltd.
HFP5N50S SEMIHOW-HFP5N50S Datasheet
785Kb / 8P
   500V N-Channel MOSFET
HFP13N50S SEMIHOW-HFP13N50S Datasheet
946Kb / 8P
   500V N-Channel MOSFET
HFS13N50S SEMIHOW-HFS13N50S Datasheet
859Kb / 7P
   500V N-Channel MOSFET
logo
Tiger Electronic Co.,Lt...
FQD5N50 TGS-FQD5N50 Datasheet
554Kb / 2P
   500V N-Channel MOSFET
logo
Fairchild Semiconductor
FQD1N50TF FAIRCHILD-FQD1N50TF Datasheet
833Kb / 9P
   500V N-Channel MOSFET
FQPF9N50YDTU FAIRCHILD-FQPF9N50YDTU Datasheet
723Kb / 8P
   500V N-Channel MOSFET
FQA24N50F FAIRCHILD-FQA24N50F Datasheet
620Kb / 8P
   500V N-Channel MOSFET
FQD1N50 FAIRCHILD-FQD1N50 Datasheet
740Kb / 9P
   500V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com