Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FJPF5027 Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # FJPF5027
Description  High Voltage and High Reliability
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FJPF5027 Datasheet(HTML) 2 Page - Fairchild Semiconductor

  FJPF5027 Datasheet HTML 1Page - Fairchild Semiconductor FJPF5027 Datasheet HTML 2Page - Fairchild Semiconductor FJPF5027 Datasheet HTML 3Page - Fairchild Semiconductor FJPF5027 Datasheet HTML 4Page - Fairchild Semiconductor FJPF5027 Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
©2003 Fairchild Semiconductor Corporation
Rev. A, December 2003
Typical Characteristics
Figure 1. Static Characteristic
Figure 2. DC current Gain
Figure 3. Saturation Voltage
Figure 4. Saturation Voltage
Figure 5. Reverse Bias Safe Operating Area
Figure 6. Forward Bias Safe Operating Area
012
34
5678
0.0
0.5
1.0
1.5
2.0
2.5
3.0
I
B = 350mA
I
B
= 150mA
I
B = 100mA
I
B = 50mA
V
CE [V], COLLECTOR-EMITTER VOLTAGE
0.01
0.1
1
10
1
10
100
V
CE = 5 V
T
C = 75
o
C
T
C = 25
o
C
T
C = 125
o
C
T
C = - 25
o
C
I
C [A], COLLECTOR CURRENT
0.1
1
10
0.01
0.1
1
10
100
T
C = 125
o
C
T
C = 75
o
C
T
C = 25
o
C
I
C = 5 IB
T
C = - 25
o
C
I
C [A], COLLECTOR CURRENT
0.1
1
10
0.1
1
10
T
C = 75
o
C
T
C = 25
o
C
T
C = - 25
o
C
T
C = 125
o
C
I
C = 5 IB
I
C [A], COLLECTOR CURRENT
10
100
1000
1
10
I
B1=3A, RB2=0
L=1mH, V
CC=20V
V
CE [V], COLLECTOR-EMITTER VOLTAGE
1
10
100
1000
10000
1E-3
0.01
0.1
1
10
100
100
µs
1ms
10ms
DC
I
CMAX.(Pulse)
I
CMAX(Continuous)
V
CE[V], COLLECTOR-EMITTER VOLTAGE


Similar Part No. - FJPF5027

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FJPF5027 FAIRCHILD-FJPF5027 Datasheet
63Kb / 5P
   High Voltage and High Reliability
FJPF5027 FAIRCHILD-FJPF5027 Datasheet
69Kb / 5P
   High Voltage and High Reliability
logo
ON Semiconductor
FJPF5027 ONSEMI-FJPF5027 Datasheet
199Kb / 6P
   High Voltage and High Reliability
Rev. A, December 2003
logo
Fairchild Semiconductor
FJPF5027OTU FAIRCHILD-FJPF5027OTU Datasheet
69Kb / 5P
   High Voltage and High Reliability
More results

Similar Description - FJPF5027

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KSC5030F FAIRCHILD-KSC5030F Datasheet
64Kb / 5P
   High Voltage and High Reliability
KSC5321 FAIRCHILD-KSC5321 Datasheet
55Kb / 6P
   High Voltage and High Reliability
KSC5367 FAIRCHILD-KSC5367 Datasheet
56Kb / 6P
   High Voltage and High Reliability
KSC5367F FAIRCHILD-KSC5367F Datasheet
62Kb / 6P
   High Voltage and High Reliability
FJPF5021 FAIRCHILD-FJPF5021 Datasheet
57Kb / 5P
   High Voltage and High Reliability
FJP5027 FAIRCHILD-FJP5027 Datasheet
59Kb / 5P
   High Voltage and High Reliability
logo
Unisonic Technologies
2SC5027 UTC-2SC5027_10 Datasheet
55Kb / 4P
   HIGH VOLTAGE AND HIGH RELIABILITY
logo
Fairchild Semiconductor
FFPF05U60STTU FAIRCHILD-FFPF05U60STTU Datasheet
78Kb / 4P
   High voltage and high reliability
FFPF30U60STTU FAIRCHILD-FFPF30U60STTU Datasheet
78Kb / 4P
   High voltage and high reliability
logo
SemiHow Co.,Ltd.
KSH5027AF SEMIHOW-KSH5027AF Datasheet
337Kb / 5P
   High Voltage and High Reliability
logo
Tiger Electronic Co.,Lt...
KSC5027 TGS-KSC5027 Datasheet
158Kb / 1P
   High Voltage and High Reliability
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com