Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FJPF5027RTU Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # FJPF5027RTU
Description  High Voltage and High Reliability
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FJPF5027RTU Datasheet(HTML) 3 Page - Fairchild Semiconductor

  FJPF5027RTU Datasheet HTML 1Page - Fairchild Semiconductor FJPF5027RTU Datasheet HTML 2Page - Fairchild Semiconductor FJPF5027RTU Datasheet HTML 3Page - Fairchild Semiconductor FJPF5027RTU Datasheet HTML 4Page - Fairchild Semiconductor FJPF5027RTU Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
©2003 Fairchild Semiconductor Corporation
Rev. A, December 2003
Typical Characteristics (Continued)
Figure 7. Resistive Load Switching Characteristics
Figure 8. Power Derating
0.1
1
10
0.01
0.1
1
10
I
B1=45mA, IB2=-0.5A
V
CC=125V
I
C [A], COLLECTOR CURRENT
0
255075
100
125
150
175
0
10
20
30
40
50
60
70
T
C[
o
C], CASE TEMPERATURE


Similar Part No. - FJPF5027RTU

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FJPF5027 FAIRCHILD-FJPF5027 Datasheet
63Kb / 5P
   High Voltage and High Reliability
FJPF5027 FAIRCHILD-FJPF5027 Datasheet
69Kb / 5P
   High Voltage and High Reliability
logo
ON Semiconductor
FJPF5027 ONSEMI-FJPF5027 Datasheet
199Kb / 6P
   High Voltage and High Reliability
Rev. A, December 2003
logo
Fairchild Semiconductor
FJPF5027OTU FAIRCHILD-FJPF5027OTU Datasheet
69Kb / 5P
   High Voltage and High Reliability
More results

Similar Description - FJPF5027RTU

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KSC5030F FAIRCHILD-KSC5030F Datasheet
64Kb / 5P
   High Voltage and High Reliability
KSC5321 FAIRCHILD-KSC5321 Datasheet
55Kb / 6P
   High Voltage and High Reliability
KSC5367 FAIRCHILD-KSC5367 Datasheet
56Kb / 6P
   High Voltage and High Reliability
KSC5367F FAIRCHILD-KSC5367F Datasheet
62Kb / 6P
   High Voltage and High Reliability
FJPF5021 FAIRCHILD-FJPF5021 Datasheet
57Kb / 5P
   High Voltage and High Reliability
FJP5027 FAIRCHILD-FJP5027 Datasheet
59Kb / 5P
   High Voltage and High Reliability
logo
Unisonic Technologies
2SC5027 UTC-2SC5027_10 Datasheet
55Kb / 4P
   HIGH VOLTAGE AND HIGH RELIABILITY
logo
Fairchild Semiconductor
FFPF05U60STTU FAIRCHILD-FFPF05U60STTU Datasheet
78Kb / 4P
   High voltage and high reliability
FFPF30U60STTU FAIRCHILD-FFPF30U60STTU Datasheet
78Kb / 4P
   High voltage and high reliability
logo
SemiHow Co.,Ltd.
KSH5027AF SEMIHOW-KSH5027AF Datasheet
337Kb / 5P
   High Voltage and High Reliability
logo
Tiger Electronic Co.,Lt...
KSC5027 TGS-KSC5027 Datasheet
158Kb / 1P
   High Voltage and High Reliability
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com