Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FJPF3305 Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # FJPF3305
Description  High Voltage Switch Mode Application
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FJPF3305 Datasheet(HTML) 2 Page - Fairchild Semiconductor

  FJPF3305 Datasheet HTML 1Page - Fairchild Semiconductor FJPF3305 Datasheet HTML 2Page - Fairchild Semiconductor FJPF3305 Datasheet HTML 3Page - Fairchild Semiconductor FJPF3305 Datasheet HTML 4Page - Fairchild Semiconductor FJPF3305 Datasheet HTML 5Page - Fairchild Semiconductor FJPF3305 Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
www.fairchildsemi.com
FJPF3305 Rev. B
Electrical Characteristics * T
C = 25°C unless otherwise noted
* Pulse Test: PW
≤ 300μs, Duty Cycle ≤ 2%
hFE Classification
Symbol
Parameter
Conditions
Min.
Typ.
Max
Units
BVCBO
Collector-Base Breakdwon Voltage
IC = 500μA, IE = 0
700
V
BVCEO
Collector-Emitter Breakdown Voltage
IC = 5mA, IB = 0
400
V
BVEBO
Emitter-Base Breakdown Voltage
IE = 500μA, IC = 0
9
V
ICBO
Collector Cut-off Current
VCB = 700V, IE = 0
1
μA
IEBO
Emitter Cut-off Current
VEB = 9V, IC = 0
1
μA
hFE1
hFE2
DC Current Gain *
VCE = 5V, IC = 1A
VCE = 5V, IC = 2A
19
8
35
40
VCE(sat)
Collector-Emitter Saturation Voltage
IC = 1A, IB = 0.2A
IC = 2A, IB = 0.5A
IC = 4A, IB = 1A
0.5
0.6
1.0
V
V
V
VBE(sat)
Base-Emitter Saturation Voltage
IC = 1A, IB = 0.2A
IC = 2A, IB = 0.5A
1.2
1.6
V
V
fT
Current Gain Bandwidth Product
VCE = 5V, IC = 1A
4
MHz
Cob
Output Capacitance
VCB = 10V, f = 1MHz
65
pF
tON
Turn On Time
VCC = 125V
IC = 2A = 5IB1 = -5IB2
RL = 62.5Ω
0.8
μs
tSTG
Storge Time
4.0
μs
tF
Fall Time
0.9
μs
Classification
H1
H2
hFE2
19 ~ 28
26 ~ 35


Similar Part No. - FJPF3305

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FJPF3305 FAIRCHILD-FJPF3305 Datasheet
80Kb / 5P
   High Voltage Switch Mode Application
logo
ON Semiconductor
FJPF3305 ONSEMI-FJPF3305 Datasheet
221Kb / 7P
   High Voltage Switch Mode Application
May 2007 Rev. B
More results

Similar Description - FJPF3305

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FJPF3305 FAIRCHILD-FJPF3305 Datasheet
80Kb / 5P
   High Voltage Switch Mode Application
FJP13009 FAIRCHILD-FJP13009 Datasheet
48Kb / 5P
   High Voltage Switch Mode Application
MJE13007F FAIRCHILD-MJE13007F Datasheet
55Kb / 5P
   High Voltage Switch Mode Application
logo
SemiHow Co.,Ltd.
KSB13003CR SEMIHOW-KSB13003CR Datasheet
912Kb / 6P
   High Voltage Switch Mode Application
KSB13003H SEMIHOW-KSB13003H Datasheet
845Kb / 6P
   High Voltage Switch Mode Application
KSB13003HR SEMIHOW-KSB13003HR Datasheet
451Kb / 6P
   High Voltage Switch Mode Application
logo
Fairchild Semiconductor
FJP5555 FAIRCHILD-FJP5555 Datasheet
66Kb / 5P
   High Voltage Switch Mode Application
KSE13004 FAIRCHILD-KSE13004 Datasheet
48Kb / 5P
   High Voltage Switch Mode Application
KSE13006 FAIRCHILD-KSE13006 Datasheet
48Kb / 5P
   High Voltage Switch Mode Application
FJPF5555 FAIRCHILD-FJPF5555 Datasheet
71Kb / 5P
   High Voltage Switch Mode Application
logo
ON Semiconductor
FJPF3305 ONSEMI-FJPF3305 Datasheet
221Kb / 7P
   High Voltage Switch Mode Application
May 2007 Rev. B
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com