Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5372T5-5V Datasheet(PDF) 1 Page - Visual Communications Company

Part # 5372T5-5V
Description  T3/4 Right Angle LED Assembly
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VCC [Visual Communications Company]
Direct Link  http://vcclite.com
Logo VCC - Visual Communications Company

5372T5-5V Datasheet(HTML) 1 Page - Visual Communications Company

  5372T5-5V Datasheet HTML 1Page - Visual Communications Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
engineered to light up your design
www.vcclite.com
1.800.522.5546
CML and Chicago Miniature Lamp are registered trademarks of Visual Communications Company, LLC.
Features
• Sub-miniature 2.0 mm LED vertical
mounted to simplify PC board mounting,
saves assembly time and costs.
• Can be stacked side by
side on 0.100" centers.
• High Brite LEDs, high intensity light
output, diffused lens.
• Black Nylon plastic enhances
contrast ratio.
• Low current,only 2 mA.
• Built-in resistor chip. Operates off 5 volts
without external resistor.
5370 Series T3/4 Right Angle LED Assembly
Description and Features
Electro-Optical Characteristics and Ratings
635
583
565
635
2.2
3.0
3.0
3.0
1.8
2.2
2.3
2.2
5
5
5
5
.007
.06
.06
.06
7
20
30
30
R ed
Y ellow
G reen
R ed
(V)
Max.
(V)
T yp.
P eak F orward
C urrent At
1ms-300 P P S
(A)
C ontinuous
F orward
C urrent Max.
(mA)
R everse
B reakdown
Voltage Min.
(V)
(nm)
Wavelength
P eak
F orward Voltage
E mitted
C olor
P art Number
5370T1
5370T5
5370T7
5370T1LC
T ypical
Intensity
(mcd)
5.0
4.0
3.8
.5
2.0
10
10
10
R ated
C urrent
(mA)
565
635
583
565
6.0
6.0
2.7
2.2
5.0
5.0
1.9
1.8
5
5
5
5
-
-
.007
.007
13
13
7
7
Amber
R ed
Y ellow
G reen
5370T5LC
5370T7LC
5372T1-5V
5372T3-5V
1.2
.5
5.0
5.0
10
9.6
2.0
2.0
583
565
635
583
6.0
6.0
6.0
6.0
5.0
5.0
5.0
5.0
5
5
5
5
-
-
-
-
5
5
5
13
G reen
Amber
R ed
G reen
5372T5-5V
5372T1-5VLC
5372T3-5VLC
5372T5-5VLC
5.0
2.0
4.0
2.0
3.5
3.5
3.5
10
Alldimensions in inches.
LE D
Ø. .080
.090
.040
.200
.130
.250
MIN.
.130
.030
.010
.200
+


Similar Part No. - 5372T5-5V

ManufacturerPart #DatasheetDescription
logo
Chicago Miniature Lamp,...
5372T5-5V CML-5372T5-5V Datasheet
25Kb / 1P
   T3/4 Right Angle LED Assembly
5372T5-5VLC CML-5372T5-5VLC Datasheet
25Kb / 1P
   T3/4 Right Angle LED Assembly
More results

Similar Description - 5372T5-5V

ManufacturerPart #DatasheetDescription
logo
Chicago Miniature Lamp,...
5370T1 CML-5370T1 Datasheet
25Kb / 1P
   T3/4 Right Angle LED Assembly
logo
Visual Communications C...
5350 VCC-5350 Datasheet
82Kb / 1P
   T3/4 Right Angle LED Assembly
logo
Chicago Miniature Lamp,...
5350T1 CML-5350T1 Datasheet
26Kb / 1P
   T3/4 Right Angle LED Assembly
logo
Visual Communications C...
5635 VCC-5635 Datasheet
78Kb / 1P
   Right Angle LED Assembly
logo
Chicago Miniature Lamp,...
5636D1 CML-5636D1 Datasheet
24Kb / 1P
   Right Angle LED Assembly
logo
Visual Communications C...
5636 VCC-5636 Datasheet
88Kb / 1P
   Right Angle LED Assembly
logo
Chicago Miniature Lamp,...
5300E1 CML-5300E1 Datasheet
21Kb / 1P
   T-1 3/4 Right Angle LED Assembly
5307H1 CML-5307H1 Datasheet
21Kb / 1P
   T-1 3/4 Right Angle LED Assembly
logo
IDEA.lnc.
G64XB IDEA-G64XB Datasheet
27Kb / 1P
   T-1-3/4, Right-Angle LED Assembly
G63XB IDEA-G63XB Datasheet
35Kb / 1P
   T-1-3/4, Right-Angle LED Assembly
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com