Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

5360 Datasheet(PDF) 1 Page - Visual Communications Company

Part No. 5360
Description  T-1 Right Angle 4 Wide LED Assembly
Download  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  VCC [Visual Communications Company]
Homepage  http://vcclite.com
Logo VCC - Visual Communications Company

5360 Datasheet(HTML) 1 Page - Visual Communications Company

  5360 Datasheet HTML 1Page - Visual Communications Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
engineered to light up your design
www.vcclite.com
1.800.522.5546
CML and Chicago Miniature Lamp are registered trademarks of Visual Communications Company, LLC.
Features
• Quad assembly with 4 T-1 LEDs permits
easy installation, assures matched
height and center to center spacing,
reduces assembly time and costs.
• High Brite and Super Brite LEDs, high
light output, diffused lens.
• Standoffs prevent flux entrapment.
• Low current-only 2mA needed.
Housing: Black Nylon, UL94V-O
Note: Alternate LEDs are also available
in this package as a standard variation.
Refer to “Mounting Hole Pattern 5.pdf”
5360 Series T-1 Right Angle 4 Wide LED Assembly
Description and Features
Electro-Optical Characteristics and Ratings
5
5
5
5
3.0
3.0
3.0
3.0
2.1
2.2
2.2
2.0
30
30
30
30
Yellow
Green
Amber
Red
(V)
Max.
(V)
Typ.
Continuous
Forward
Current Max.
(mA)
Reverse
Breakdown
Voltage Min.
(V)
Forward Voltage
Emitted
Color
Part Number
5360F1
5360F3
5360F5
5360F7
Typical
Intensity
(mcd)
10
7
16.3
6.3
10
10
10
10
Rated
Current
(mA)
5
5
5
5
7.5
2.7
2.2
5
5
1.9
1.8
1.8
20
7
7
7
Red
Yellow
Green
Red
5360F1LC
5360F5LC
5360F7LC
5360F1-5V
2.5
2.1
1.8
8
10
2.0
2.0
2.0
5
7.5
5
15
Amber
5360F3-5V
8
10
585
562
603
650
(nm)
Wavelength
Peak
635
585
565
635
583
5
7.5
5
15
Green
5360F5-5V
8
12
565
All dimensions in inches.
.080
.170
.340
.510
.690 MAX.
.020
.140
.270 MAX.
.020
Ø.120 TYP.
(ANODE)
IDENTIFICATION
POLARITY
.090
.350
.200
±
.080
.030 TYP.
.020 TYP.
.100 TYP.
.050 TYP.


Html Pages

1 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn