Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5323F1 Datasheet(PDF) 1 Page - Visual Communications Company

Part # 5323F1
Description  T-1 Right Angle LED Assembly
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VCC [Visual Communications Company]
Direct Link  http://vcclite.com
Logo VCC - Visual Communications Company

5323F1 Datasheet(HTML) 1 Page - Visual Communications Company

  5323F1 Datasheet HTML 1Page - Visual Communications Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
engineered to light up your design
www.vcclite.com
1.800.522.5546
CML and Chicago Miniature Lamp are registered trademarks of Visual Communications Company, LLC.
Features
• T-1 LED lamp right angle mounted,
preassembled and tested.
• Black Nylon block, high contrast ratio,
height and spacing alignment - saves
assembly cost.
• High Brite and Super Brite LEDs-diffused.
• Mounting pins secure block to PC board
while soldering.
Note: Alternate LEDs are also available
in this package as a standard variation.
Refer to “Mounting Hole Pattern 1.pdf”
5323 Series T-1 Right Angle LED Assembly
Description and Features
Electro-Optical Characteristics and Ratings
583
562
650
3.0
3.0
3.0
2.1
2.2
2.0
5
5
5
30
30
30
Y ellow
G reen
R ed
(V)
Max.
(V)
T yp.
C ontinuous
F orward
C urrent Max.
(mA)
R everse
B reakdown
Voltage Min.
(V)
(nm)
Wavelength
P eak
F orward Voltage
E mitted
C olor
P art Number
5323F1
5323F5
5323F7
T ypical
Intensity
(mcd)
10
16
6.3
10
10
10
R ated
C urrent
(mA)
1.0
.09
1.6
P eak F orward
C urrent at
1MS -300 PP S
(A)
S T AND OF F
F LUX WAS H
.165±.015
.075
.105
T -1 LE D
MAX.
.190
.100
MAX.
.350
.020
.280
.140
.060
.240
MAX.
Ø. .
130
G R E E N F OR B I-C OLOR LE D
ANODE (+)
.240
All dimensions in inches.


Similar Part No. - 5323F1

ManufacturerPart #DatasheetDescription
logo
Chicago Miniature Lamp,...
5323F1 CML-5323F1 Datasheet
66Kb / 1P
   T-1 Right Angle LED Assembly
More results

Similar Description - 5323F1

ManufacturerPart #DatasheetDescription
logo
Visual Communications C...
5600 VCC-5600 Datasheet
94Kb / 1P
   T-1 Right Angle LED Assembly
5608 VCC-5608 Datasheet
75Kb / 1P
   T-1 Right Angle LED Assembly
logo
Chicago Miniature Lamp,...
5655F1 CML-5655F1 Datasheet
26Kb / 1P
   T-1 Right Angle LED Assembly
logo
Visual Communications C...
5320 VCC-5320 Datasheet
86Kb / 1P
   T-1 Right Angle LED Assembly
logo
Chicago Miniature Lamp,...
5323 CML-5323 Datasheet
66Kb / 1P
   T-1 Right Angle LED Assembly
5322F1 CML-5322F1 Datasheet
28Kb / 1P
   T-1 Right Angle LED Assembly
5600F1 CML-5600F1 Datasheet
23Kb / 1P
   T-1 Right Angle LED Assembly
5650F1 CML-5650F1 Datasheet
25Kb / 1P
   T-1 Right Angle LED Assembly
logo
Visual Communications C...
5650 VCC-5650 Datasheet
83Kb / 1P
   T-1 Right Angle LED Assembly
5655 VCC-5655 Datasheet
85Kb / 1P
   T-1 Right Angle LED Assembly
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com