Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5311F Datasheet(PDF) 1 Page - Visual Communications Company

Part # 5311F
Description  Super Brite T -1 LED Circuit Board Indicator
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VCC [Visual Communications Company]
Direct Link  http://vcclite.com
Logo VCC - Visual Communications Company

5311F Datasheet(HTML) 1 Page - Visual Communications Company

  5311F Datasheet HTML 1Page - Visual Communications Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
engineered to light up your design
www.vcclite.com
1.800.522.5546
CML and Chicago Miniature Lamp are registered trademarks of Visual Communications Company, LLC.
Features
• Block mounting, height and spacing
alignment-saves assembly cost
and time.
• Ultra Brite -T1 3/4 LED, non-diffused
narrow beam high intensity light.
• Standoffs prevent flux entrapment.
Housing: Black Nylon, UL94V -O
Note: Alternate LEDs are also available
in this package as a standard variation.
5311F Series Super Brite T -1 LED Circuit Board Indicator
Description and Features
Electro-Optical Characteristics and Ratings
Part
Number
Color
Typ.
Intensity
(mcd)
Rated
Current
(mA)
Continuous
Forward
Current Max.
(mA)
Forward
Voltage Typ.
(V)
Forward
Voltage Max.
(V)
Peak Forward
Current @
1 ms-300pps
(A)
Peak
Wavelength
(nm)
5311F1
5311F5
5311F7
5313F1
5313F5
5313F7
Red
Green
Yellow
Red
Green
Yellow
10
16
6.3
10
16
6.3
10
10
10
10
10
10
30
30
30
30
30
30
2.0
2.2
2.1
2.0
2.2
2.1
3.0
3.0
3.0
3.0
3.0
3.0
1.0
.09
1.0
1.0
.09
1.0
650
562
585
650
562
585
Reverse
Breakdown
Voltage Min.
(A)
5
5
5
5
5
5
Ø.210
P ANE L
.100
.150 MIN.
±. 050
DIM "A"
Ø .
230
MODE L
DIM"A"
5311F
5313F
1.250
1.350
ANODE (+)
All dimensions in inches.


Similar Part No. - 5311F

ManufacturerPart #DatasheetDescription
logo
Chicago Miniature Lamp,...
5311F CML-5311F Datasheet
22Kb / 1P
   Super BriteT-1 LED Circuit Board Indicator
5311F1 CML-5311F1 Datasheet
22Kb / 1P
   Super BriteT-1 LED Circuit Board Indicator
5311F5 CML-5311F5 Datasheet
22Kb / 1P
   Super BriteT-1 LED Circuit Board Indicator
5311F7 CML-5311F7 Datasheet
22Kb / 1P
   Super BriteT-1 LED Circuit Board Indicator
More results

Similar Description - 5311F

ManufacturerPart #DatasheetDescription
logo
Visual Communications C...
5325F VCC-5325F Datasheet
107Kb / 1P
   Super Brite T-1 LED Assembly
logo
Chicago Miniature Lamp,...
5325F CML-5325F Datasheet
78Kb / 1P
   Super Brite T-1 LED Assembly
5310F CML-5310F Datasheet
71Kb / 1P
   T-1 LED Circuit Board Indicator
logo
Visual Communications C...
5310F VCC-5310F Datasheet
108Kb / 1P
   T-1 LED Circuit Board Indicator
logo
Chicago Miniature Lamp,...
5311F CML-5311F Datasheet
22Kb / 1P
   Super BriteT-1 LED Circuit Board Indicator
logo
Visual Communications C...
6321F VCC-6321F Datasheet
105Kb / 1P
   T-1 Circuit Board Indicator
logo
Chicago Miniature Lamp,...
6321F CML-6321F Datasheet
236Kb / 1P
   T-1 Circuit Board Indicator
6321F1 CML-6321F1 Datasheet
26Kb / 1P
   T-1 Circuit Board Indicator
logo
Visual Communications C...
4303F VCC-4303F Datasheet
73Kb / 1P
   Solid State LED Lamps-Super Brite T-1 (3mm)
logo
Chicago Miniature Lamp,...
4318F1 CML-4318F1 Datasheet
26Kb / 1P
   Solid State LED Lamps-Super Brite T-1 (3mm)
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com