Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5111F7 Datasheet(PDF) 1 Page - Visual Communications Company

Part # 5111F7
Description  Panel Mounted LED Indicator Light
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VCC [Visual Communications Company]
Direct Link  http://vcclite.com
Logo VCC - Visual Communications Company

5111F7 Datasheet(HTML) 1 Page - Visual Communications Company

  5111F7 Datasheet HTML 1Page - Visual Communications Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
engineered to light up your design
www.vcclite.com
1.800.522.5546
CML and Chicago Miniature Lamp are registered trademarks of Visual Communications Company, LLC.
Part
Number
Color
Typ.
Intensity
(mcd)
Rated
Current
(mA)
Continuous
Forward
Current Max.
(mA)
Forward
Vol tage Typ.
(V)
Forward
Voltage Max.
(V)
Peak Forward
Current @1 ms-
300pps (A)
Reverse
Break-down
Voltage Min.
(V)
Peak
Wavelength
(nm)
5111 F 1
5111 F 3
5111 F 5
5111 F 7
51 11 F1LC
51 11 F5LC
51 11 F7LC
5111 F1 -5 V
5111 F3 -5 V
5111 F5 -5 V
Red
Amber
Green
Yellow
Red
Green
Yellow
Red
Amber
Green
10
7
16
6.3
2.5
2.1
1.8
8.0
8.0
8.0
10
10
10
10
2
2
2
10
10
10
30
30
30
30
7
7
7
15
15
15
2.0
2.2
2.2
2.1
1.8
1.8
1.9
5
5
5
3.0
3.0
3.0
3.0
2.2
2.2
2.7
7.5
7.5
7.5
1.0
.09
.09
1.0
.007
.007
.007
-
-
-
5
5
4
5
5
5
5
5
5
5
650
603
562
585
635
565
583
635
583
565
All dimensions
in inches.
.190 MAX.
.030
1.124
.320
.200 MIN.
.020 S Q.T Y P .
.100
LE ADS
WR APP AB LE
WIR E
ANODE (+)
AS S HOWN
T O P LUS S IG N
F LAT OR IE NT E D
Features
• Super Brite T-1 LED
• 20mcd-diffused lens allows wide angle viewing.
• Low current -only 2 mA.
• Built -in chip resistor operates directly
off 5 volt supply, no external resistor needed.
Mounting: Will snap-fit into Ø.155/.158 hole
in panels .031/.062 thick*
Terminals: .020 sq.
Housing: Black Nylon
*W e recommend using an installation tool to press
against flange of housing rather than LED.
5111F Series Panel Mounted LED Indicator Light
Description and Features
Electro-optical Characteristics


Similar Part No. - 5111F7

ManufacturerPart #DatasheetDescription
logo
Chicago Miniature Lamp,...
5111F7 CML-5111F7 Datasheet
22Kb / 1P
   Panel Mounted LED Indicator Light
5111F7LC CML-5111F7LC Datasheet
22Kb / 1P
   Panel Mounted LED Indicator Light
More results

Similar Description - 5111F7

ManufacturerPart #DatasheetDescription
logo
Chicago Miniature Lamp,...
5894S CML-5894S Datasheet
66Kb / 1P
   Panel Mounted LED Indicator Light
logo
Visual Communications C...
5994S VCC-5994S Datasheet
87Kb / 1P
   Panel Mounted LED Indicator Light
logo
Chicago Miniature Lamp,...
5994S CML-5994S Datasheet
65Kb / 1P
   Panel Mounted LED Indicator Light
logo
Visual Communications C...
5894S VCC-5894S Datasheet
87Kb / 1P
   Panel Mounted LED Indicator Light
logo
Chicago Miniature Lamp,...
5101H1 CML-5101H1 Datasheet
21Kb / 1P
   Panel Mounted LED Indicator Light
5210F CML-5210F Datasheet
20Kb / 1P
   Panel Mounted LED Indicator Light
5111F CML-5111F Datasheet
22Kb / 1P
   Panel Mounted LED Indicator Light
logo
Visual Communications C...
5101H VCC-5101H Datasheet
94Kb / 1P
   Panel Mounted LED Indicator Light
5110F VCC-5110F Datasheet
96Kb / 1P
   Panel Mounted LED Indicator Light
logo
Chicago Miniature Lamp,...
5110F1 CML-5110F1 Datasheet
20Kb / 1P
   Panel Mounted LED Indicator Light
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com