Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

4361H1-5 Datasheet(PDF) 1 Page - Visual Communications Company

Part No. 4361H1-5
Description  High Brite Tri-Color T-1 3/4 LED Lamp
Download  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  VCC [Visual Communications Company]
Homepage  http://vcclite.com
Logo 

4361H1-5 Datasheet(HTML) 1 Page - Visual Communications Company

   
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
engineered to light up your design
www.vcclite.com
1.800.522.5546
CML and Chicago Miniature Lamp are registered trademarks of Visual Communications Company, LLC.
4361H1/5 High Brite Tri-Color T-1 3/4 LED Lamp
Description and Features
Electro-Optical Characteristics and Ratings
Features
T-1 3/4 Tri-color LED
• Provides red, green and amber in same three lead
package.
• Chips are brightness matched.
• Lights amber when both chips are illuminated.
Tolerance: ± 0.2
(Unit: mm)
INDE X
R E D
3:ANODE G R EE N
2:C AT HODE
1:ANODE R E D
3
2
1
T Y P .
.5 S Q.
24.0 MIN
2.5
8.7
5.0
6.0
2.5
PART NUMBER
Output Color
Diusion
Package Color
Test Current (mA)
Foward Voltage Typ. (V)
Foward Voltage Max. (V)
Luminous Intensity Min. (mcd)
Luminous Intesity Typ. (mcd)
Luminous Intensity Max. (mcd)
Peak Wavelength (nm)
Viewing Angle 20 1/2 (degrees)
Power Dissipation (mW)
Operating Temperature (°C)
Storage Temperature (°C)
Peak Forward Current Max. (1µs @ 10% duty cycle) (mA)
Reverse Voltage (IR = 100µA) (V)
Lead Solder Time @ 260°C
Red
Diused
White
10
2.0
3.0
2.2
6.3
-
650
40
60
-25 to +85
-30 to + 100
60
3
5
Green
Diused
White
10
2.1
3.0
3.6
10
-
563
40
75
-25 to +85
-30 to + 100
60
3
5
4361H1/5


Html Pages

1 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn