Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P0544NL Datasheet(PDF) 1 Page - Pulse A Technitrol Company

Part # P0544NL
Description  1500VDC isolation between Gate and Drive
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

P0544NL Datasheet(HTML) 1 Page - Pulse A Technitrol Company

  P0544NL Datasheet HTML 1Page - Pulse A Technitrol Company P0544NL Datasheet HTML 2Page - Pulse A Technitrol Company P0544NL Datasheet HTML 3Page - Pulse A Technitrol Company P0544NL Datasheet HTML 4Page - Pulse A Technitrol Company P0544NL Datasheet HTML 5Page - Pulse A Technitrol Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
pulseelectronics.com
SMT Gate Drive Transformers
>1500VDC Basic and Functional Insulation
SPM2007 (04/14)
>1500VDC isolation between Gate and Drive
Basic insulation (1.4mm creepage/
clearance) and functional available
Operating frequency: 50kHz and up
Electrical Specifications @ 25°C - Operating Temperature -40°C to +130°C
Part
Number
Turns
Ratio
Pri-Sec
Insulation
MAX
V*µsec
Primary
Inductance
(µH MIN)
Leakage
Inductance
(µH MAX)
DCR
Primary
(
Ω MAX)
DCR
Secondary
(
Ω MAX)
Package Size
(L x W x H)
(mm MAX)
PE-68386NL
1:1
1500 Vdc
9.7
785
0.46
0.60
0.60
8.6 x 6.7 x 2.5
P0926NL
1:1:1
1500 Vdc
23.8
300
0.50
2.00
2.00
8.0 x 6.6 x 5.3
P0544NL
1:1:1
1500 Vdc
45.1
3300
0.80
1.25
1.25
9.0 x 8.6 x 7.6
PA0264NL
1:1:1
1000 Vrms
12.7
1140
0.65
0.75
0.75
8.6 x 6.7 x 3.6
PA1323NL
1:1
1500 Vrms
21.7
600
2.0
1.25
1.25
9.5 x 7.1 x 5.3
PA0173NL
1:1:1
1500 Vrms
17.2
980
0.75
0.62
0.88
11.8 x 8.8 x 4.0
PA0185NL
1:1
1500 Vrms
17.2
980
0.75
0.88
0.62
11.8 x 8.8 x 4.0
PA0184NL
1:1
1500 Vrms
27.2
1200
0.50
0.91
0.91
9.0 x 8.6 x 7.6
PA0297NL
2:1:1
1500 Vrms
27.2
1200
0.60
0.91
0.46
9.0 x 8.6 x 7.6
PA2777NL
1:1
1500 Vrms
9.3
335.2
0.36
0.70
0.70
7.1 x 6.1 x 5.5
PA0510NL
2.5:1:1
1500 Vrms
27.2
1200
0.68
0.91
0.380
9.0 x 8.6 x 7.6
PA3493NL
1.25:1
1650 Vrms
23
656
1.3
1.03
0.85
10.9 x 9.7 x 2.7
Notes:
1. The Maximum volt-µsec rating limits the peak flux density to 2200 Gauss when
used in a unipolar drive application. For bi-polar drive applications, a maximum
volt-sec of two times this rating is acceptable (ie: 2* (volt*µsec rating) = (voltage
applied to the primary) * dutycycle / Frequency = V * alpha / Freq_Hz = V * µsec
2. Leakage inductance is measured at primary terminals with all secondaries shorted.
3. Optional Tape & Reel packaging can be ordered by adding a “T” suffix to the part
number (i.e. P0544NL becomes P0544NLT). Pulse complies to industry standard
tape and reel specification EIA481.
3,4
1
2
5
4. The “NL” suffix indicates an RoHS-compliant part number. Non-NL suffixed parts are not
necessarily RoHS compliant, but are electrically and mechanically equivalent to NL versions.
If a part number does not have the “NL” suffix, but an RoHS compliant version is required,
please contact Pulse for availability.
5. The temperature of the component (ambient plus temperature rise) must be within the
stated operating temperature range.
Functional Insulation
113
Basic Insulation (1.4mm creepage and clearance between Primary and Secondary)


Similar Part No. - P0544NL

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
P0544NL PULSE-P0544NL Datasheet
140Kb / 2P
   SMT GATE DRIVE TRANSFORMERS 1500VDC Basic and Operational Insulation
P0544NL PULSE-P0544NL Datasheet
1Mb / 5P
   SMT Gate Drive Transformers
P0544NL PULSE-P0544NL Datasheet
144Kb / 3P
   SMT GATE DRIVE TRANSFORMERS
P0544NL PULSE-P0544NL Datasheet
140Kb / 2P
   SMT GATE DRIVE TRANSFORMERS
P0544NL PULSE-P0544NL Datasheet
1Mb / 5P
   SMT Gate Drive Transformers
More results

Similar Description - P0544NL

ManufacturerPart #DatasheetDescription
logo
E&E Magnetic Products L...
834-00002F EEMAGNETIC-834-00002F Datasheet
368Kb / 6P
   1500Vdc Isolation between Gate and Drive
834-00012F EEMAGNETIC-834-00012F Datasheet
368Kb / 6P
   1500Vdc Isolation between Gate and Drive
834-00032F EEMAGNETIC-834-00032F Datasheet
115Kb / 2P
   High Isolation between Gate and Drive
logo
Texas Instruments
PT4840-48V TI1-PT4840-48V Datasheet
247Kb / 14P
[Old version datasheet]   1500VDC Isolation
logo
Pulse A Technitrol Comp...
PA0297 PULSE-PA0297 Datasheet
140Kb / 2P
   SMT GATE DRIVE TRANSFORMERS 1500VDC Basic and Operational Insulation
logo
AIMTEC
AM3TW-NZ AIMTEC-AM3TW-NZ Datasheet
174Kb / 3P
   Input / Output Isolation 1500VDC
AM8T-I-Z AIMTEC-AM8T-I-Z Datasheet
384Kb / 4P
   Input/output Isolation voltage 1500VDC
AM8TW-I-Z AIMTEC-AM8TW-I-Z Datasheet
151Kb / 4P
   Input/Output Isolation voltage 1500VDC
AM50E-NZ AIMTEC-AM50E-NZ Datasheet
257Kb / 5P
   Input to Output Isolation of 1500VDC
logo
Pulse A Technitrol Comp...
PH9572.XXXNL PULSE-PH9572.XXXNL Datasheet
443Kb / 2P
   High Isolation Gate Drive Transformers
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com