Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CPUS1210MN-4R7M-N Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # CPUS1210MN-4R7M-N
Description  SMD Power Inductors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

CPUS1210MN-4R7M-N Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  CPUS1210MN-4R7M-N Datasheet HTML 1Page - List of Unclassifed Manufacturers CPUS1210MN-4R7M-N Datasheet HTML 2Page - List of Unclassifed Manufacturers CPUS1210MN-4R7M-N Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SMD Power Inductors - CPUS Series
CPUS Series
CPUS Series is designed for low RDC and ultra large current
application. Its assembly model and magnetic shielding is suitable
for high-density mounting and ultra low buzz noise. Soldering
conditions can be easily confirmed when mounting onto board.
This series also provides customers with embossed carrier type
packaging for automatic mounting machine.
Features
Applications
 Lead free
 Excellent for power line DC-DC conversion applications
 Shielded construction
 Lowest DCR/uH in this package size
 Handle high transient current spikes without saturation
 Ultra low buzz noise due to composite construction
 Support halogen free product
 Power switching for personal computers and other handheld
electronic devices
Product Identification
Shape and Dimensions
Dimensions in mm
TYPE
A
B
C
D
E
a
b
c
d
CPUS0807MN
8.8
+0
8.4
+0
7.5
+0
2.3±0.2
1.5±0.2
9.2
4.4
3.0
2.3
CPU
S1009MN
11.3
+0
10.4
+0
9.7
+0
3.0±0.2
1.6±0.2
11.3
6.9
3.6
2.2
CPUS1210MN
12.3
+0
11.7
+0
10.0
+0
3.5±0.2
2.0±0.2
12.8
7.0
5.4
2.9


Similar Part No. - CPUS1210MN-4R7M-N

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CPU-111-10 ETC2-CPU-111-10 Datasheet
375Kb / 3P
   OpenVPX Compatible Quad Core Intel Xeon Integrated 12-port 10Gb Ethernet Switch
CPU-1440 ETC2-CPU-1440 Datasheet
328Kb / 2P
   Vortex86DX processor at 600MHz x86 compatibility
CPU-1452 ETC2-CPU-1452 Datasheet
212Kb / 3P
   Celeron 400MHz Fanless SBC with 4x USB 2.0 and 4x USB 1.1 ports (RoHS)
CPU-1454 ETC2-CPU-1454 Datasheet
213Kb / 3P
   Celeron 400MHz Fanless SBC with Gigabit & Fast Ethernet
CPU-1472 ETC2-CPU-1472 Datasheet
53Kb / 3P
   Intel짰 Celeron짰 M 1GHz, 512KB L2 cache, 400MHz FSB
More results

Similar Description - CPUS1210MN-4R7M-N

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SDR1105 BOURNS-SDR1105 Datasheet
145Kb / 1P
   SMD Power Inductors
SDR1307 BOURNS-SDR1307 Datasheet
202Kb / 2P
   SMD Power Inductors
logo
Abracon Corporation
ASPI-0706HC ABRACON-ASPI-0706HC Datasheet
178Kb / 1P
   SMD POWER INDUCTORS
logo
Taiyo Yuden (U.S.A.), I...
NR5040T220M TAIYO-YUDEN-NR5040T220M Datasheet
148Kb / 1P
   SMD Power Inductors
NR10050T2R9N TAIYO-YUDEN-NR10050T2R9N Datasheet
151Kb / 1P
   SMD Power Inductors
NR10050T330M TAIYO-YUDEN-NR10050T330M Datasheet
151Kb / 1P
   SMD Power Inductors
NS10155T3R3NNA TAIYO-YUDEN-NS10155T3R3NNA Datasheet
168Kb / 2P
   SMD Power Inductors
NS12565T4R2NN TAIYO-YUDEN-NS12565T4R2NN Datasheet
168Kb / 2P
   SMD Power Inductors
NS12565T221MN TAIYO-YUDEN-NS12565T221MN Datasheet
167Kb / 2P
   SMD Power Inductors
NS12565T330MN TAIYO-YUDEN-NS12565T330MN Datasheet
167Kb / 2P
   SMD Power Inductors
NS12565T680MN TAIYO-YUDEN-NS12565T680MN Datasheet
167Kb / 2P
   SMD Power Inductors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com