Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CLH2012-S Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # CLH2012-S
Description  SMD Ceramic Multilayer Chip Inductors
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

CLH2012-S Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  CLH2012-S Datasheet HTML 1Page - List of Unclassifed Manufacturers CLH2012-S Datasheet HTML 2Page - List of Unclassifed Manufacturers CLH2012-S Datasheet HTML 3Page - List of Unclassifed Manufacturers CLH2012-S Datasheet HTML 4Page - List of Unclassifed Manufacturers CLH2012-S Datasheet HTML 5Page - List of Unclassifed Manufacturers CLH2012-S Datasheet HTML 6Page - List of Unclassifed Manufacturers CLH2012-S Datasheet HTML 7Page - List of Unclassifed Manufacturers CLH2012-S Datasheet HTML 8Page - List of Unclassifed Manufacturers CLH2012-S Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
SMD Ceramic Multilayer Chip Inductors – CLH Series
Test Instruments:Agilent E4991A Material/Impedance Analyzer
CLH0603T-1N0S-F
0
0.5
1
1.5
2
2.5
3
1
10
100
1000
10000
FREQUENCY (MHz)
RDC<0.11Ω SRF>10000MHz Rated current:470 mA
0
10
20
30
40
50
60
70
80
CLH0603T-1N2S-F
0
0.5
1
1.5
2
2.5
3
1
10
100
1000
10000
FREQUENCY (MHz)
RDC<0.12Ω SRF>10000MHz Rated current:450 mA
0
10
20
30
40
50
60
70
80
CLH0603T-1N5S-F
0
0.5
1
1.5
2
2.5
3
1
10
100
1000
10000
FREQUENCY (MHz)
RDC<0.13Ω SRF>10000MHz Rated current:430 mA
0
10
20
30
40
50
60
70
80
CLH0603T-1N8S-F
0
0.5
1
1.5
2
2.5
3
1
10
100
1000
10000
FREQUENCY (MHz)
RDC<0.16Ω SRF>10000MHz Rated current:390 mA
0
10
20
30
40
50
60
70
80
CLH0603T-2N0S-F
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
1
10
100
1000
10000
FREQUENCY (MHz)
RDC<0.11Ω SRF>10000MHz Rated current:470 mA
0
10
20
30
40
50
60
70
80
CLH0603T-2N2S-F
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
1
10
100
1000
10000
FREQUENCY (MHz)
RDC<0.19Ω SRF>8800MHz Rated current:360 mA
0
10
20
30
40
50
60
70
80
CLH0603T-2N4S-F
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
1
10
100
1000
10000
FREQUENCY (MHz)
RDC<0.2Ω SRF>8300MHz Rated current:350 mA
0
10
20
30
40
50
60
70
80
CLH0603T-2N7S-F
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
1
10
100
1000
10000
FREQUENCY (MHz)
RDC<0.21Ω SRF>7700MHz Rated current:340 mA
0
10
20
30
40
50
60
70
80
CLH0603T-3N0S-F
0
1
2
3
4
5
6
7
8
9
10
1
10
100
1000
10000
FREQUENCY (MHz)
RDC<0.22Ω SRF>7200MHz Rated current:330 mA
0
10
20
30
40
50
60
70
80
CLH0603T-3N3S-F
0
1
2
3
4
5
6
7
8
9
10
1
10
100
1000
10000
FREQUENCY (MHz)
RDC<0.23Ω SRF>6700MHz Rated current:320 mA
0
10
20
30
40
50
60
70
CLH0603T-3N6S-F
0
1
2
3
4
5
6
7
8
9
10
1
10
100
1000
10000
FREQUENCY (MHz)
RDC<0.25Ω SRF>6400MHz Rated current:310 mA
0
10
20
30
40
50
60
70
80
CLH0603T-3N9S-F
0
1
2
3
4
5
6
7
8
9
10
1
10
100
1000
10000
FREQUENCY (MHz)
RDC<0.27Ω SRF>6000MHz Rated current:300 mA
0
10
20
30
40
50
60
70
80
CLH0603T-4N3S-F
0
1
2
3
4
5
6
7
8
9
10
1
10
100
1000
10000
FREQUENCY (MHz)
RDC<0.3Ω SRF>5700MHz Rated current:280 mA
0
10
20
30
40
50
60
70
80
CLH0603T-4N7S-F
0
1
2
3
4
5
6
7
8
9
10
1
10
100
1000
10000
FREQUENCY (MHz)
RDC<0.3Ω SRF>5300MHz Rated current:280 mA
0
10
20
30
40
50
60
70
80
CLH0603T-5N1S-F
0
1
2
3
4
5
6
7
8
9
10
1
10
100
1000
10000
FREQUENCY (MHz)
RDC<0.33Ω SRF>5000MHz Rated current:270 mA
0
10
20
30
40
50
60
70
80


Similar Part No. - CLH2012-S

ManufacturerPart #DatasheetDescription
logo
Carlo Gavazzi Holding A...
CLH CARLOGAVAZZI-CLH Datasheet
152Kb / 2P
   Conductive Sensors Level Probes
08.04.2011
logo
Tyco Electronics
CLH-41-20120 MACOM-CLH-41-20120 Datasheet
51Kb / 2P
   Delay on operate timing mode
CLH-41-20120 MACOM-CLH-41-20120 Datasheet
51Kb / 2P
   Compact Time Delay Relay
CLH-41-30010 MACOM-CLH-41-30010 Datasheet
51Kb / 2P
   Delay on operate timing mode
CLH-41-30010 MACOM-CLH-41-30010 Datasheet
51Kb / 2P
   Compact Time Delay Relay
More results

Similar Description - CLH2012-S

ManufacturerPart #DatasheetDescription
logo
Shanghai Leiditech Elec...
LSCQ LEIDITECH-LSCQ Datasheet
7Mb / 13P
   SMD Ceramic Multilayer Chip Inductors
logo
Frontier Electronics.
TF060303 FRONTIER-TF060303 Datasheet
144Kb / 2P
   SMD MULTILAYER CERAMIC CHIP INDUCTORS
TF160808 FRONTIER-TF160808_15 Datasheet
115Kb / 2P
   SMD MULTILAYER CERAMIC CHIP INDUCTORS
TF100505 FRONTIER-TF100505_15 Datasheet
125Kb / 2P
   SMD MULTILAYER CERAMIC CHIP INDUCTORS
logo
List of Unclassifed Man...
CHQ ETC2-CHQ Datasheet
446Kb / 7P
   SMD Ceramic Multilayer Chip Inductors
logo
Shanghai Leiditech Elec...
LMH LEIDITECH-LMH Datasheet
6Mb / 22P
   SMD Ceramic Multilayer Chip Inductors
logo
RFE international
SCLH RFE-SCLH Datasheet
1Mb / 14P
   SMD Ceramic Multilayer Chip Inductors
23-OCT-2023
logo
Sumida Corporation
SCI-B1608-10N SUMIDA-SCI-B1608-10N Datasheet
333Kb / 2P
   Multilayer Chip Ceramic Inductors
logo
Abracon Corporation
AIMC-0805 ABRACON-AIMC-0805 Datasheet
59Kb / 1P
   MULTILAYER CERAMIC CHIP INDUCTORS
AIMC-0603 ABRACON-AIMC-0603 Datasheet
1Mb / 2P
   MULTILAYER CHIP CERAMIC INDUCTORS
06.01.11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com