Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT2308-1HDC8 Datasheet(PDF) 3 Page - Integrated Device Technology

Part # IDT2308-1HDC8
Description  3.3V ZERO DELAY CLOCK MULTIPLIER
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT2308-1HDC8 Datasheet(HTML) 3 Page - Integrated Device Technology

  IDT2308-1HDC8 Datasheet HTML 1Page - Integrated Device Technology IDT2308-1HDC8 Datasheet HTML 2Page - Integrated Device Technology IDT2308-1HDC8 Datasheet HTML 3Page - Integrated Device Technology IDT2308-1HDC8 Datasheet HTML 4Page - Integrated Device Technology IDT2308-1HDC8 Datasheet HTML 5Page - Integrated Device Technology IDT2308-1HDC8 Datasheet HTML 6Page - Integrated Device Technology IDT2308-1HDC8 Datasheet HTML 7Page - Integrated Device Technology IDT2308-1HDC8 Datasheet HTML 8Page - Integrated Device Technology IDT2308-1HDC8 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
3
COMMERCIALANDINDUSTRIALTEMPERATURERANGES
IDT2308
3.3V ZERO DELAY CLOCK MULTIPLIER
Device
FeedbackFrom
Bank A Frequency
Bank B Frequency
IDT2308-1
Bank A or Bank B
Reference
Reference
IDT2308-1H
Bank A or Bank B
Reference
Reference
IDT2308-2
Bank A
Reference
Reference/2
IDT2308-2
Bank B
2 x Reference
Reference
IDT2308-2H
Bank A
Reference
Reference/2
IDT2308-2H
Bank B
2 x Reference
Reference
IDT2308-3
Bank A
2 x Reference
ReferenceorReference(1)
IDT2308-3
Bank B
4 x Reference
2 x Reference
IDT2308-4
Bank A or Bank B
2 x Reference
2 x Reference
IDT2308-5H
Bank A or Bank B
Reference/2
Reference/2
NOTE:
1. Output phase is indeterminant (0° or 180° from input clock).
AVAILABLE OPTIONS FOR IDT2308
S2
S1
CLK A
CLK B
Output Source
PLL Shut Down
L
L
Tri-State
Tri-State
PLL
Y
L
H
Driven
Tri-State
PLL
N
H
L
Driven
Driven
REF
Y
H
H
Driven
Driven
PLL
N
FUNCTION TABLE(1) SELECT INPUT DECODING
NOTE:
1. H = HIGH Voltage Level
L = LOW Voltage Level


Similar Part No. - IDT2308-1HDC8

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT2308-1HDC IDT-IDT2308-1HDC Datasheet
144Kb / 13P
   3.3V ZERO DELAY CLOCK MULTIPLIER
IDT2308-1HDCG IDT-IDT2308-1HDCG Datasheet
144Kb / 13P
   3.3V ZERO DELAY CLOCK MULTIPLIER
IDT2308-1HDCI IDT-IDT2308-1HDCI Datasheet
144Kb / 13P
   3.3V ZERO DELAY CLOCK MULTIPLIER
More results

Similar Description - IDT2308-1HDC8

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT2308B IDT-IDT2308B Datasheet
295Kb / 13P
   3.3V ZERO DELAY CLOCK MULTIPLIER
IDT2308 IDT-IDT2308_10 Datasheet
171Kb / 13P
   3.3V ZERO DELAY CLOCK MULTIPLIER
logo
Renesas Technology Corp
IDT2308A RENESAS-IDT2308A Datasheet
237Kb / 11P
   3.3V ZERO DELAY CLOCK MULTIPLIER
AUGUST 2012
logo
Integrated Device Techn...
IDT2308A IDT-IDT2308A Datasheet
81Kb / 10P
   3.3V ZERO DELAY CLOCK MULTIPLIER
logo
Renesas Technology Corp
IDT2308 RENESAS-IDT2308 Datasheet
309Kb / 14P
   3.3V ZERO DELAY CLOCK MULTIPLIER
AUGUST 2012
logo
Integrated Device Techn...
IDT2308 IDT-IDT2308 Datasheet
144Kb / 13P
   3.3V ZERO DELAY CLOCK MULTIPLIER
2308B-1HDCG8 IDT-2308B-1HDCG8 Datasheet
134Kb / 13P
   3.3V ZERO DELAY CLOCK MULTIPLIER
logo
Fairchild Semiconductor
FMS7951 FAIRCHILD-FMS7951 Datasheet
73Kb / 8P
   Zero Delay Clock Multiplier
logo
Integrated Device Techn...
IDT23S08 IDT-IDT23S08_09 Datasheet
77Kb / 10P
   3.3V ZERO DELAY CLOCK MULTIPLIER, SPREAD SPECTRUM COMPATIBLE
IDT23S08E IDT-IDT23S08E Datasheet
67Kb / 10P
   3.3V ZERO DELAY CLOCK MULTIPLIER, SPREAD SPECTRUM COMPATIBLE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com