Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IC191-0402-002 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # IC191-0402-002
Description  SOP (Small Outline Packages, Gullwing Leads)
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

IC191-0402-002 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  IC191-0402-002 Datasheet HTML 1Page - List of Unclassifed Manufacturers IC191-0402-002 Datasheet HTML 2Page - List of Unclassifed Manufacturers IC191-0402-002 Datasheet HTML 3Page - List of Unclassifed Manufacturers IC191-0402-002 Datasheet HTML 4Page - List of Unclassifed Manufacturers IC191-0402-002 Datasheet HTML 5Page - List of Unclassifed Manufacturers IC191-0402-002 Datasheet HTML 6Page - List of Unclassifed Manufacturers IC191-0402-002 Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
SPECIFICATIONS ARE SUBJECT TO ALTERATION WITHOUT PRIOR NOTICE – DIMENSIONS IN MILLIMETER
SMT Devices
44 Test Solutions
IC235-0082-236-*
1.27
8
7.00
-
8.60
16.8 x 12.0
SOP
OT
IC51-0082-1024
1.27
8
5.20
7.20
7.90
18.5 x 32.5
SOP
CL/FB
IC51-0082-763
1.27
8
4.10
5.4
6.00
14.0 x 30.0
SOP
CL/S
IC51-1035 KS-10460
1.27
8
4.00
5.40
6.00
22.0 x 27.2
SOP
CL/S
IC51-0142-1013
1.27
14
5.20
7.20
7.90
18.5 x 32.5
SOP
CL/FB
IC51-1035 KS-15187
1.27
14
4.00
5.40
6.00
22.0 x 27.2
SOP
CL/S
IC51-347 KS-7704
1.27
14
7.70
9.50
10.30
16.0 x 31.5
SOP
CL/S
IC189-0162-003 *-*
1.27
16
5.30
-
7.80
20.9 x 15.8
SOP
OT
IC189-0162-019 *-*
1.27
16
5.60
-
7.70
20.8 x 16.0
SOP
OT
IC51-0162-1025
1.27
16
5.20
7.20
7.90
18.5 x 32.5
SOP
CL/FB
IC51-0162-1035
1.27
16
4.00
5.40
6.00
22.0 x 27.2
SOP
CL/S
IC51-0162-1042
1.27
16
4.00
5.40
6.00
22.0 x 27.2
SOP
CL/S
IC51-0162-150
1.27
16
4.50
4.90
6.40
26.0 x 35.0
SOP
CL/S
IC51-0162-271-1
1.27
16
5.50
5.22
8.00
13.0 x 28.5
SOP
CL/S
IC51-0162-271-2
1.27
16
5.00
5.22
8.00
13.0 x 28.5
SOP
CL/S
IC51-0162-271-3
1.27
16
4.50
5.22
8.00
13.0 x 28.5
SOP
CL/S
IC51-0162-272-1
1.27
16
5.50
5.72
8.00
13.0 x 28.5
SOP
CL/S
IC51-0162-273-1
1.27
16
5.50
6.22
8.00
13.0 x 28.5
SOP
CL/S
IC51-0162-302
1.27
16
5.35
7.20
7.80
12.0 x 30.5
SOP
CL/S
IC51-0162-658
1.27
16
4.40
5.70
7.00
26.0 x 31.5
SOP
CL/S
IC51-0162-902-2
1.27
16
5.30
7.20
8.20
12.0 x 28.5
SOP
CL/S
IC51-347 KS-6768
1.27
18
7.70
9.50
10.30
18.0 x 31.5
SOP
CL/S
IC189-0202-017
1.27
20
5.60
-
7.70
24.0 x 22.5
SOP
OT
IC51-0202-1026
1.27
20
5.20
7.20
7.90
18.5 x 32.5
SOP
CL/FB
IC51-0202-164
1.27
20
5.30
6.70
8.50
32.0 x 36.5
SOP
CL/S
IC51-0202-347
1.27
20
7.70
9.53
10.30
16.0 x 31.5
SOP
CL/S
1.27mm Pitch
IC189 Series
IC191 Series
SO package orientation
SO package
Clamshell Type Sockets
Open Top Type Sockets
Type I
Type II
IC235 Series
D
D
D
B
D
E
E
E
E
A
A
A
C
C
B
C
A = Body width
B = id size for
LIC
C = Tip-to-Tip
IC51 Series
Part Number
Pitch
Pin
Count
IC Dimensions
Socket
Dimensions
D x E
Body
A
Lid Size
IC and Socket
B (max.)
Tip-to-Tip
C
Special
Note
Package
Type
Applicable Dimensions
(Small Outline Packages, Gullwing Leads)
C L = Clamshell, OT = Open Top, S = Seperator, FB = Floating Base


Similar Part No. - IC191-0402-002

ManufacturerPart #DatasheetDescription
logo
RF Monolithics, Inc
IC1000 RFM-IC1000 Datasheet
89Kb / 4P
   Data/Clock Extraction IC
logo
List of Unclassifed Man...
IC1001 ETC2-IC1001 Datasheet
193Kb / 4P
   INFRARED RECEIVER/DECODER INTEGRATED CIRCUIT
logo
RF Monolithics, Inc
IC1003 RFM-IC1003 Datasheet
572Kb / 11P
   RF Uart
logo
RFE international
IC1006 RFE-IC1006 Datasheet
117Kb / 1P
   SURFACE MOUNT INDUCTORS IC Series: Power Chokes
logo
List of Unclassifed Man...
IC101 ETC1-IC101 Datasheet
293Kb / 4P
   BLOCK DIAGRAM AND SCHEMATIC DIAGRAM
More results

Similar Description - IC191-0402-002

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
IC201-1004 ETC2-IC201-1004 Datasheet
469Kb / 8P
   QFP (Quad Flat Packages, Gullwing Leads)
logo
Yamaichi Electronics Co...
IC51-0484-806 YAMAICHI-IC51-0484-806 Datasheet
593Kb / 6P
   Series Overview QFP (Quad Flat Packages, Gullwing Leads)
logo
Amkor Technology
SSOP AMKOR-SSOP Datasheet
433Kb / 2P
   Shrink Small Outline, Quarter-Size Small-Outline Packages
logo
TT Electronics.
OPIA500B TTELEC-OPIA500B Datasheet
1Mb / 23P
   SMD and SOP Packages
logo
Guangdong Youtai Semico...
LM75B UMW-LM75B Datasheet
312Kb / 23P
   plastic thin shrink small outline package; 8 leads;
logo
TT Electronics.
OPIA401 TTELEC-OPIA401 Datasheet
2Mb / 31P
   SMD, SOP and SSOP Packages
logo
ACCUTEK MICROCIRCUIT CO...
AKB083220 ACCUTEK-AKB083220_13 Datasheet
159Kb / 2P
   Thin Small Outline Packages TSOP to SOIC BGA Adapters
logo
Intersil Corporation
M24.173B INTERSIL-M24.173B Datasheet
42Kb / 1P
   Thin Shrink Small Outline Wxposed Pad Plastic Packages ( EPTSSOP)
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-M60L-500E AVAGO-ACPL-M60L-500E Datasheet
285Kb / 11P
   Small Outline, 5 Leads, High CMR, High Speed, Description
logo
ACCUTEK MICROCIRCUIT CO...
AKL083220 ACCUTEK-AKL083220_13 Datasheet
128Kb / 2P
   Thin Shrink Small Outline Packages TSOP to SOIC Leaded Adapters
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com