Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

POE75U Datasheet(PDF) 4 Page - Phihong USA Inc.

Part # POE75U
Description  75W Power over Ethernet Adapter Ultra Power over Ethernet Single Port Injector
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHIHONG [Phihong USA Inc.]
Direct Link  http://www.phihongusa.com
Logo PHIHONG - Phihong USA Inc.

POE75U Datasheet(HTML) 4 Page - Phihong USA Inc.

  POE75U Datasheet HTML 1Page - Phihong USA Inc. POE75U Datasheet HTML 2Page - Phihong USA Inc. POE75U Datasheet HTML 3Page - Phihong USA Inc. POE75U Datasheet HTML 4Page - Phihong USA Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Description of LED Functions for Gigabit Power Injector
Power-up Sequence:
Upon power-up, all 3 LEDs will light for 2 seconds, as part of the self-test for the internal
microprocessor software. After the 2 seconds period, the "ON" LED will illuminate green. The
DC output voltage is now available for powering a compliant load (to the 802.3af PoE
standards).
Detection Sequence:
Once a compliant load is attached to the output RJ45 connector, the green "CONNECT" LED
will illuminate.
Should the load be non-compliant then the LEDs will blink a code specific to the cause for
non-detection.
Detection Failure Codes:
1. Incorrect resistive signature – The green “CONNECT” and red “FAULT” LEDs will blink
3 times.
2. Incorrect capacitive signature – The green “ON” LED will blink 3 times.
3. Incorrect Voffset – The green “CONNECT” and green “ON” LEDs will blink 3 times.
4. Unstable current measurement – The green “ON” LED will blink 3 times
5. Low voltage sensed during detection (overload) – The red “FAULT” LED will blink 3
times
After the LEDs blink 3 times the Power Injector will continue to try to detect a valid load.
Until the correct load is applied, the LEDs will continue to blink. If there is an open circuit
connected to the output RJ45 then the LEDs will not blink but the Power Injector will continue
to try to detect a valid load.
Fault Sequence:
Should there be a fault such as an overload or short circuit then the red "FAULT" LED will
illuminate. The red “FAULT” LED will illuminate for 2 seconds and then go off as the power
supply tries to re-detect a valid load. If there is a problem detecting the load, the LED will
indicate a possible fault as per the codes in the section above.


Similar Part No. - POE75U

ManufacturerPart #DatasheetDescription
logo
Phihong USA Inc.
POE75U-1UP-N-R PHIHONG-POE75U-1UP-N-R Datasheet
1Mb / 45P
   Phihong Midspan POE with TCPIP (SNMPv2c)
More results

Similar Description - POE75U

ManufacturerPart #DatasheetDescription
logo
Phihong USA Inc.
POE75D-1UP PHIHONG-POE75D-1UP Datasheet
73Kb / 3P
   75W DC Input Power over Ethernet Midspan Ultra Power over Ethernet Single Port Injector
POE60U-560G-14 PHIHONG-POE60U-560G-14 Datasheet
78Kb / 3P
   60W Power over Ethernet Adapter Ultra Power Single Port Injector
POE36U-1AT-R PHIHONG-POE36U-1AT-R Datasheet
300Kb / 6P
   33.6W Power over Ethernet Adapter High Power Single Port Injector
Revision 12/11/2018
POE20D-1AF PHIHONG-POE20D-1AF_18 Datasheet
393Kb / 4P
   19.6W Power over Ethernet Adapter DC Input Single Port Injector
POE36D-1AT PHIHONG-POE36D-1AT_18 Datasheet
331Kb / 4P
   33.6W Power over Ethernet Adapter DC Input High Power Single Port Injector
POE30U-560GHT PHIHONG-POE30U-560GHT_18 Datasheet
351Kb / 4P
   30W Power over Ethernet Adapter High Power, High Temperature Single Port Injector
PSA16U-480 PHIHONG-PSA16U-480 Datasheet
116Kb / 3P
   Single Port 15.4W Power Over Ethernet Adapter
PSA16U-480 PHIHONG-PSA16U-480_14 Datasheet
77Kb / 3P
   Single Port 15.4W Power over Ethernet Adapter
POE29U-1AF PHIHONG-POE29U-1AF Datasheet
239Kb / 3P
   20W Single Port Power over Ethernet Midspan IEEE802.3AF Compliant Power Injector
POE60U-1BT PHIHONG-POE60U-1BT Datasheet
516Kb / 3P
   60W Single Port Power over Ethernet Midspan IEEE802.3bt Compliant Power Injector
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com