Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AOT25S65 Datasheet(PDF) 5 Page - Alpha & Omega Semiconductors

Part # AOT25S65
Description  650V 25A a MOS TM Power Transistor
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AOT25S65 Datasheet(HTML) 5 Page - Alpha & Omega Semiconductors

  AOT25S65 Datasheet HTML 1Page - Alpha & Omega Semiconductors AOT25S65 Datasheet HTML 2Page - Alpha & Omega Semiconductors AOT25S65 Datasheet HTML 3Page - Alpha & Omega Semiconductors AOT25S65 Datasheet HTML 4Page - Alpha & Omega Semiconductors AOT25S65 Datasheet HTML 5Page - Alpha & Omega Semiconductors AOT25S65 Datasheet HTML 6Page - Alpha & Omega Semiconductors AOT25S65 Datasheet HTML 7Page - Alpha & Omega Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
AOT25S65/AOB25S65/AOTF25S65
TYPICAL ELECTRICAL AND THERMAL CHARACTERISTICS
0
5
10
15
20
25
30
0
25
50
75
100
125
150
TCASE (°C)
Figure 15: Current De-rating (Note B)
0
150
300
450
600
750
900
25
50
75
100
125
150
175
TCASE (°C)
Figure 14: Avalanche energy
0.01
0.1
1
10
100
1000
0.1
1
10
100
1000
VDS (Volts)
Figure 13: Maximum Forward Biased Safe
Operating Area for AOTF25S65L(Note F)
10
µs
10ms
1ms
0.1s
DC
RDS(ON)
limited
TJ(Max)=150°C
TC=25°C
100
µs
1s
Rev1: Mar 2012
www.aosmd.com
Page 5 of 7


Similar Part No. - AOT25S65

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOT25S65 AOSMD-AOT25S65 Datasheet
317Kb / 7P
   650V 25A a MOS Power Transistor
AOT25S65 AOSMD-AOT25S65 Datasheet
317Kb / 7P
   650V 25A a MOS TM Power Transistor
logo
Inchange Semiconductor ...
AOT25S65 ISC-AOT25S65 Datasheet
304Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - AOT25S65

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOB25S65L AOSMD-AOB25S65L Datasheet
317Kb / 7P
   650V 25A a MOS TM Power Transistor
AOW25S65 AOSMD-AOW25S65 Datasheet
271Kb / 6P
   650V 25A a MOS TM Power Transistor
AOB25S65 AOSMD-AOB25S65 Datasheet
317Kb / 7P
   650V 25A a MOS Power Transistor
AOW7S65 AOSMD-AOW7S65 Datasheet
267Kb / 6P
   650V 7A a MOS TM Power Transistor
AOW11S65 AOSMD-AOW11S65 Datasheet
265Kb / 6P
   650V 11A a MOS TM Power Transistor
AOW15S65 AOSMD-AOW15S65 Datasheet
267Kb / 6P
   650V 15A a MOS TM Power Transistor
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com