Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD2S1210-EP Datasheet(PDF) 4 Page - Analog Devices

Part # AD2S1210-EP
Description  Variable Resolution, 10-Bit to 16-Bit R/D Converter with Reference Oscillator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD2S1210-EP Datasheet(HTML) 4 Page - Analog Devices

  AD2S1210-EP Datasheet HTML 1Page - Analog Devices AD2S1210-EP Datasheet HTML 2Page - Analog Devices AD2S1210-EP Datasheet HTML 3Page - Analog Devices AD2S1210-EP Datasheet HTML 4Page - Analog Devices AD2S1210-EP Datasheet HTML 5Page - Analog Devices AD2S1210-EP Datasheet HTML 6Page - Analog Devices AD2S1210-EP Datasheet HTML 7Page - Analog Devices AD2S1210-EP Datasheet HTML 8Page - Analog Devices AD2S1210-EP Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
AD2S1210-EP
Rev. 0 | Page 4 of 16
Parameter
Min
Typ
Max
Unit
Conditions/Comments
Settling Time 10° Step Input
10-bit
0.6
0.9
ms
To settle to within ±2 LSB, CLKIN = 8.192 MHz
12-bit
2.2
3.3
ms
To settle to within ±2 LSB, CLKIN = 8.192 MHz
14-bit
6.5
9.8
ms
To settle to within ±2 LSB, CLKIN = 8.192 MHz
16-bit
27.5
48
ms
To settle to within ±2 LSB, CLKIN = 8.192 MHz
Settling Time 179° Step Input
10-bit
1.5
2.4
ms
To settle to within ±2 LSB, CLKIN = 8.192 MHz
12-bit
4.75
6.1
ms
To settle to within ±2 LSB, CLKIN = 8.192 MHz
14-bit
10.5
15.2
ms
To settle to within ±2 LSB, CLKIN = 8.192 MHz
16-bit
45
68
ms
To settle to within ±2 LSB, CLKIN = 8.192 MHz
EXC, EXC OUTPUTS
Voltage
3.2
3.6
4.0
V p-p
Load ±100 µA, typical differential output
(EXC to EXC) = 7.2 V p-p
Center Voltage
2.40
2.47
2.53
V
Frequency
2
20
kHz
EXC/EXC DC Mismatch
30
mV
EXC/EXC AC Mismatch
132
mV
THD
−58
dB
First five harmonics
VOLTAGE REFERENCE
REFOUT
2.40
2.47
2.53
V
±IOUT = 100 µA
Drift
100
ppm/°C
PSRR
−60
dB
CLKIN, XTALOUT6
VIL Voltage Input Low
0.8
V
VIH Voltage Input High
2.0
V
LOGIC INPUTS
VIL Voltage Input Low
0.8
V
VDRIVE = 2.7 V to 5.25 V
0.7
V
VDRIVE = 2.3 V to 2.7 V
VIH Voltage Input High
2.0
V
VDRIVE = 2.7 V to 5.25 V
1.7
V
VDRIVE = 2.3 V to 2.7 V
IIL Low Level Input Current (Non-
Pull-Up)
10
µA
IIL Low Level Input Current (Pull-Up)
80
µA
RES0, RES1, RD,
WR/FSYNC, A0, A1, and RESET pins
IIH High Level Input Current
−10
µA
LOGIC OUTPUTS
VOL Voltage Output Low
0.4
V
VDRIVE = 2.3 V to 5.25 V
VOH Voltage Output High
2.4
V
VDRIVE = 2.7 V to 5.25 V
2.0
V
VDRIVE = 2.3 V to 2.7 V
IOZH High Level Three-State Leakage
−10
µA
IOZL Low Level Three-State Leakage
10
µA
POWER REQUIREMENTS
AVDD
4.75
5.25
V
DVDD
4.75
5.25
V
VDRIVE
2.3
5.25
V
POWER SUPPLY
IAVDD
12
mA
IDVDD
35
mA
IOVDD
2
mA
1 Temperature range is as follows: –55°C to +125°C.
2 The voltages SIN, SINLO, COS, and COSLO, relative to AGND, must always be between 0.15 V and AV
DD − 0.2 V.
3 All specifications within the angular accuracy parameter are tested at constant velocity, that is, zero acceleration.
4 The velocity accuracy specification includes velocity offset and dynamic ripple.
5 For example, when RES0 = 0 and RES1 = 1, the position output has a resolution of 12 bits. The velocity output has a resolution of 11 bits with the MSB indicating the
direction of rotation. In this example, with a CLKIN frequency of 8.192 MHz, the velocity LSB is 0.488 rps, that is, 1000 rps/(211).
6 The clock frequency of the AD2S1210-EP can be supplied with a crystal, an oscillator, or directly from a DSP/microprocessor digital output. When using a single-ended
clock signal directly from the DSP/microprocessor, the XTALOUT pin should remain open circuit and the logic levels outlined under the logic inputs parameter in Table 1 apply.


Similar Part No. - AD2S1210-EP

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD2S1210-10 AD-AD2S1210-10 Datasheet
544Kb / 37P
   Variable Resolution, 10-Bit to 16-Bit R/D Converter
More results

Similar Description - AD2S1210-EP

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD2S1210 AD-AD2S1210 Datasheet
513Kb / 36P
   Variable Resolution, 10-Bit to 16-Bit R/D Converter with Reference Oscillator
REV. 0
AD2S1210-10 AD-AD2S1210-10 Datasheet
544Kb / 37P
   Variable Resolution, 10-Bit to 16-Bit R/D Converter
AD2S1205 AD-AD2S1205 Datasheet
357Kb / 25P
   12-Bit R/D Converter with Reference Oscillator
Rev. PrB_10/06
AD2S1200 AD-AD2S1200 Datasheet
396Kb / 24P
   12-Bit R/D Converter with Reference Oscillator
REV. 0
AD2S1200 AD-AD2S1200_15 Datasheet
396Kb / 24P
   12-Bit R/D Converter with Reference Oscillator
REV. 0
AD2S1200 AD-AD2S1200_17 Datasheet
414Kb / 25P
   12-Bit R/D Converter Reference Oscillator
logo
Burr-Brown (TI)
ADC700 BURR-BROWN-ADC700 Datasheet
148Kb / 12P
   16-Bit Resolution With Microprocessor Interface A/D CONVERTER
logo
Analog Devices
ADADC71 AD-ADADC71_15 Datasheet
286Kb / 12P
   Complete, High Resolution 16-Bit A/D Converter
REV. C
logo
Texas Instruments
DAC56U TI1-DAC56U Datasheet
124Kb / 6P
[Old version datasheet]   Monolithic 16-Bit Resolution DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
DAC1600 BURR-BROWN-DAC1600 Datasheet
250Kb / 6P
   MONOLITHIC 16 BIT RESOLUTION DIGITAL - TO - ANALOG CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com