Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A1192LUA-T3 Datasheet(PDF) 3 Page - Allegro MicroSystems

Part # A1192LUA-T3
Description  Programmable, Chopper-Stabilized, Two Wire Hall-Effect Switches
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A1192LUA-T3 Datasheet(HTML) 3 Page - Allegro MicroSystems

  A1192LUA-T3 Datasheet HTML 1Page - Allegro MicroSystems A1192LUA-T3 Datasheet HTML 2Page - Allegro MicroSystems A1192LUA-T3 Datasheet HTML 3Page - Allegro MicroSystems A1192LUA-T3 Datasheet HTML 4Page - Allegro MicroSystems A1192LUA-T3 Datasheet HTML 5Page - Allegro MicroSystems A1192LUA-T3 Datasheet HTML 6Page - Allegro MicroSystems A1192LUA-T3 Datasheet HTML 7Page - Allegro MicroSystems A1192LUA-T3 Datasheet HTML 8Page - Allegro MicroSystems A1192LUA-T3 Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
ELECTRICAL CHARACTERISTICS Valid at TA = –40°C to 150°C, TJ < TJ(max), CBYP = 0.01 μF, through operating supply voltage
range; unless otherwise noted
Characteristics
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
Supply Voltage1,2
VCC
Operating, TJ ≤ 165 °C
3.0
24
V
Supply Current
ICC(L)
A1190
B > BOP
2.0
5.0
mA
A1192
B > BOP
5
6.9
mA
A1193
B < BRP
5
6.9
mA
ICC(H)
A1190, A1192
B < BRP
12
17
mA
A1193
B > BOP
12
17
mA
Supply Zener Clamp Voltage
VZ(sup)
ICC = ICC(L)(max) + 3 mA, TA = 25°C
28
V
Supply Zener Clamp Current
IZ(sup)
VZ(sup) = 28 V
ICC(L)(max)
+ 3 mA
mA
Reverse Supply Current
IRCC
VRCC = –18 V
–1.6
mA
Output Slew Rate3
di/dt
No bypass capacitor, capacitance of probe
CS = 20 pF
–90–
mA/ μs
Chopping Frequency
fC
700
kHz
Power-Up Time2,4,5
ton
A1190, A1192
CBYP = 0.01 μF, B >BOP +10 G
25
μs
A1193
CBYP = 0.01 μF, B < BRP –10 G
25
μs
Power-Up State6,7
POS
ton < ton(max), VCC slew rate > 25 mV/μs–
ICC(H)
––
1VCC represents the generated voltage between the VCC pin and the GND pin.
2The VCC slew rate must exceed 600 mV/ms from 0 to 3 V. A slower slew rate through this range can affect device performance.
3Measured without bypass capacitor between VCC pin and the GND pin. Use of a bypass capacitor results in slower current change.
4Power-Up Time is measured without and with a bypass capacitor of 0.01 μF. Adding a larger bypass capacitor would cause longer Power-Up Time.
5Guaranteed by characterization and design.
6Power-Up State as defined is true only with a VCC slew rate of 25 mV/μs or greater.
7For t > ton and BRP < B < BOP, Power-Up State is not defined.
MAGNETIC CHARACTERISTICS1 Valid at TA = –40°C to 150°C, TJ ≤ TJ (max); unless otherwise noted
Characteristics
Symbol
Test Conditions
Min.
Typ.
Max.
Unit2
Initial Operate Point
BOP(init)
–14
10
G
Programmable Magnetic
Operating Point
BOP
TA = 25°C
10
200
G
Average Magnetic Step Size3
STEPBOP TA = 25°C, VCC = 5 V
3
4.8
7.5
G
Switchpoint Temperature Drift
ΔBOP
±20
G
Hysteresis
BHYS
5
30
G
1Relative values of B use the algebraic convention, where positive values indicate south magnetic polarity, and negative values indicate north
magnetic polarity; therefore greater B values indicate a stronger south polarity field (or a weaker north polarity field, if present).
21 G (gauss) = 0.1 mT (millitesla).
3STEPBOP is a calculated average from the cumulative programmed bits.
PROGRAMMABLE PARAMETERS
Name
Functional Description
Quantity
of Bits
BOP Trim
Fine trim of Programmable Magnetic Operating Point
6
Programming Lock
Lock access to programming
1
Programmable, Chopper-Stabilized,
Two Wire Hall-Effect Switches
A1190, A1192,
and A1193
3
Allegro MicroSystems, LLC
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com


Similar Part No. - A1192LUA-T3

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A1192LUA-T3 ALLEGRO-A1192LUA-T3 Datasheet
815Kb / 22P
   Programmable, Chopper-Stabilized, Two-Wire Hall-Effect Switches
A1192LUA-T3 ALLEGRO-A1192LUA-T3 Datasheet
815Kb / 22P
   Programmable, Chopper-Stabilized, Two-Wire Hall-Effect Switches
More results

Similar Description - A1192LUA-T3

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A1190LUA-T ALLEGRO-A1190LUA-T Datasheet
420Kb / 18P
   Programmable, Chopper-Stabilized, Two Wire Hall-Effect Switches
A119X ALLEGRO-A119X Datasheet
815Kb / 22P
   Programmable, Chopper-Stabilized, Two-Wire Hall-Effect Switches
A119 ALLEGRO-A119 Datasheet
815Kb / 22P
   Programmable, Chopper-Stabilized, Two-Wire Hall-Effect Switches
A1190 ALLEGRO-A1190 Datasheet
387Kb / 18P
   Programmable, Chopper-Stabilized, Two Wire Hall-Effect Switches
A1150 ALLEGRO-A1150_16 Datasheet
955Kb / 14P
   Chopper-Stabilized, Two-Wire Hall-Effect Switches
A1152LUA-T ALLEGRO-A1152LUA-T Datasheet
265Kb / 12P
   Chopper-Stabilized, Two Wire Hall-Effect Switches
A1150_V5 ALLEGRO-A1150_V5 Datasheet
266Kb / 12P
   Chopper-Stabilized, Two Wire Hall-Effect Switches
A1150 ALLEGRO-A1150 Datasheet
266Kb / 12P
   Chopper-Stabilized, Two Wire Hall-Effect Switches
A1185 ALLEGRO-A1185_06 Datasheet
370Kb / 14P
   Ultrasensitive Two-Wire Field-Programmable Chopper-Stabilized Unipolar Hall-Effect Switches
A1185 ALLEGRO-A1185 Datasheet
318Kb / 14P
   Ultrasensitive Two-Wire Field-Programmable Chopper-Stabilized Unipolar Hall-Effect Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com