Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A1192LLHLT-T2 Datasheet(PDF) 2 Page - Allegro MicroSystems

Part # A1192LLHLT-T2
Description  Programmable, Chopper-Stabilized, Two Wire Hall-Effect Switches
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A1192LLHLT-T2 Datasheet(HTML) 2 Page - Allegro MicroSystems

  A1192LLHLT-T2 Datasheet HTML 1Page - Allegro MicroSystems A1192LLHLT-T2 Datasheet HTML 2Page - Allegro MicroSystems A1192LLHLT-T2 Datasheet HTML 3Page - Allegro MicroSystems A1192LLHLT-T2 Datasheet HTML 4Page - Allegro MicroSystems A1192LLHLT-T2 Datasheet HTML 5Page - Allegro MicroSystems A1192LLHLT-T2 Datasheet HTML 6Page - Allegro MicroSystems A1192LLHLT-T2 Datasheet HTML 7Page - Allegro MicroSystems A1192LLHLT-T2 Datasheet HTML 8Page - Allegro MicroSystems A1192LLHLT-T2 Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
Programmable, Chopper-Stabilized,
Two Wire Hall-Effect Switches
A1190, A1192,
and A1193
2
Allegro MicroSystems, LLC
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
NC
1
2
3
1
3
2
Pin-out Diagrams
LH Package
UA Package
Absolute Maximum Ratings
Characteristic
Symbol
Notes
Rating
Unit
Forward Supply Voltage
VCC
28
V
Reverse Supply Voltage
VRCC
–18
V
Magnetic Flux Density
B
Unlimited
G
Operating Ambient Temperature
TA
Range L
–40 to 150
ºC
Maximum Junction Temperature
TJ(max)
165
ºC
Storage Temperature
Tstg
–65 to 170
ºC
Selection Guide
Part Number
Package
Packing1
Output (ICC) in
South Polarity
Field
Supply Current
at ICC(L)
(mA)
Magnetic Operate
Point, BOP
(G)
A1190LLHLT-T2 LH (Surface mount) 7-in. reel, 3000 pieces/reel
Low
2 to 5
10 to 200
A1190LLHLX-T
LH (Surface mount) 13-in. reel, 10 000 pieces/reel
A1190LUA-T3
UA (Through hole)
Bulk, 500 pieces/bag
A1192LLHLT-T2 LH (Surface mount) 7-in. reel, 3000 pieces/reel
Low
5 to 6.9
A1192LLHLX-T
LH (Surface mount) 13-in. reel, 10 000 pieces/reel
A1192LUA-T3
UA (Through hole)
Bulk, 500 pieces/bag
A1193LLHLT-T2 LH (Surface mount) 7-in. reel, 3000 pieces/reel
High
A1193LLHLX-T
LH (Surface mount) 13-in. reel, 10 000 pieces/reel
A1193LUA-T3
UA (Through hole)
Bulk, 500 pieces/bag
1Contact Allegrofor additional packing options.
2These variants available only through authorized distributors.
3Contact factory for availability.
Terminal List Table
Number
Name
Function
LH package
UA package
1
VCC
VCC
Connects power supply to chip;
used to apply programming
signal
2
NC
GND
LH package: no connection
UA package: ground terminal
3
GND
GND
Ground terminal


Similar Part No. - A1192LLHLT-T2

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A1192LLHLT-T2 ALLEGRO-A1192LLHLT-T2 Datasheet
815Kb / 22P
   Programmable, Chopper-Stabilized, Two-Wire Hall-Effect Switches
A1192LLHLT-T2 ALLEGRO-A1192LLHLT-T2 Datasheet
815Kb / 22P
   Programmable, Chopper-Stabilized, Two-Wire Hall-Effect Switches
More results

Similar Description - A1192LLHLT-T2

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A1190LUA-T ALLEGRO-A1190LUA-T Datasheet
420Kb / 18P
   Programmable, Chopper-Stabilized, Two Wire Hall-Effect Switches
A119X ALLEGRO-A119X Datasheet
815Kb / 22P
   Programmable, Chopper-Stabilized, Two-Wire Hall-Effect Switches
A119 ALLEGRO-A119 Datasheet
815Kb / 22P
   Programmable, Chopper-Stabilized, Two-Wire Hall-Effect Switches
A1190 ALLEGRO-A1190 Datasheet
387Kb / 18P
   Programmable, Chopper-Stabilized, Two Wire Hall-Effect Switches
A1150 ALLEGRO-A1150_16 Datasheet
955Kb / 14P
   Chopper-Stabilized, Two-Wire Hall-Effect Switches
A1152LUA-T ALLEGRO-A1152LUA-T Datasheet
265Kb / 12P
   Chopper-Stabilized, Two Wire Hall-Effect Switches
A1150_V5 ALLEGRO-A1150_V5 Datasheet
266Kb / 12P
   Chopper-Stabilized, Two Wire Hall-Effect Switches
A1150 ALLEGRO-A1150 Datasheet
266Kb / 12P
   Chopper-Stabilized, Two Wire Hall-Effect Switches
A1185 ALLEGRO-A1185_06 Datasheet
370Kb / 14P
   Ultrasensitive Two-Wire Field-Programmable Chopper-Stabilized Unipolar Hall-Effect Switches
A1185 ALLEGRO-A1185 Datasheet
318Kb / 14P
   Ultrasensitive Two-Wire Field-Programmable Chopper-Stabilized Unipolar Hall-Effect Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com