Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

LP750SOT89 Datasheet(PDF) 2 Page - Filtronic Compound Semiconductors

Part No. LP750SOT89
Description  LOW NOISE, HIGH LINEARITY PACKAGED PHEMT
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FILTRONIC [Filtronic Compound Semiconductors]
Homepage  http://www.filtronic.co.uk/
Logo FILTRONIC - Filtronic Compound Semiconductors

LP750SOT89 Datasheet(HTML) 2 Page - Filtronic Compound Semiconductors

  LP750SOT89 Datasheet HTML 1Page - Filtronic Compound Semiconductors LP750SOT89 Datasheet HTML 2Page - Filtronic Compound Semiconductors LP750SOT89 Datasheet HTML 3Page - Filtronic Compound Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
LP750SOT89
LOW NOISE, HIGH LINEARITY PACKAGED PHEMT
Phone: (408) 988-1845
http:// www.filss.com
Revised: 1/18/02
Fax: (408) 970-9950
Email: sales@filss.com
• ABSOLUTE MAXIMUM RATINGS
Parameter
Symbol
Test Conditions
Min
Max
Units
Drain-Source Voltage
VDS
TAmbient = 22 ± 3 °C
7
V
Gate-Source Voltage
VGS
TAmbient = 22 ± 3 °C
-3
V
Drain-Source Current
IDS
TAmbient = 22 ± 3 °C
IDSS
mA
Gate Current
IG
TAmbient = 22 ± 3 °C
7.5
mA
RF Input Power
PIN
TAmbient = 22 ± 3 °C
175
mW
Channel Operating Temperature
TCH
TAmbient = 22 ± 3 °C
175
ºC
Storage Temperature
TSTG
-65
175
ºC
Total Power Dissipation
PTOT
TAmbient = 22 ± 3 °C
1.75
W
Notes:
Operating conditions that exceed the Absolute Maximum Ratings could result in permanent damage to the device.
Power Dissipation defined as: PTOT ≡ (PDC + PIN) – POUT, where
PDC: DC Bias Power
PIN: RF Input Power
POUT: RF Output Power
Absolute Maximum Power Dissipation to be de-rated as follows above 25
°C:
PTOT= 1.75W – (0.012W/°C) x TPACK
where TPACK = source tab lead temperature
This PHEMT is susceptible to damage from Electrostatic Discharge. Proper precautions should be used when handling these
devices.
• OPTIMUM POWER OUTPUT MATCHING
Load State
Frequency (GHz)
Magnitude
Phase
1.8
0.39
-168
°
2.2
0.37
-147
°
2.5
0.43
-135
°
• HANDLING PRECAUTIONS
To avoid damage to the devices care should be exercised during handling. Proper Electrostatic
Discharge (ESD) precautions should be observed at all stages of storage, handling, assembly, and
testing. These devices should be treated as Class 1A (0-500 V). Further information on ESD control
measures can be found in MIL-STD-1686 and MIL-HDBK-263.
• APPLICATIONS NOTES & DESIGN DATA
Applications Notes are available from your local Filtronic Sales Representative or directly from the
factory.
Complete design data, including S-parameters, noise data, and large-signal models are
available on the Filtronic web site.


Html Pages

1  2  3 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
FP1510SOT89LOW NOISE HIGH LINEARITY PACKAGED PHEMT 1 2 3 Filtronic Compound Semiconductors
FPD6836SOT343LOW NOISE HIGH LINEARITY PACKAGED PHEMT 1 2 3 4 Filtronic Compound Semiconductors
LP1500SOT223Low Noise High Linearity Packaged PHEMT 1 2 Filtronic Compound Semiconductors
LP1500SOT89LOW NOISE HIGH LINEARITY PACKAGED PHEMT 1 2 3 Filtronic Compound Semiconductors
LP3000SOT89LOW NOISE HIGH LINEARITY PACKAGED PHEMT 1 2 3 Filtronic Compound Semiconductors
FPD750SOT89LOW NOISE HIGH LINEARITY PACKAGED PHEMT 1 2 3 4 5 MoreFiltronic Compound Semiconductors
FPD750SOT343LOW NOISE HIGH LINEARITY PACKAGED PHEMT 1 2 3 4 Filtronic Compound Semiconductors
FPD2250SOT89LOW NOISE HIGH LINEARITY PACKAGED PHEMT 1 2 3 4 5 MoreFiltronic Compound Semiconductors
FPD3000SOT89LOW NOISE HIGH LINEARITY PACKAGED PHEMT 1 2 3 4 5 MoreFiltronic Compound Semiconductors
FPD750DFNLOW NOISE HIGH LINEARITY PACKAGED PHEMTT 1 2 3 4 5 Filtronic Compound Semiconductors

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn