Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

LP750SOT89 Datasheet(PDF) 1 Page - Filtronic Compound Semiconductors

Part No. LP750SOT89
Description  LOW NOISE, HIGH LINEARITY PACKAGED PHEMT
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FILTRONIC [Filtronic Compound Semiconductors]
Homepage  http://www.filtronic.co.uk/
Logo 

LP750SOT89 Datasheet(HTML) 1 Page - Filtronic Compound Semiconductors

   
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
LP750SOT89
LOW NOISE, HIGH LINEARITY PACKAGED PHEMT
Phone: (408) 988-1845
http:// www.filss.com
Revised: 1/18/02
Fax: (408) 970-9950
Email: sales@filss.com
• FEATURES
♦ 26 dBm Output Power at 1-dB Compression at 1.8 GHz
♦ 17 dB Power Gain at 1.8 GHz
♦ 0.7 dB Noise Figure
♦ 40 dBm Output IP3 at 1.8 GHz
♦ 55% Power-Added Efficiency
• DESCRIPTION AND APPLICATIONS
The LP750SOT89 is a packaged Aluminum Gallium Arsenide / Indium Gallium Arsenide
(AlGaAs/InGaAs) pseudomorphic High Electron Mobility Transistor (pHEMT). It utilizes a
0.25
µm x 750 µm Schottky barrier gate, defined by electron-beam photolithography. The recessed
“mushroom” gate structure minimizes parasitic gate-source and gate resistance.
The epitaxial
structure and processing have been optimized for reliable high-power applications. The LP750 also
features Si3N4 passivation and is available in die form or in other packages.
Typical applications include drivers or output stages in PCS/Cellular amplifiers, WLL and WLAN
systems, and other types of wireless infrastructure systems.
• ELECTRICAL SPECIFICATIONS @ T
Ambient = 25°C
Parameter
Symbol
Test Conditions
Min
Typ
Max
Units
Saturated Drain-Source Current
LP750SOT89-1
IDSS
VDS = 2 V; VGS = 0 V
180
230
mA
LP750SOT89-2
231
265
mA
Power at 1-dB Compression
P-1dB
VDS = 5 V; IDS = 50% IDSS
24
26
dBm
Power Gain at 1-dB Compression
G-1dB
VDS = 5 V; IDS = 50% IDSS
15.5
17
dB
Power-Added Efficiency
PAE
VDS = 5 V; IDS = 50% IDSS;
PIN = 10 dBm
55
%
Noise Figure
NF
VDS = 5 V; IDS = 50% IDSS
0.7
dB
Output Third-Order Intercept Point
IP3
VDS = 5V; IDS = 50% IDSS;
PIN = -7 dBm
40
dBm
Maximum Drain-Source Current
IMAX
VDS = 2 V; VGS = 1 V
450
mA
Transconductance
GM
VDS = 2 V; VGS = 0 V
170
220
mS
Gate-Source Leakage Current
IGSO
VGS = -5 V
5
45
µA
Pinch-Off Voltage
VP
VDS = 2 V; IDS = 4 mA
-0.25
-1.2
-2.0
V
Gate-Source Breakdown
Voltage Magnitude
|VBDGS|
IGS = 4 mA
-10
-12
V
Gate-Drain Breakdown
Voltage Magnitude
|VBDGD|
IGD = 4 mA
-10
-13
V
frequency=1.8 GHz


Html Pages

1  2  3 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
FP1510SOT89LOW NOISE HIGH LINEARITY PACKAGED PHEMT 1 2 3 Filtronic Compound Semiconductors
FPD6836SOT343LOW NOISE HIGH LINEARITY PACKAGED PHEMT 1 2 3 4 Filtronic Compound Semiconductors
LP1500SOT223Low Noise High Linearity Packaged PHEMT 1 2 Filtronic Compound Semiconductors
LP1500SOT89LOW NOISE HIGH LINEARITY PACKAGED PHEMT 1 2 3 Filtronic Compound Semiconductors
LP3000SOT89LOW NOISE HIGH LINEARITY PACKAGED PHEMT 1 2 3 Filtronic Compound Semiconductors
FPD750SOT89LOW NOISE HIGH LINEARITY PACKAGED PHEMT 1 2 3 4 5 MoreFiltronic Compound Semiconductors
FPD750SOT343LOW NOISE HIGH LINEARITY PACKAGED PHEMT 1 2 3 4 Filtronic Compound Semiconductors
FPD2250SOT89LOW NOISE HIGH LINEARITY PACKAGED PHEMT 1 2 3 4 5 MoreFiltronic Compound Semiconductors
FPD3000SOT89LOW NOISE HIGH LINEARITY PACKAGED PHEMT 1 2 3 4 5 MoreFiltronic Compound Semiconductors
FPD750DFNLOW NOISE HIGH LINEARITY PACKAGED PHEMTT 1 2 3 4 5 Filtronic Compound Semiconductors

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn