Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A4979GLPTR-T Datasheet(PDF) 40 Page - Allegro MicroSystems

Part # A4979GLPTR-T
Description  Microstepping Programmable Stepper Motor Driver With Stall Detect and Short Circuit Protection
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A4979GLPTR-T Datasheet(HTML) 40 Page - Allegro MicroSystems

Back Button A4979GLPTR-T Datasheet HTML 36Page - Allegro MicroSystems A4979GLPTR-T Datasheet HTML 37Page - Allegro MicroSystems A4979GLPTR-T Datasheet HTML 38Page - Allegro MicroSystems A4979GLPTR-T Datasheet HTML 39Page - Allegro MicroSystems A4979GLPTR-T Datasheet HTML 40Page - Allegro MicroSystems A4979GLPTR-T Datasheet HTML 41Page - Allegro MicroSystems A4979GLPTR-T Datasheet HTML 42Page - Allegro MicroSystems A4979GLPTR-T Datasheet HTML 43Page - Allegro MicroSystems A4979GLPTR-T Datasheet HTML 44Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 40 / 44 page
background image
Microstepping Programmable Stepper Motor Driver
With Stall Detect and Short Circuit Protection
A4979
A-6
Allegro MicroSystems, LLC
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
There are 4 quarter steps for each full step. A full step on the
phase diagram is represented by 90°. So each quarter step incre-
ments the phase angle by 90° / 4 = 22.5°.
In figure A7 the resultant motor current at quarter-step position 8
is one quarter step from the horizontal, so it is at 22.5°. The mag-
nitude of the current in phase A at quarter-step position 7, IA7,
is therefore sin 22.5°, which is equal to 0.383 or 38.3% of the
maximum current.
Similarly, the magnitude of the current in phase B at quarter-step
position 7, IB7, is therefore cos 22.5°, which is equal to 0.924 or
92.4% of the maximum current.
At the 45° positions, 2, 6, 10 and 14, the magnitude of the current
in phase A and phase B will be cos 45° = 0.707 or 70.7%, which
is the same magnitude as in the half-step case shown in figure A5.
Due to symmetry, the phase A current is the same at quarter-step
positions 7 and 1. The phase A current at quarter-step positions
9 and 15 also has the same magnitude, but the current is in the
opposite direction. In addition the phase B current at quarter-
step positions 3, 5, 11, and 13 also have the same magnitude as
that of phase A at quarter-step position 7, with a positive current
direction for steps 3 and 13 and a negative direction for steps 5
and 11. Similar symmetry can be applied to the phase B current at
quarter-step position 7, calculated above.
This means that only five discrete current magnitudes are
required, including 0% and 100%, in order to drive the stepper
motor to all 16 quarter-step positions. Using the same nomencla-
ture as figure A7, that is, I
Pn , where P is the phase, A or B, and n
is the quarter-step number from figure A6, table A1 shows where
each of the five magnitude values are used.
Figure A8 shows these values plotted as a current sequence
diagram. This figure is therefore the time-based equivalent of the
phase diagram in figure A6.
Table A1. Quarter-Step Phase Current Magnitudes
Magnitude
(%)
Phase B
Phase A
0.
IA0
–IA8
––
IB4
–IB12
38.3
IA1
IA7
IA9
IA15
IB3
IB5
IB11
IB13
70.7
IA2
IA6
IA10
IA14
IB2
IB6
IB10
IB14
92.4
IA3
IA5
IA11
IA13
IB1
IB7
IB9
IB15
100.
–IA4
–IA12
IB0
–IB8
IB
14 15 0
1
2
3
4
5
6
7
8
9 10 11 12
12 13
IA
38%
70%
92%
100%
0
-38%
-70%
-92%
-100%
38%
70%
92%
100%
0
-38%
-70%
-92%
-100%
Figure A8. Phase current sequence for quarter step
Figure A9. Measured sixteenth-step phase current sequence


Similar Part No. - A4979GLPTR-T

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A4979 ALLEGRO-A4979 Datasheet
987Kb / 44P
   The A4979 is a flexible microstepping motor driver with built-in translator for easy operation.
More results

Similar Description - A4979GLPTR-T

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L9942 STMICROELECTRONICS-L9942 Datasheet
575Kb / 37P
   Integrated stepper motor driver for bipolar stepper motors with microstepping and programmable current profile
L9942XP1TR STMICROELECTRONICS-L9942XP1TR Datasheet
524Kb / 40P
   Integrated stepper motor driver for bipolar stepper motors with microstepping and programmable current profile
L99SM81V STMICROELECTRONICS-L99SM81V Datasheet
3Mb / 85P
   Programmable stepper motor driver for automotive applications with micro-stepping and stall detection
June 2017 Rev 4
logo
List of Unclassifed Man...
TMC246 ETC2-TMC246_06 Datasheet
185Kb / 26P
   High Current Microstep Stepper Motor Driver with sensorless stall detection, protection / diagnosis and SPI Interface
TMC249 ETC2-TMC249_05 Datasheet
205Kb / 25P
   High Current Microstep Stepper Motor Driver with sensorless stall detection, protection / diagnostics and SPI Interface
TMC246A ETC2-TMC246A Datasheet
181Kb / 24P
   High Current Microstep Stepper Motor Driver with sensorless stall detection, protection / diagnosis and SPI Interface
logo
STMicroelectronics
AN1495 STMICROELECTRONICS-AN1495 Datasheet
714Kb / 25P
   Microstepping stepper motor drive
logo
Texas Instruments
DRV8434S TI-DRV8434S Datasheet
4Mb / 73P
[Old version datasheet]   DRV8434S Stepper Driver With Integrated Current Sense, 1/256 Microstepping, SPI Interface, Smart Tune Technology and Stall Detection
DRV8434A TI-DRV8434A Datasheet
3Mb / 51P
[Old version datasheet]   DRV8434A Stepper Driver With Integrated Current Sense, 1/256 Microstepping, smart tune and Stall Detection using GPIO pins
logo
Allegro MicroSystems
A4982_V4 ALLEGRO-A4982_V4 Datasheet
480Kb / 20P
   DMOS Microstepping Driver with Translator And Overcurrent Protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com