Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A6H-8101 Datasheet(PDF) 2 Page - Omron Electronics LLC

Part # A6H-8101
Description  Ultra-low Profile, Half-pitch, Surface-mounting DIP Switch
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

A6H-8101 Datasheet(HTML) 2 Page - Omron Electronics LLC

  A6H-8101 Datasheet HTML 1Page - Omron Electronics LLC A6H-8101 Datasheet HTML 2Page - Omron Electronics LLC A6H-8101 Datasheet HTML 3Page - Omron Electronics LLC A6H-8101 Datasheet HTML 4Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
296
Half-pitch DIP Switch
A6H
Dimensions
Note: 1. All units are in millimeters unless otherwise indicated.
2. Unless otherwise specified, a tolerance of
±0.4 mm applies to all dimensions.
No. of poles
Model
Dimension A
Standard
With seal tape
2
A6H-2101
A6H-2102
3.77
4
A6H-4101
A6H-4102
6.31
6
A6H-6101
A6H-6102
8.85
8
A6H-8101
A6H-8102
11.39
10
A6H-0101
A6H-0102
13.93
■ Standard
A6H-
@101
A6H-
@101-P
■ With Seal Tape
A6H-
@102
A6H-
@102-P
Standard
With seal tape
Seal tape (t=0.05)
Dimensions of PCB Pad
(Top View)
P: Pole numbers
P: Pole numbers
A±0.2
4.5±0.2
1.45
0.1
1.27
1.27×(P-1)
0.6
6.7
0.6
6.7
0.76
4.9
7.4
1.27×(P-1)±0.1
Internal connections
(top view)
o
ON
12
9 10


Similar Part No. - A6H-8101

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
A6H-8101 OMRON-A6H-8101 Datasheet
207Kb / 2P
   Half-pitch DIP Switch
A6H-8101 OMRON-A6H-8101 Datasheet
441Kb / 4P
   Half-pitch DIP Switch
A6H-8101-P OMRON-A6H-8101-P Datasheet
441Kb / 4P
   Half-pitch DIP Switch
A6H-8101-PM OMRON-A6H-8101-PM Datasheet
207Kb / 2P
   Half-pitch DIP Switch
More results

Similar Description - A6H-8101

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
A6H-4101 OMRON-A6H-4101 Datasheet
207Kb / 2P
   Half-pitch DIP Switch
A6H OMRON-A6H Datasheet
441Kb / 4P
   Half-pitch DIP Switch
logo
DB Lectro Inc
RM-01 DBLECTRO-RM-01 Datasheet
655Kb / 2P
   SURFACE MOUNTING TYPE DIP SWITCH
logo
E-SWITCH
KAN E-SWITCH-KAN Datasheet
818Kb / 2P
   HALF-PITCH LOW PROFILE DIP SWITCHES
logo
ITT Industries
TDA02H0SB1 ITT-TDA02H0SB1 Datasheet
126Kb / 1P
   Ultra-miniature Surface Mount Half-pitch DIP Switches
logo
List of Unclassifed Man...
TDA10H0SK1R ETC1-TDA10H0SK1R Datasheet
44Kb / 1P
   Ultra-miniature Surface Mount Half-pitch DIP Switches
logo
C&K Components
TDA CK-COMPONENTS-TDA_V01 Datasheet
242Kb / 3P
   Ultra-miniature Surface Mount Half-pitch DIP Switches
TDA01H0SB1 CK-COMPONENTS-TDA01H0SB1 Datasheet
233Kb / 3P
   Ultra-miniature Surface Mount Half-pitch DIP Switches
TDA CK-COMPONENTS-TDA Datasheet
142Kb / 2P
   Ultra-miniature Surface Mount Half-pitch DIP Switches
logo
CTS Corporation
218-8LPST CTS-218-8LPST Datasheet
324Kb / 2P
   Half Pitch, SMD DIP Switch
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com