Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

LP3000SOT89 Datasheet(PDF) 2 Page - Filtronic Compound Semiconductors

Part No. LP3000SOT89
Description  LOW NOISE, HIGH LINEARITY PACKAGED PHEMT
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FILTRONIC [Filtronic Compound Semiconductors]
Direct Link  http://www.filtronic.co.uk/
Logo FILTRONIC - Filtronic Compound Semiconductors

LP3000SOT89 Datasheet(HTML) 2 Page - Filtronic Compound Semiconductors

  LP3000SOT89 Datasheet HTML 1Page - Filtronic Compound Semiconductors LP3000SOT89 Datasheet HTML 2Page - Filtronic Compound Semiconductors LP3000SOT89 Datasheet HTML 3Page - Filtronic Compound Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
LP3000SOT89
LOW NOISE, HIGH LINEARITY PACKAGED PHEMT
Phone: (408) 988-1845
http:// www.filss.com
Revised: 1/16/02
Fax: (408) 970-9950
Email: sales@filss.com
• ABSOLUTE MAXIMUM RATINGS
Parameter
Symbol
Test Conditions
Min
Max
Units
Drain-Source Voltage
VDS
TAmbient = 22 ± 3 °C
7
V
Gate-Source Voltage
VGS
TAmbient = 22 ± 3 °C
-4
V
Drain-Source Current
IDS
TAmbient = 22 ± 3 °C
IDSS
mA
Gate Current
IG
TAmbient = 22 ± 3 °C
30
mA
RF Input Power
PIN
TAmbient = 22 ± 3 °C
1
W
Channel Operating Temperature
TCH
TAmbient = 22 ± 3 °C
175
ºC
Storage Temperature
TSTG
-65
175
ºC
Total Power Dissipation
PTOT
TAmbient = 22 ± 3 °C
3.75
W
Notes:
Operating conditions that exceed the Absolute Maximum Ratings could result in permanent damage to the device.
Power Dissipation defined as: PTOT ≡ (PDC + PIN) – POUT, where
PDC: DC Bias Power
PIN: RF Input Power
POUT: RF Output Power
Absolute Maximum Power Dissipation to be de-rated as follows above 25
°C:
PTOT= 3.75W – (0.025W/°C) x THS
where TPACK = source tab lead temperature..
This PHEMT is susceptible to damage from Electrostatic Discharge. Proper precautions should be used when handling these
devices.
• OPTIMUM POWER OUTPUT MATCHING
Load State
Frequency (GHz)
Magnitude
Phase
1.8
0.77
-154
°
2.2
0.68
-150
°
2.5
0.59
-143
°
• HANDLING PRECAUTIONS
To avoid damage to the devices care should be exercised during handling. Proper Electrostatic
Discharge (ESD) precautions should be observed at all stages of storage, handling, assembly, and
testing. These devices should be treated as Class 1A (0-500 V). Further information on ESD control
measures can be found in MIL-STD-1686 and MIL-HDBK-263.
• APPLICATIONS NOTES & DESIGN DATA
Applications Notes are available from your local Filtronic Sales Representative or directly from the
factory.
Complete design data, including S-parameters, noise data, and large-signal models are
available on the Filtronic web site.


Similar Part No. - LP3000SOT89

ManufacturerPart No.DatasheetDescription
Filtronic Compound Semiconductors
Filtronic Compound Semi...
LP3000 FILTRONIC-LP3000 Datasheet
44Kb / 2P
   2 W POWER PHEMT
LP3000 FILTRONIC-LP3000 Datasheet
49Kb / 2P
   2W Power PHEMT
LP3000P100 FILTRONIC-LP3000P100 Datasheet
47Kb / 3P
   PACKAGED 2W POWER PHEMT
More results

Similar Description - LP3000SOT89

ManufacturerPart No.DatasheetDescription
Filtronic Compound Semiconductors
Filtronic Compound Semi...
FPD750SOT89 FILTRONIC-FPD750SOT89 Datasheet
386Kb / 8P
   LOW NOISE, HIGH LINEARITY PACKAGED PHEMT
FPD1500SOT89 FILTRONIC-FPD1500SOT89_1 Datasheet
708Kb / 12P
   LOW NOISE HIGH LINEARITY PACKAGED PHEMT
FPD750DFN FILTRONIC-FPD750DFN_1 Datasheet
419Kb / 9P
   LOW NOISE HIGH LINEARITY PACKAGED PHEMT
FPD3000SOT89 FILTRONIC-FPD3000SOT89_1 Datasheet
475Kb / 7P
   LOW NOISE HIGH LINEARITY PACKAGED PHEMT
FPD1500DFN FILTRONIC-FPD1500DFN_1 Datasheet
462Kb / 10P
   LOW NOISE HIGH LINEARITY PACKAGED PHEMT
FPD1500DFN_ FILTRONIC-FPD1500DFN_ Datasheet
317Kb / 10P
   LOW NOISE HIGH LINEARITY PACKAGED PHEMT
FPD3000SOT89 FILTRONIC-FPD3000SOT89 Datasheet
393Kb / 8P
   LOW NOISE, HIGH LINEARITY PACKAGED PHEMT
LP1500SOT223 FILTRONIC-LP1500SOT223 Datasheet
69Kb / 2P
   Low Noise, High Linearity Packaged PHEMT
FPD1050SOT89 FILTRONIC-FPD1050SOT89 Datasheet
237Kb / 8P
   LOW NOISE HIGH LINEARITY PACKAGED PHEMT
FPD750SOT343 FILTRONIC-FPD750SOT343 Datasheet
105Kb / 4P
   LOW NOISE, HIGH LINEARITY PACKAGED PHEMT
More results


Html Pages

1  2  3 


Datasheet Download

Go To PDF Page


Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz