Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

LP1500SOT223 Datasheet(PDF) 2 Page - Filtronic Compound Semiconductors

Part No. LP1500SOT223
Description  Low Noise, High Linearity Packaged PHEMT
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FILTRONIC [Filtronic Compound Semiconductors]
Homepage  http://www.filtronic.co.uk/
Logo 

LP1500SOT223 Datasheet(HTML) 2 Page - Filtronic Compound Semiconductors

   
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Filtronic
LP1500SOT223
Solid State
Low Noise, High Linearity Packaged PHEMT
Phone: (408) 988-1845
Internet: http://www.filtronicsolidstate.com
Fax: (408) 970-9950
ABSOLUTE MAXIMUM RATINGS
(25
°C)
RECOMMENDED CONTINUOUS
OPERATING LIMITS
SYMBOL
PARAMETER
RATING
1
SYMBOL
PARAMETER
RATING
2
VDS
Drain-Source Voltage
4V
VDS
Drain-Source Voltage
3.5V
VGS
Gate-Source Voltage
-3V
VGS
Gate-Source Voltage
-1V
IDS
Drain-Source Current
IDSS
IDS
Drain-Source Current
0.5 x IDSS
IG
Gate Current
50 mA
IG
Gate Current
15 mA
PIN
RF Input Power
350 mW
PIN
RF Input Power
250 mW
TCH
Channel Temperature
175
°C
TCH
Channel Temperature
150
°C
TSTG
Storage Temperature
-65/175
°C
TSTG
Storage Temperature
-20/50
°C
PT
Power Dissipation
1.7W
3,4
PT
Power Dissipation
1.4 W
3,4
GXdB
Gain Compression
8 dB
NOTES:
1. Operating conditions that exceed the Absolute Maximum Ratings could result in permanent damage to the device.
2. Recommended Continuous Operating Limits should be observed for reliable device operation.
3. Power Dissipation defined as: PT ≡ (PDC + PIN) - POUT, where: PDC = DC bias power, POUT = RF output power, and
PIN = RF input power. Provide for adequate heatsinking at the large source lead.
4. Power Dissipation to be de-rated as follows above 25
°C:
Absolute Maximum:
PT = 1.7W - (10mW/°C) x THS
Recommended Continuous Operating:
PT = 1.4W - (10mW/°C) x THS
where THS = heatsink or ambient temperature.
5. Specifications subject to change without notice.
HANDLING PRECAUTIONS:
Care should be exercised during handling to avoid damage to the devices.
Proper Electrostatic Discharge (ESD)
precautions should be observed at all stages of storage, handling, assembly, and testing.
These devices should be
treated as Class 1A (0-500V), and further information on ESD control measures can be found in MIL-STD-1686 and MIL-
HDBK-263.
APPLICATIONS NOTES AND DESIGN DATA:
Applications Notes are available from your local FSS Sales Representative, or directly from the factory. Complete design
data, including S-parameters, Noise data, and Large-Signal models, is available on 3.5” diskette, or may be down-loaded
from our Web Page.
PACKAGE OUTLINE:
0 .1 4 6
0 .2 8 6
0 .1 2 0
0 .2 6 4
(D IM E N S IO N S IN IN C H E S )
0 .0 1 2
0 .0 5 1
0 .0 3 0
0 .0 7 1
0 .0 9 0
DSS-026 WF


Html Pages

1  2 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
FP1510SOT89LOW NOISE HIGH LINEARITY PACKAGED PHEMT 1 2 3 Filtronic Compound Semiconductors
FPD6836SOT343LOW NOISE HIGH LINEARITY PACKAGED PHEMT 1 2 3 4 Filtronic Compound Semiconductors
LP1500SOT89LOW NOISE HIGH LINEARITY PACKAGED PHEMT 1 2 3 Filtronic Compound Semiconductors
LP3000SOT89LOW NOISE HIGH LINEARITY PACKAGED PHEMT 1 2 3 Filtronic Compound Semiconductors
LP750SOT89LOW NOISE HIGH LINEARITY PACKAGED PHEMT 1 2 3 Filtronic Compound Semiconductors
FPD750SOT89LOW NOISE HIGH LINEARITY PACKAGED PHEMT 1 2 3 4 5 MoreFiltronic Compound Semiconductors
FPD750SOT343LOW NOISE HIGH LINEARITY PACKAGED PHEMT 1 2 3 4 Filtronic Compound Semiconductors
FPD2250SOT89LOW NOISE HIGH LINEARITY PACKAGED PHEMT 1 2 3 4 5 MoreFiltronic Compound Semiconductors
FPD3000SOT89LOW NOISE HIGH LINEARITY PACKAGED PHEMT 1 2 3 4 5 MoreFiltronic Compound Semiconductors
FPD750DFNLOW NOISE HIGH LINEARITY PACKAGED PHEMTT 1 2 3 4 5 Filtronic Compound Semiconductors

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn