Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XR1008-QB Datasheet(PDF) 7 Page - M/A-COM Technology Solutions, Inc.

Part # XR1008-QB
Description  37.0-40.0 GHz GaAs Receiver
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

XR1008-QB Datasheet(HTML) 7 Page - M/A-COM Technology Solutions, Inc.

  XR1008-QB Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. XR1008-QB Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. XR1008-QB Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. XR1008-QB Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. XR1008-QB Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. XR1008-QB Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. XR1008-QB Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
Page 7 of 7
CAUTION! - Mimix Broadband MMIC Products contain gallium arsenide (GaAs) which can be hazardous to the human body and the
environment. For safety, observe the following procedures:
Do not ingest.
Do not alter the form of this product into a gas, powder, or liquid through burning, crushing, or chemical processing as these
by-products are dangerous to the human body if inhaled, ingested, or swallowed.
Observe government laws and company regulations when discarding this product.This product must be discarded in
accordance with methods specified by applicable hazardous waste procedures.
- Mimix Broadband's products are not authorized for use as critical components in life support devices or
systems without the express written approval of the President and General Counsel of Mimix Broadband. As used herein: (1) Life
support devices or systems are devices or systems which, (a) are intended for surgical implant into the body, or (b) support or sustain
life, and whose failure to perform when properly used in accordance with instructions for use provided in the labeling, can be
reasonably expected to result in a significant injury to the user. (2) A critical component is any component of a life support device or
system whose failure to perform can be reasonably expected to cause the failure of the life support device or system, or to affect its
safety or effectiveness.
Package Attachment - This packaged product from Mimix Broadband is provided as a rugged surface mount package compatible
with high volume solder installation.The package is a low-cost plastic package.Vacuum tools or other suitable pick and place
equipment may be used to pick and place this part. Care should be taken to ensure that there are no voids or gaps in the solder
connection so that good RF, DC and ground connections are maintained.Voids or gaps can eventually lead not only to RF
performance degradation, but reduced reliability and life of the product due to thermal stress.
Mimix Lead-Free RoHS Compliant Program - Mimix has an active program in place to meet customer and governmental
requirements for eliminating lead (Pb) and other environmentally hazardous materials from our products. All Mimix RoHS compliant
components are form, fit and functional replacements for their non-RoHS equivalents. Lead plating of our RoHS compliant parts is
100% matte tin (Sn) over copper alloy and is backwards compatible with current standard SnPb low-temperature reflow processes as
well as higher temperature (260°C reflow) “Pb Free” processes.
XR1008-QB-ANP0
Ni/Au plated RoHS compliant 7x7 28L surface mount package in bulk quantity
XR1008-QB-ANPT
Ni/Au plated RoHS compliant 7x7 28L surface mount package in tape and reel
XR1008-QB -EV1
XR1008-QB evaluation board
We also offer this part with alternative plating options. Please contact your regional sales manager for more information regarding
different plating types.
Reflow Profile
Ramp Up Rate
Activation Time and Temperature
Time Above Melting Point
Max Peak Temperature
Time Within 5 ºC of Peak
Ramp Down Rate
SnPb
3-4 ºC/sec
60-120 sec @ 140-160 ºC
60-150 sec
240 ºC
10-20 sec
4-6 ºC/sec
Pb Free
3-4 ºC/sec
60-180 sec @ 170-200 ºC
60-150 sec
265 ºC
10-20 sec
4-6 ºC/sec
R1008-QB
Ca u t i o n : E S D S e n s i t i ve
Appropriate precautions in handling, packaging
and testing devices must be observed.
Proper ESD procedures should be followed when handling this device.
Ordering Information
37.0-40.0 GHz GaAs Receiver (USB)
SMT, 7x7 mm
Mimix Broadband, Inc., 10795 Rockley Rd., Houston,Texas 77099
Tel: 281.988.4600 Fax: 281.988.4615 mimixbroadband.com
Characteristic Data and Specifications are subject to change without notice. ©2011 Mimix Broadband, Inc.
Export of this item may require appropriate export licensing from the U.S. Government. In purchasing these parts, U.S. Domestic customers accept
their obligation to be compliant with U.S. Export Laws.
April 2011 - Rev 27-Apr-11


Similar Part No. - XR1008-QB

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
XR1008-QB MIMIX-XR1008-QB Datasheet
244Kb / 7P
   35.0-45.0 GHz GaAs Receiver QFN, 7x7 mm
XR1008-QB MIMIX-XR1008-QB Datasheet
213Kb / 7P
   35.0-45.0 GHz GaAs Receiver SMT, 7x7 mm
XR1008-QB MIMIX-XR1008-QB Datasheet
1Mb / 8P
   35.0-45.0 GHz GaAs Receiver
XR1008-QB-0L00 MIMIX-XR1008-QB-0L00 Datasheet
244Kb / 7P
   35.0-45.0 GHz GaAs Receiver QFN, 7x7 mm
XR1008-QB-0L00 MIMIX-XR1008-QB-0L00 Datasheet
213Kb / 7P
   35.0-45.0 GHz GaAs Receiver SMT, 7x7 mm
More results

Similar Description - XR1008-QB

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
B1014-QT MIMIX-B1014-QT_11 Datasheet
716Kb / 6P
   37.0-40.0 GHz GaAs MMIC
XP1031-QK MIMIX-XP1031-QK_09 Datasheet
224Kb / 6P
   37.0-40.0 GHz GaAs Power Amplifier
XP1080-QU MIMIX-XP1080-QU_11 Datasheet
966Kb / 6P
   37.0-40.0 GHz GaAs Power Amplifier
XP1012 MIMIX-XP1012 Datasheet
158Kb / 6P
   37.0-40.0 GHz GaAs MMIC Power Amplifier
XB1014-QT MIMIX-XB1014-QT Datasheet
672Kb / 6P
   37.0-40.0 GHz GaAs MMIC Buffer Amplifier, QFN
XP1080-QU MIMIX-XP1080-QU Datasheet
955Kb / 6P
   37.0-40.0 GHz GaAs Power Amplifier QFN, 7x7mm
XU1019-QH_1003 MIMIX-XU1019-QH_1003 Datasheet
1Mb / 10P
   37.0-40.0 GHz Up-Converter
logo
M/A-COM Technology Solu...
XU1019-QH MA-COM-XU1019-QH Datasheet
1Mb / 10P
   37.0-40.0 GHz Up-ConverterQFN
logo
Mimix Broadband
XR1001-BD MIMIX-XR1001-BD Datasheet
288Kb / 8P
   33.0-40.0 GHz GaAs MMIC Receiver
XR1001 MIMIX-XR1001 Datasheet
1Mb / 8P
   33.0-40.0 GHz GaAs MMIC Receiver
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com